Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-0370-500 Arkusz danych(PDF) 11 Page - Agilent(Hewlett-Packard)

Numer części HCPL-0370-500
Szczegółowy opis  AC/DC to Logic Interface Optocouplers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0370-500 Arkusz danych(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HCPL-0370-500 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0370-500 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0370-500 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0370-500 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0370-500 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-0370-500 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-0370-500 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-0370-500 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-0370-500 Datasheet HTML 13Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
Figure 7. Typical Propagation Delay vs. Temperature.
TA – TEMPERATURE – °C
6
-25
24
050
75
0
16
20
-40
85
4
2
25
HCPL-3760
8
10
12
14
18
22
RL = 4.7 kΩ
CL = 30 pF
VCC = 5.0 V
VIN =
tPLH
5.0 V
1 ms PULSE WIDTH
f = 100 Hz
tr, tf = 1 µs (10-90%)
tPHL
TA – TEMPERATURE – °C
-25
30
050
75
0
20
25
-40
85
5
25
HCPL-3760
10
15
RL = 4.7 kΩ
CL = 30 pF
VCC = 5.0 V
VIN =
tf
5.0 V
1 ms PULSE WIDTH
f = 100 Hz
tr, tf = 1 µs (10-90%)
tr
700
100
500
600
200
300
400
Figure 8. Typical Rise, Fall Times vs. Temperature.
Figure 9. Common Mode Transient Immunity
vs. Common Mode Transient Amplitude.
TA – TEMPERATURE – °C
6
-20
24
040
60
0
16
20
-40
80
4
2
20
HCPL-0370/3700
8
10
12
14
18
22
RL = 4.7 kΩ
CL = 30 pF
VCC = 5.0 V
VIN =
tPLH
5.0 V
1 ms PULSE WIDTH
f = 100 Hz
tr, tf = 1 µs (10-90%)
tPHL
TA – TEMPERATURE – °C
-20
60
040
60
0
40
50
-40
80
10
20
HCPL-0370/3700
20
30
RL = 4.7 kΩ
CL = 30 pF
VCC = 5.0 V
VIN =
tr
5.0 V
1 ms PULSE WIDTH
f = 100 Hz
tr, tf = 1 µs (10-90%)
600
0
400
500
100
200
300
tf
VCM – COMMON MODE TRANSIENT AMPLITUDE – V
400
5000
800
1600
0
3000
4000
0
2000
500
1200
1000
2000
VCC = 5.0 V
IIN = 0 mA
VOH = 2.0 V
RL = 4.7 kΩ
TA = 25 °C
CML
CMH
VCC = 5.0 V
IIN = 3.11 mA (0370/3700)
IIN = 1.53 mA (3760)
VOL = 0.8 V
RL = 4.7 kΩ
TA = 25 °C


Podobny numer części - HCPL-0370-500

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0370-500E AVAGO-HCPL-0370-500E Datasheet
520Kb / 14P
   Isolated Voltage/Current Detectors
More results

Podobny opis - HCPL-0370-500

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-3700 HP-HCPL-3700 Datasheet
230Kb / 13P
   AC/DC to Logic Interface Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5760 AVAGO-HCPL-5760 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-5761 AVAGO-HCPL-5761 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-576X BOARDCOM-HCPL-576X Datasheet
1Mb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-576X HP-HCPL-576X Datasheet
164Kb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Fairchild Semiconductor
HCPL3700 FAIRCHILD-HCPL3700 Datasheet
525Kb / 10P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
HCPL3700V FAIRCHILD-HCPL3700V Datasheet
271Kb / 11P
   AC/DC to Logic Interface Optocoupler
HCPL3700S FAIRCHILD-HCPL3700S Datasheet
142Kb / 9P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
HCPL-3700 FAIRCHILD-HCPL-3700 Datasheet
137Kb / 11P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
logo
QT Optoelectronics
74OL6000 QT-74OL6000 Datasheet
793Kb / 9P
   HIGH-SPEED LOGIC-TO-LOGIC OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com