Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-3700-XXXE Arkusz danych(PDF) 8 Page - Agilent(Hewlett-Packard)

Numer części HCPL-3700-XXXE
Szczegółowy opis  AC/DC to Logic Interface Optocouplers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-3700-XXXE Arkusz danych(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HCPL-3700-XXXE Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-3700-XXXE Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-3700-XXXE Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-3700-XXXE Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-3700-XXXE Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-3700-XXXE Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-3700-XXXE Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-3700-XXXE Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-3700-XXXE Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Parameter
Sym.
Device
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Propagation Delay
HCPL-0370/3700
4.0
Time to Logic Low
tPHL
15.0
µsR
L = 4.7 kΩ, CL = 30 pF
10
at Output
HCPL-3760
4.5
7, 10
Propagation Delay
HCPL-0370/3700
10.0
Time to Logic High
tPLH
40.0
µsR
L = 4.7 kΩ, CL = 30 pF
11
at Output
HCPL-3760
8.0
HCPL-0370/3700
20
Output Rise Time
tr
µsR
L = 4.7 kΩ, CL = 30 pF
(10-90%)
HCPL-3760
14
8
HCPL-0370/3700
0.3
Output Fall Time
tf
µsR
L = 4.7 kΩ, CL = 30 pF
(90-10%)
HCPL-3760
0.4
Common Mode
IIN = 0 mA, RL = 4.7 kΩ,
Transient Immunity
|CMH|
4000
V/
µsV
O min = 2.0 V, VCM = 1400 V
at Logic High Output
9, 11
12, 13
Common Mode
HCPL-0370/3700
IIN = 3.11 mA
RL = 4.7 kΩ,
Transient Immunity
|CML|
600
V/
µsV
O max = 0.8 V,
at Logic Low Output
HCPL-3760
IIN = 1.56 mA
VCM = 140 V
Switching Specifications
TA = 25°C, VCC = 5.0 V, Unless Otherwise Specified.
Package Characteristics
Over Recommended Temperature TA = 0°C to 70°C, Unless Otherwise Specified.
Parameter
Sym.
Min.
Typ.[9] Max. Units
Conditions
Fig.
Note
Input-Output Momentary
VISO
3750
V rms
RH
≤ 50%, t = 1 min;
16,
Withstand Voltage*
TA = 25°C17
Option 020
5000
18
Input-Output Resistance
RI-O
1012
VI-O = 500 Vdc
16
Input-Output Capacitance
CI-O
0.6
pF
f = 1 MHz; VI-O = 0 Vdc
*The Input-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-output
continuous voltage rating. For the continuous voltage rating refer to the IEC/EN/DIN EN 60747-5-2 Insulation Characteristics Table (if
applicable), your equipment level safety specification, or Agilent Application Note 1074, “Optocoupler Input-Output Endurance Voltage.”


Podobny numer części - HCPL-3700-XXXE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-3700 HP-HCPL-3700 Datasheet
230Kb / 13P
   AC/DC to Logic Interface Optocouplers
logo
Fairchild Semiconductor
HCPL-3700 FAIRCHILD-HCPL-3700 Datasheet
137Kb / 11P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
HCPL-3700 FAIRCHILD-HCPL-3700 Datasheet
525Kb / 10P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3700 AVAGO-HCPL-3700 Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
HCPL-3700 AVAGO-HCPL-3700 Datasheet
477Kb / 14P
   Isolated Voltage/Current Detectors
More results

Podobny opis - HCPL-3700-XXXE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Agilent(Hewlett-Packard...
HCPL-3700 HP-HCPL-3700 Datasheet
230Kb / 13P
   AC/DC to Logic Interface Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5760 AVAGO-HCPL-5760 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-5761 AVAGO-HCPL-5761 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Broadcom Corporation.
HCPL-576X BOARDCOM-HCPL-576X Datasheet
1Mb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-576X HP-HCPL-576X Datasheet
164Kb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Fairchild Semiconductor
HCPL3700 FAIRCHILD-HCPL3700 Datasheet
525Kb / 10P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
HCPL3700V FAIRCHILD-HCPL3700V Datasheet
271Kb / 11P
   AC/DC to Logic Interface Optocoupler
HCPL3700S FAIRCHILD-HCPL3700S Datasheet
142Kb / 9P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
HCPL-3700 FAIRCHILD-HCPL-3700 Datasheet
137Kb / 11P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
logo
QT Optoelectronics
74OL6000 QT-74OL6000 Datasheet
793Kb / 9P
   HIGH-SPEED LOGIC-TO-LOGIC OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com