Zakładka z wyszukiwarką danych komponentów |
|
SN74CBT3245CDBR Arkusz danych(PDF) 4 Page - Texas Instruments |
|
|
SN74CBT3245CDBR Arkusz danych(HTML) 4 Page - Texas Instruments |
4 / 15 page SN74CBT3245C 8BIT FET BUS SWITCH 5V BUS SWITCH WITH 2V UNDERSHOOT PROTECTION SCDS131A − SEPTEMBER 2003 − REVISED OCTOBER 2003 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT VIK Control inputs VCC = 4.5 V, IIN = −18 mA −1.8 V VIKU Data inputs VCC = 5 V, 0 mA > II ≥ −50 mA, VIN = VCC or GND, Switch OFF −2 V IIN Control inputs VCC = 5.5 V, VIN = VCC or GND ±1 µA IOZ‡ VCC = 5.5 V, VO = 0 to 5.5 V, VI = 0, Switch OFF, VIN = VCC or GND ±10 µA Ioff VCC = 0, VO = 0 to 5.5 V, VI = 0 10 µA ICC VCC = 5.5 V, II/O = 0, VIN = VCC or GND, Switch ON or OFF 3 µA ∆ICC§ Control inputs VCC = 5.5 V, One input at 3.4 V, Other inputs at VCC or GND 2.5 mA Cin Control inputs VIN = 3 V or 0 4 pF Cio(OFF) VI/O = 3 V or 0, Switch OFF, VIN = VCC or GND 5.5 pF Cio(ON) VI/O = 3 V or 0, Switch ON, VIN = VCC or GND 14 pF VCC = 4 V, TYP at VCC = 4 V VI = 2.4 V, IO = −15 mA 8 12 ron¶ VI = 0 IO = 64 mA 3 6 Ω ron¶ VCC = 4.5 V VI = 0 IO = 30 mA 3 6 Ω VCC = 4.5 V VI = 2.4 V, IO = −15 mA 5 10 VIN and IIN refer to control inputs. VI, VO, II, and IO refer to data pins. † All typical values are at VCC = 5 V (unless otherwise noted), TA = 25°C. ‡ For I/O ports, the parameter IOZ includes the input leakage current. § This is the increase in supply current for each input that is at the specified voltage level, rather than VCC or GND. ¶ Measured by the voltage drop between the A and B terminals at the indicated current through the switch. ON-state resistance is determined by the lower of the voltages of the two (A or B) terminals. switching characteristics over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3) PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 4 V VCC = 5 V ± 0.5 V UNIT PARAMETER (INPUT) (OUTPUT) MIN MAX MIN MAX UNIT tpd# A or B B or A 0.24 0.15 ns ten OE A or B 5.1 1.5 4.7 ns tdis OE A or B 4.9 1.5 5.3 ns # The propagation delay is the calculated RC time constant of the typical ON-state resistance of the switch and the specified load capacitance, when driven by an ideal voltage source (zero output impedance). |
Podobny numer części - SN74CBT3245CDBR |
|
Podobny opis - SN74CBT3245CDBR |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |