Zakładka z wyszukiwarką danych komponentów |
|
ST72311J4B6 Arkusz danych(PDF) 4 Page - STMicroelectronics |
|
ST72311J4B6 Arkusz danych(HTML) 4 Page - STMicroelectronics |
4 / 94 page 4/94 ST72311 1 GENERAL DESCRIPTION 1.1 INTRODUCTION The ST72311 HCMOS Microcontroller Unit (MCU) is a member of the ST7 family. The device is based on an industry-standard 8-bit core and fea- tures an enhanced instruction set. The device is normally operated at a 16 MHz oscillator frequen- cy. Under software control, the ST72311 may be placed in either Wait, Slow or Halt modes, thus re- ducing power consumption. The enhanced in- struction set and addressing modes afford real programming potential. In addition to standard 8-bit data management, the ST72311 features true bit manipulation, 8x8 unsigned multiplication and indirect addressing modes on the whole mem- ory. The device includes a low consumption and fast start on-chip oscillator, CPU, program memo- ry (ROM/OTP/EPROM versions), RAM, 44 (ST72311N) or 32 (ST72311J) I/O lines, a Low Voltage Detector (LVD) and the following on-chip peripherals: Analog-to-Digital converter (ADC) with 8 (ST72311N) or 6 (ST72311J) multiplexed analog inputs, industry standard synchronous SPI and asynchronous SCI serial interfaces, digital Watchdog, two independent 16-bit Timers, one featuring an External Clock Input, and both featur- ing Pulse Generator capabilities, 2 Input Captures and 2 Output Compares (only 1 Input Capture and 1 Output Compare on Timer A). Figure 1. ST72311 Block Diagram 8-BIT CORE ALU OSCIN OSCOUT RESET PORT B TIMER B PORT C SPI PORT E SCI PORT D 8-BIT ADC WATCHDOG PB0 -> PB7 PC0 -> PC7 PE0 -> PE7 PD0 -> PD7 OSC Internal CLOCK CONTROL RAM (384 - 512 Bytes) PORT F PF0 -> PF2,4,6,7 TIMER A PORT A PA0 -> PA7 VSSA VDDA (6 bits for ST72311N) (6 bits) AND LVD (2 bits for ST72311J) (8 bits for ST72311N) (6 bits for ST72311J) (8 bits for ST72311N) (5 bits for ST72311J) (8 bits) (8 bits for ST72311N) (5 bits for ST72311J) VSS VDD POWER SUPPLY PROGRAM (8 - 16K Bytes) MEMORY 4 |
Podobny numer części - ST72311J4B6 |
|
Podobny opis - ST72311J4B6 |