Zakładka z wyszukiwarką danych komponentów |
|
TS5A23166 Arkusz danych(PDF) 2 Page - Texas Instruments |
|
|
TS5A23166 Arkusz danych(HTML) 2 Page - Texas Instruments |
2 / 22 page www.ti.com Absolute Maximum Ratings (1) (2) TS5A23166 0.9- Ω DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH SCDS196 – MAY 2005 SUMMARY OF CHARACTERISTICS(1) Dual Single Pole, Single Throw Configuration (2 × SPST) Number of channels 2 ON-state resistance (ron) 0.9 Ω ON-state resistance match ( ∆r on) 0.1 Ω ON-state resistance flatness (ron(flat)) 0.25 Ω Turn-on/turn-off time (tON/tOFF) 7.5 ns/9 ns Charge injection (QC) 6 pC Bandwidth (BW) 150 MHz OFF isolation (OISO) –62 dB at 1 MHz Crosstalk (XTALK) –85 dB at 1 MHz Total harmonic distortion (THD) 0.005% Leakage current (ICOM(OFF)) ±20 nA Power-supply current (I+) 0.1 µA Package option 8-pin VSSOP (1) V+ = 5 V, TA = 25°C FUNCTION TABLE NO TO COM, IN COM TO NO L OFF H ON over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT V+ Supply voltage range(3) –0.5 6.5 V VNO Analog voltage range(3)(4)(5) –0.5 V+ + 0.5 V VCOM IK Analog port diode current VNO, VCOM < 0 –50 mA On-state switch current –200 200 INO VNO, VCOM = 0 to V+ mA ICOM On-state peak switch current(6) –400 400 VI Digital input voltage range(3)(4) –0.5 6.5 V IIK Digital input clamp current VI < 0 –50 mA I+ Continuous current through V+ 100 mA IGND Continuous current through GND –100 100 mA DCT package 220 DCU package 227 θ JA Package thermal impedance(7) °C/W YEA/YZA package 140 YEP/YZP package 102 Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum (3) All voltages are with respect to ground, unless otherwise specified. (4) The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. (5) This value is limited to 5.5 V maximum. (6) Pulse at 1-ms duration < 10% duty cycle. (7) The package thermal impedance is calculated in accordance with JESD 51-7. 2 |
Podobny numer części - TS5A23166 |
|
Podobny opis - TS5A23166 |