Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS5A23166DCTR Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części TS5A23166DCTR
Szczegółowy opis  0.9-ohm DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS5A23166DCTR Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button TS5A23166DCTR Datasheet HTML 5Page - Texas Instruments TS5A23166DCTR Datasheet HTML 6Page - Texas Instruments TS5A23166DCTR Datasheet HTML 7Page - Texas Instruments TS5A23166DCTR Datasheet HTML 8Page - Texas Instruments TS5A23166DCTR Datasheet HTML 9Page - Texas Instruments TS5A23166DCTR Datasheet HTML 10Page - Texas Instruments TS5A23166DCTR Datasheet HTML 11Page - Texas Instruments TS5A23166DCTR Datasheet HTML 12Page - Texas Instruments TS5A23166DCTR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
www.ti.com
Electrical Characteristics for 1.8-V Supply
(1)
TS5A23166
0.9-
Ω DUAL SPST ANALOG SWITCH
5-V/3.3-V 2-CHANNEL ANALOG SWITCH
SCDS196 – MAY 2005
V
+ = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
VCOM, VNO
0
V+
V
range
0
≤ V
NO ≤ V+,
25
°C
4.2
25
Peak ON
Switch ON,
rpeak
1.65 V
ICOM = –2 mA,
resistance
See Figure 13
Full
30
25
°C
1.6
3.9
ON-state
VNO = 0.6 V, 1.5 V,
Switch ON,
ron
1.65 V
resistance
ICOM = –2 mA,
See Figure 13
Full
4
ON-state
25
°C
0.04
0.2
resistance
VNO = 1.5 V,
Switch ON,
match
∆r
on
1.65 V
ICOM = –2 mA,
See Figure 13
Full
0.2
between
channels
0
≤ V
NO ≤ V+,
Switch ON,
25
°C
2.8
ON-state
ICOM = –2 mA,
See Figure 13
1.65 V
resistance
ron (flat)
25
°C
4.1
22
VNO = 0.6 V, 1.5 V,
Switch ON,
flatness
ICOM = –2 mA,
See Figure 13
Full
27
VNO = 0.3 V,
25
°C
–5
0.3
5
VCOM = 1.65 V,
Switch OFF,
INO(OFF)
or
1.95 V
nA
NO
See Figure 14
Full
–50
50
VNO = 1.65 V,
OFF leakage
VCOM = 0.3 V,
current
25
°C
–2
0.05
2
VNO = 0 to 1.95 V,
Switch OFF,
INO(PWROFF)
0 V
µA
VCOM = 1.95 V to 0,
See Figure 14
Full
–10
10
VNO = 1.65 V,
25
°C
–5
0.3
5
VCOM = 0.3 V,
Switch OFF,
ICOM(OFF)
or
1.95 V
nA
COM
See Figure 14
Full
–50
50
VNO = 0.3 V,
OFF leakage
VCOM = 1.65 V,
current
25
°C
–2
0.05
2
VCOM = 0 to 1.95 V,
Switch OFF,
ICOM(PWROFF)
0 V
µA
VNO = 1.95 V to 0,
See Figure 14
Full
–10
10
VNO = 0.3 V,
25
°C
–2
0.3
2
NO
VCOM = Open,
Switch ON,
ON leakage
INO(ON)
or
1.95 V
nA
See Figure 15
Full
–20
20
current
VNO = 1.65 V,
VCOM = Open,
VNO = Open,
25
°C
–2
0.3
2
COM
VCOM = 0.3 V,
Switch ON,
ON leakage
ICOM(ON)
or
1.95 V
nA
See Figure 15
Full
–20
20
current
VNO = Open,
VCOM = 1.65 V,
Digital Control Inputs (IN1, IN2)
Input logic high
VIH
Full
1.5
5.5
V
Input logic low
VIL
Full
0
0.6
V
25
°C
–2
0.3
2
Input leakage
IIH, IIL
VI = 5.5 V or 0
1.95 V
µA
current
Full
–20
20
(1)
The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
9


Podobny numer części - TS5A23166DCTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A23166DCUR TI-TS5A23166DCUR Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23166DCUR TI1-TS5A23166DCUR Datasheet
1Mb / 31P
[Old version datasheet]   Dual-SPST Analog Switch 5V and 3.3V 2-Channel Analog Switch
TS5A23166DCURE4 TI-TS5A23166DCURE4 Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23166DCURE4 TI1-TS5A23166DCURE4 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-SPST Analog Switch 5V and 3.3V 2-Channel Analog Switch
TS5A23166DCURG4 TI-TS5A23166DCURG4 Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
More results

Podobny opis - TS5A23166DCTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A23167 TI-TS5A23167 Datasheet
346Kb / 25P
[Old version datasheet]   0.9-W DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23166 TI-TS5A23166_10 Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A4596 TI-TS5A4596 Datasheet
157Kb / 14P
[Old version datasheet]   8-ohm SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4596 TI-TS5A4596_15 Datasheet
871Kb / 21P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4595 TI-TS5A4595_15 Datasheet
684Kb / 17P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A23160 TI-TS5A23160 Datasheet
276Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
National Semiconductor ...
TS5A3166 NSC-TS5A3166 Datasheet
375Kb / 21P
   0.9-OHM SPST ANALOG SWITCH
logo
Texas Instruments
TS5A3167 TI-TS5A3167 Datasheet
270Kb / 20P
[Old version datasheet]   0.9 OHM SPST ANALOG SWITCH
TS5A4595 TI-TS5A4595 Datasheet
158Kb / 14P
[Old version datasheet]   8-W SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3102 GMT-G3102 Datasheet
864Kb / 1P
   0.9 Dual SPST Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com