Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10171P Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC10171P
Szczegółowy opis  Dual Binary to 1-4 Decoder(Low)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10171P Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC10171P Datasheet HTML 1Page - ON Semiconductor MC10171P Datasheet HTML 2Page - ON Semiconductor MC10171P Datasheet HTML 3Page - ON Semiconductor MC10171P Datasheet HTML 4Page - ON Semiconductor MC10171P Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
3–107
REV 5
© Motorola, Inc. 1996
3/93
Dual Binary to 1-4 Decoder
(Low)
The MC10171 is a binary coded 2 line to dual 4 line decoder with selected
outputs low. With either E0 or E1 high, the corresponding selected 4 outputs are
high. The common enable E, when high, forces all outputs high.
PD = 325 mW typ/pkg (No Load)
tpd = 4.0 ns typ
tr, tf = 2.0 ns typ (20%–80%)
LOGIC DIAGRAM
VCC1 = PIN 1
VCC2 = PIN 16
VEE = PIN 8
E0 14
A 9
B 7
E 15
E1 2
10 Q0 3
11 Q0 2
12 Q0 1
13 Q0 0
3 Q1 3
4 Q1 2
5 Q1 1
6 Q1 0
TRUTH TABLE
ENABLE INPUTS
INPUTS
OUTPUTS
E
E0
E1
A
B
Q10
Q11
Q12
Q13
Q00
Q01
Q02
Q03
L
L
L
L
L
L
H
H
H
L
H
H
H
L
L
L
L
H
H
L
H
H
H
L
H
H
L
L
L
H
L
H
H
L
H
H
H
L
H
L
L
L
H
H
H
H
H
L
H
H
H
L
L
L
H
L
L
H
H
H
H
L
H
H
H
L
H
L
L
L
L
H
H
H
H
H
H
H
H
X
X
X
X
H
H
H
H
H
H
H
H
MC10171
DIP
PIN ASSIGNMENT
VCC1
E1
Q13
Q12
Q11
Q10
B
VEE
VCC2
E
E0
Q00
Q01
Q02
Q03
A
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
L SUFFIX
CERAMIC PACKAGE
CASE 620–10
P SUFFIX
PLASTIC PACKAGE
CASE 648–08
FN SUFFIX
PLCC
CASE 775–02
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion
Tables on page 6–11 of the Motorola MECL Data
Book (DL122/D).


Podobny numer części - MC10171P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10171P ONSEMI-MC10171P Datasheet
112Kb / 8P
   Dual Binary to 1-4 Decoder (Low)
January, 2002 ??Rev. 7
More results

Podobny opis - MC10171P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H171 ONSEMI-MC10H171 Datasheet
135Kb / 5P
   Dual Binary to 1-4 Decoder (Low)
March, 2006 ??Rev. 7
MC10171 ONSEMI-MC10171_02 Datasheet
112Kb / 8P
   Dual Binary to 1-4 Decoder (Low)
January, 2002 ??Rev. 7
logo
Motorola, Inc
MC10172 MOTOROLA-MC10172 Datasheet
117Kb / 5P
   Dual Binary to 1-4 Decoder(High)
logo
ON Semiconductor
MC10H161 ONSEMI-MC10H161_06 Datasheet
164Kb / 7P
   Binary to 1?? Decoder (Low)
February, 2006 ??Rev. 7
logo
Motorola, Inc
MC14555B MOTOROLA-MC14555B Datasheet
164Kb / 5P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
logo
STMicroelectronics
HCC4555B STMICROELECTRONICS-HCC4555B Datasheet
316Kb / 14P
   DUAL BINARY TO 1 OF 4 DECODER/DEMULTIPLEXERS
logo
ON Semiconductor
MC14555B ONSEMI-MC14555B Datasheet
142Kb / 8P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
March, 2000 ??Rev. 3
logo
Hitachi Semiconductor
HD14555B HITACHI-HD14555B Datasheet
63Kb / 4P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
logo
ON Semiconductor
MC14555B ONSEMI-MC14555B_14 Datasheet
110Kb / 6P
   Dual Binary to 1-of-4 Decoder/Demultiplexer
July, 2014 ??Rev. 11
MC10161 ONSEMI-MC10161_02 Datasheet
119Kb / 8P
   Binary to 1-8 Decoder (Low)
January, 2002 ??Rev. 7
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com