Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI7116DN Arkusz danych(PDF) 5 Page - Vishay Siliconix

Numer części SI7116DN
Szczegółowy opis  N-Channel 40-V (D-S) Fast Switching MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7116DN Arkusz danych(HTML) 5 Page - Vishay Siliconix

  SI7116DN Datasheet HTML 1Page - Vishay Siliconix SI7116DN Datasheet HTML 2Page - Vishay Siliconix SI7116DN Datasheet HTML 3Page - Vishay Siliconix SI7116DN Datasheet HTML 4Page - Vishay Siliconix SI7116DN Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Si7116DN
Vishay Siliconix
Document Number: 73139
S-51412—Rev. C, 01-Aug-05
www.vishay.com
5
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
10–3
10–2
1
10–1
10–4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Case
Square Wave Pulse Duration (sec)
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and
Package Reliability represent a composite of all qualified locations.
For related documents such as package/tape drawings, part marking, and reliability data, see
http://www.vishay.com/ppg?73139.


Podobny numer części - SI7116DN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SI7116DN-T1-E3 VISHAY-SI7116DN-T1-E3 Datasheet
538Kb / 12P
   N-Channel 40-V (D-S) Fast Switching MOSFET
Rev. D, 17-Mar-08
SI7116DN VISHAY-SI7116DN_V01 Datasheet
533Kb / 12P
   N-Channel 40-V (D-S) Fast Switching MOSFET
01-Jan-2022
More results

Podobny opis - SI7116DN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SISH116DN VISHAY-SISH116DN Datasheet
189Kb / 8P
   N-Channel 40 V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7476DP VISHAY-SI7476DP Datasheet
65Kb / 5P
   N-Channel 40-V (D-S) Fast Switching MOSFET
Rev. B, 29-Mar-04
SI7116DN-T1-E3 VISHAY-SI7116DN-T1-E3 Datasheet
538Kb / 12P
   N-Channel 40-V (D-S) Fast Switching MOSFET
Rev. D, 17-Mar-08
SI7116DN VISHAY-SI7116DN_V01 Datasheet
533Kb / 12P
   N-Channel 40-V (D-S) Fast Switching MOSFET
01-Jan-2022
SI7840DP VISHAY-SI7840DP Datasheet
51Kb / 4P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. C, 25-Feb-02
SI7458DP VISHAY-SI7458DP Datasheet
51Kb / 4P
   N-Channel 20-V (D-S) Fast Switching MOSFET
Rev. A, 04-Mar-02
SI7840BDP VISHAY-SI7840BDP Datasheet
220Kb / 3P
   N-Channel 30-V (D-S) Fast Switching MOSFET
04-Dec-04
SI7112DN VISHAY-SI7112DN Datasheet
554Kb / 12P
   N-Channel 30 V (D-S) Fast Switching MOSFET
Rev. G, 02-May-11
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com