Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100E136 Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC100E136
Szczegółowy opis  6-BIT UNIVERSAL UP/DOWN COUNTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E136 Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC100E136 Datasheet HTML 1Page - ON Semiconductor MC100E136 Datasheet HTML 2Page - ON Semiconductor MC100E136 Datasheet HTML 3Page - ON Semiconductor MC100E136 Datasheet HTML 4Page - ON Semiconductor MC100E136 Datasheet HTML 5Page - ON Semiconductor MC100E136 Datasheet HTML 6Page - ON Semiconductor MC100E136 Datasheet HTML 7Page - ON Semiconductor MC100E136 Datasheet HTML 8Page - ON Semiconductor MC100E136 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MC10E136 MC100E136
2–3
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 4
DC CHARACTERISTICS
(VEE = VEE(min) to VEE(max); VCC = VCCO = GND)
0
°C
25
°C
85
°C
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Condition
Input HIGH Current
IIH
150
150
150
µA
Power Supply Current
10E
100E
IEE
125
125
150
150
125
125
150
150
125
140
150
170
mA
AC CHARACTERISTICS
(VEE = VEE(min) to VEE(max); VCC = VCCO = GND)
0
°C
25
°C
85
°C
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Condition
Maximum Count Frequency
fCOUNT
550
650
550
650
550
650
MHz
Propagation Delay to Output
CLK to Q
MR to Q
CLK to COUT
CLK to CLOUT
tPLH
tPHL
850
850
800
825
1150
1150
1150
1150
1450
1450
1300
1400
850
850
800
825
1150
1150
1150
1150
1450
1450
1300
1400
850
850
800
825
1150
1150
1150
1150
1450
1450
1300
1400
ps
Setup Time
S1, S2
D
CLIN
CIN
ts
1000
800
150
800
650
400
0
400
1000
800
150
800
650
400
0
400
1000
800
150
800
650
400
0
400
ps
Hold Time
S1, S2
D
CLIN
CIN
th
150
150
300
150
–200
–250
0
–250
150
150
300
150
–200
–250
0
–250
150
150
300
150
–200
–250
0
–250
ps
Reset Recovery Time
tRR
1000
700
1000
700
1000
700
ps
Minimum Pulse Width
CLK, MR
tPW
700
400
700
400
700
400
ps
Rise/Fall Times
COUT
Other
tr
tf
275
300
600
700
275
300
600
700
275
300
600
700
ps
20% - 80%


Podobny numer części - MC100E136

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100E136 ONSEMI-MC100E136 Datasheet
158Kb / 12P
   5V ECL 6-Bit Universal Up/Down Counter
November, 2006 ??Rev. 9
MC100E136 ONSEMI-MC100E136 Datasheet
164Kb / 12P
   5VECL 6-Bit Universal Up/Down Counter
November, 2006 ??Rev. 9
MC100E136FN ONSEMI-MC100E136FN Datasheet
158Kb / 12P
   5V ECL 6-Bit Universal Up/Down Counter
November, 2006 ??Rev. 9
MC100E136FN ONSEMI-MC100E136FN Datasheet
164Kb / 12P
   5VECL 6-Bit Universal Up/Down Counter
November, 2006 ??Rev. 9
MC100E136FNG ONSEMI-MC100E136FNG Datasheet
158Kb / 12P
   5V ECL 6-Bit Universal Up/Down Counter
November, 2006 ??Rev. 9
More results

Podobny opis - MC100E136

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micrel Semiconductor
SY10E136 MICREL-SY10E136 Datasheet
119Kb / 8P
   6-BIT UNIVERSAL UP/DOWN COUNTER
SY10E136 MICREL-SY10E136_06 Datasheet
98Kb / 9P
   6-BIT UNIVERSAL UP/DOWN COUNTER
logo
ON Semiconductor
MC10E136 ONSEMI-MC10E136_06 Datasheet
158Kb / 12P
   5V ECL 6-Bit Universal Up/Down Counter
November, 2006 ??Rev. 9
MC10E136 ONSEMI-MC10E136_08 Datasheet
164Kb / 12P
   5VECL 6-Bit Universal Up/Down Counter
November, 2006 ??Rev. 9
logo
Fairchild Semiconductor
DM74LS469 FAIRCHILD-DM74LS469 Datasheet
143Kb / 8P
   8-Bit Up/Down Counter
logo
LSI Computer Systems
LS7055 LSI-LS7055 Datasheet
89Kb / 6P
   6 DECADE PREDETERMINING UP/DOWN COUNTER
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
Fairchild Semiconductor
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Toshiba Semiconductor
TC74HC191AP TOSHIBA-TC74HC191AP_07 Datasheet
441Kb / 12P
   4-Bit Binary Up/Down Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com