Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC74VCXH16646FT Arkusz danych(PDF) 10 Page - Toshiba Semiconductor

Numer części TC74VCXH16646FT
Szczegółowy opis  Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCXH16646FT Arkusz danych(HTML) 10 Page - Toshiba Semiconductor

Back Button TC74VCXH16646FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VCXH16646FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCXH16646FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCXH16646FT Datasheet HTML 9Page - Toshiba Semiconductor TC74VCXH16646FT Datasheet HTML 10Page - Toshiba Semiconductor TC74VCXH16646FT Datasheet HTML 11Page - Toshiba Semiconductor TC74VCXH16646FT Datasheet HTML 12Page - Toshiba Semiconductor TC74VCXH16646FT Datasheet HTML 13Page - Toshiba Semiconductor TC74VCXH16646FT Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TC74VCXH16646FT
2001-10-16
10
AC Characteristics (Ta
==== ----40 to 85°C, input: tr ==== tf ==== 2.0 ns, CL ==== 30 pF, RL ==== 500 W
W
W
W)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
1.8
100
¾
2.5
± 0.2
200
¾
Maximum clock frequency
fmax
Figure 1, Figure 3
3.3
± 0.3
250
¾
MHz
1.8
1.5
7.0
2.5
± 0.2
0.8
3.5
Propagation delay time
(An, Bn-Bn, An)
tpLH
tpHL
Figure 1, Figure 2
3.3
± 0.3
0.6
2.9
ns
1.8
1.5
8.8
2.5
± 0.2
0.8
4.4
Propagation delay time
(CAB, CBA-Bn, An)
tpLH
tpHL
Figure 1, Figure 3
3.3
± 0.3
0.6
3.2
ns
1.8
1.5
8.8
2.5
± 0.2
0.8
4.4
Propagation delay time
(SAB, SBA-Bn, An)
tpLH
tpHL
Figure 1, Figure 2
3.3
± 0.3
0.6
3.5
ns
1.8
1.5
9.8
2.5
± 0.2
0.8
4.9
Output enable time
( OE , DIR-An, Bn)
tpZL
tpZH
Figure 1, Figure 4, Figure 5
3.3
± 0.3
0.6
3.8
ns
1.8
1.5
7.6
2.5
± 0.2
0.8
4.2
Output disable time
( OE , DIR-An, Bn)
tpLZ
tpHZ
Figure 1, Figure 4, Figure 5
3.3
± 0.3
0.6
3.7
ns
1.8
4.0
2.5
± 0.2
1.5
¾
Minimum pulse width
tw (H)
tw (L)
Figure 1, Figure 3
3.3
± 0.3
1.5
¾
ns
1.8
2.5
¾
2.5
± 0.2
1.5
¾
Minimum setup time
ts
Figure 1, Figure 3
3.3
± 0.3
1.5
¾
ns
1.8
1.0
¾
2.5
± 0.2
1.0
¾
Minimum hold time
th
Figure 1, Figure 3
3.3
± 0.3
1.0
¾
ns
1.8
¾
0.5
2.5
± 0.2
¾
0.5
Output to output skew
tosLH
tosHL
(Note 15)
3.3
± 0.3
¾
0.5
ns
For CL = 50 pF, add approximately 300 ps to the AC maximum specification.
Note 15: Parameter guaranteed by design.
(tosLH = |tpLHm - tpLHn|, tosHL = |tpHLm - tpHLn|)


Podobny numer części - TC74VCXH16646FT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VCXH16646FT TOSHIBA-TC74VCXH16646FT Datasheet
239Kb / 15P
   Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
TC74VCXH16646FT TOSHIBA-TC74VCXH16646FT_07 Datasheet
239Kb / 15P
   Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
More results

Podobny opis - TC74VCXH16646FT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC74VCXH16652FT TOSHIBA-TC74VCXH16652FT Datasheet
238Kb / 15P
   Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
TC74VCXH16646FT TOSHIBA-TC74VCXH16646FT_07 Datasheet
239Kb / 15P
   Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
TC74VCXHR162652FT TOSHIBA-TC74VCXHR162652FT Datasheet
245Kb / 15P
   Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT Datasheet
165Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT_07 Datasheet
199Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXH16245FT TOSHIBA-TC74VCXH16245FT Datasheet
190Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXH16244FT TOSHIBA-TC74VCXH16244FT_07 Datasheet
205Kb / 12P
   Low-Voltage 16-Bit Bus Buffer with Bushold
TC74VCXH162244FT TOSHIBA-TC74VCXH162244FT Datasheet
211Kb / 12P
   Low-Voltage 16-Bit Bus Buffer with Bushold
logo
Fairchild Semiconductor
74LCXH16245 FAIRCHILD-74LCXH16245 Datasheet
93Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
74LCXH16245 FAIRCHILD-74LCXH16245_05 Datasheet
98Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com