Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT24WC164XA-TE13 Arkusz danych(PDF) 10 Page - Catalyst Semiconductor

Numer części CAT24WC164XA-TE13
Szczegółowy opis  16K-Bit Serial EEPROM, Cascadable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CATALYST [Catalyst Semiconductor]
Strona internetowa  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC164XA-TE13 Arkusz danych(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT24WC164XA-TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC164XA-TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC164XA-TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC164XA-TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC164XA-TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC164XA-TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC164XA-TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC164XA-TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT24WC164XA-TE13 Datasheet HTML 10Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CAT24WC164
10
Doc. No. 1026, Rev. I
Catalyst Semiconductor, Inc.
Corporate Headquarters
1250 Borregas Avenue
Sunnyvale, CA 94089
Phone: 408.542.1000
Fax: 408.542.1200
www.catalyst-semiconductor.com
Publication #:
1026
Revison:
I
Issue date:
03/10/05
Copyrights, Trademarks and Patents
Trademarks and registered trademarks of Catalyst Semiconductor include each of the following:
DPP ™
AE2
Catalyst Semiconductor has been issued U.S. and foreign patents and has patent applications pending that protect its products. For a complete list of patents
issued to Catalyst Semiconductor contact the Company’s corporate office at 408.542.1000.
CATALYST SEMICONDUCTOR MAKES NO WARRANTY, REPRESENTATION OR GUARANTEE, EXPRESS OR IMPLIED, REGARDING THE SUITABILITY OF ITS
PRODUCTS FOR ANY PARTICULAR PURPOSE, NOR THAT THE USE OF ITS PRODUCTS WILL NOT INFRINGE ITS INTELLECTUAL PROPERTY RIGHTS OR THE
RIGHTS OF THIRD PARTIES WITH RESPECT TO ANY PARTICULAR USE OR APPLICATION AND SPECIFICALLY DISCLAIMS ANY AND ALL LIABILITY ARISING
OUT OF ANY SUCH USE OR APPLICATION, INCLUDING BUT NOT LIMITED TO, CONSEQUENTIAL OR INCIDENTAL DAMAGES.
Catalyst Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or
other applications intended to support or sustain life, or for any other application in which the failure of the Catalyst Semiconductor product could create a
situation where personal injury or death may occur.
Catalyst Semiconductor reserves the right to make changes to or discontinue any product or service described herein without notice. Products with data sheets
labeled "Advance Information" or "Preliminary" and other products described herein may not be in production or offered for sale.
Catalyst Semiconductor advises customers to obtain the current version of the relevant product information before placing orders. Circuit diagrams illustrate
typical semiconductor applications and may not be complete.
REVISION HISTORY
Date
Rev.
Reason
12/29/2003
F
Added 8-pin MSOP package to Features section
Deleted 2.5V - 6.0V from AC Characteristics
Changed 4.5V - 5.5V to 2.5V - 6.0V in AC Characteristics
Changed max to 5 in Write Cycle Limits (tWR)
Added overbar to A1 in Figure 5 (slave address bits)
7/23/2004
G
Added die revision to Ordering Information
8/3/2004
H
Update DC Operating Characteristics table & notes
03/10/2005
I
Update Ordering Information


Podobny numer części - CAT24WC164XA-TE13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT24WC164 CATALYST-CAT24WC164 Datasheet
642Kb / 13P
   16K-Bit Serial EEPROM, Cascadable
CAT24WC164JA-1.8TE13 CATALYST-CAT24WC164JA-1.8TE13 Datasheet
642Kb / 13P
   16K-Bit Serial EEPROM, Cascadable
CAT24WC164JATE13 CATALYST-CAT24WC164JATE13 Datasheet
642Kb / 13P
   16K-Bit Serial EEPROM, Cascadable
CAT24WC164JE-1.8TE13 CATALYST-CAT24WC164JE-1.8TE13 Datasheet
642Kb / 13P
   16K-Bit Serial EEPROM, Cascadable
CAT24WC164JETE13 CATALYST-CAT24WC164JETE13 Datasheet
642Kb / 13P
   16K-Bit Serial EEPROM, Cascadable
More results

Podobny opis - CAT24WC164XA-TE13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT24WC164 CATALYST-CAT24WC164_1 Datasheet
642Kb / 13P
   16K-Bit Serial EEPROM, Cascadable
logo
Microchip Technology
24AA164 MICROCHIP-24AA164 Datasheet
124Kb / 12P
   16K 1.8V Cascadable I2CTM Serial EEPROM
1999
24LC164 MICROCHIP-24LC164 Datasheet
161Kb / 16P
   16K 2.5V Cascadable I2C??Serial EEPROM
2004
logo
Samsung semiconductor
S524L50X51 SAMSUNG-S524L50X51 Datasheet
140Kb / 20P
   16K-bit Serial EEPROM
logo
Ceramate Technical
24LLC16 CERAMATE-24LLC16 Datasheet
670Kb / 22P
   16K-Bit-Serial EEPROM
logo
Samsung semiconductor
S524L50D51 SAMSUNG-S524L50D51 Datasheet
142Kb / 20P
   16K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86 Datasheet
409Kb / 9P
   16K-Bit Microwire Serial EEPROM
logo
ON Semiconductor
CAT93C86 ONSEMI-CAT93C86 Datasheet
121Kb / 13P
   16K-Bit Microwire Serial EEPROM
Doc. No. MD-1091 Rev. R
CAT93C86-C ONSEMI-CAT93C86-C Datasheet
620Kb / 13P
   16K-Bit Microwire Serial EEPROM
Rev. S
logo
Catalyst Semiconductor
CAT93C86 CATALYST-CAT93C86_06 Datasheet
447Kb / 13P
   16K-Bit Microwire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com