Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4756AUR Arkusz danych(PDF) 1 Page - Microsemi Corporation

Numer części 1N4756AUR
Szczegółowy opis  SURFACE MOUNT 1.0W GLASS ZENDER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4756AUR Arkusz danych(HTML) 1 Page - Microsemi Corporation

  1N4756AUR Datasheet HTML 1Page - Microsemi Corporation 1N4756AUR Datasheet HTML 2Page - Microsemi Corporation 1N4756AUR Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT 1.0 W
GLASS ZENER DIODES
SCOTTSD A L E DIVISION
1N4728UR thru 1N4764AUR
(or MLL4728A thru MLL4764A)
DESCRIPTION
APPEARANCE
This surface mountable 1 watt Zener diode series is electrically equivalent to
the 1N4728A thru 1N4764A registration in the DO-41 equivalent package
except that it meets the JEDEC surface mount outline DO-213AB. It is an
ideal selection for applications of high density and low parasitic requirements
for voltage regulation. Standard voltage tolerance is +/- 5% with tighter
tolerances available down to 1%.
With its glass hermetic qualities, it may
also be used for high reliability applications when required by a source
control drawing (SCD).
DO-213AB
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
FEATURES
APPLICATIONS / BENEFITS
• Electrically similar to the JEDEC registered 1N4728
thru 1N4764 zener series
• Zener voltages available 3.3V to 100V
• Standard voltage tolerances are +/- 5% with “A” suffix
and 10 % with no suffix identification
• Tight tolerances available in plus or minus 2% or 1%
with C or D suffix respectively
• Options for screening in accordance with MIL-PRF-
19500 for JAN, JANTX, JANTXV, and JANS are
available by adding MQ, MX, MV, or MSP prefixes
respectively to part numbers.
• Surface mount equivalents also available as
SMAJ4728A to SMAJ4764A and SMAJ4728A to
SMAJ4764A
• Plastic body axial-leaded Zener equivalents are also
available as 1N4728A to 1N4764A
• Regulates voltage over a broad operating current
and temperature range
• Wide selection from 3.3 to 100 V
• Leadless package for surface mounting
• Ideal for high density mounting
• Nonsensitive to ESD
• Hermetically sealed glass package
• Specified capacitance (see Figure 2)
• Inherently radiation hard per MicroNote 050
MAXIMUM RATINGS
MECHANICAL AND PACKAGING
• Power dissipation at 25ºC: 1.0 watts (also see derating
in Figure 1).
• Operating and Storage temperature: -65ºC to +175ºC
• Thermal Resistance: 50 ºC/W junction to end cap, or
130
ºC/W junction to ambient when mounted on FR4 PC
board (1 oz Cu) with recommended footprint (see last
page)
• Steady-State Power: 1.00 watts at TEC < 125oC, or
1.00 watts at TA < 45
ºC when mounted on FR4 PC
board and recommended footprint as described for
thermal resistance (also see Figure 1)
• Forward voltage @200 mA: 1.2 volts (maximum)
• Solder Temperatures: 260 ºC for 10 s (max)
• CASE: Hermetically sealed DO-213AB glass MELF
• TERMINALS: Leads, tin-lead plated solderable per
MIL-STD-750, method 2026
• POLARITY: Cathode indicated by band. Diode to
be operated with the banded end positive with
respect to the opposite end for Zener regulation
• MARKING: Cathode band only
• TAPE & REEL optional: Standard per EIA-481-B
with 12 mm tape, 1500 per 7 inch reel or 5000 per
13 inch reel (add “TR” suffix to part number)
• WEIGHT: 0.05 grams
• See package dimensions & recommended mounting
pad on last page
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
 2002
11-05-2003 REV C


Podobny numer części - 1N4756AUR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
1N4756AUR-1 MICROSEMI-1N4756AUR-1 Datasheet
132Kb / 5P
   METALLURGICALLY BONDED GLASS SURFACE MOUNT 1.0 W ZENERS
REV A
More results

Podobny opis - 1N4756AUR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Standard Corp.
1SMA4741 SSC-1SMA4741 Datasheet
203Kb / 4P
   SURFACE MOUNT SILICON ZENDER DIODE
logo
Diodes Incorporated
SMAZ7V5-13 DIODES-SMAZ7V5-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Sangdest Microelectroni...
1SMA4741 SMC-1SMA4741 Datasheet
265Kb / 6P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
1SMA4736A WTE-1SMA4736A Datasheet
96Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
SMAZ36-13 DIODES-SMAZ36-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ39-13 DIODES-SMAZ39-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ5V1 DIODES-SMAZ5V1_1 Datasheet
90Kb / 4P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 14 - 2
logo
Vishay Siliconix
SMAZ100 VISHAY-SMAZ100 Datasheet
171Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
Rev.B
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_09 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 16 - 2
logo
Won-Top Electronics
1SMA4738A WTE-1SMA4738A Datasheet
96Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com