Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LFEC40E-5Q208I Arkusz danych(PDF) 4 Page - Lattice Semiconductor

Numer części LFEC40E-5Q208I
Szczegółowy opis  LatticeECP/EC Family Data Sheet
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LATTICE [Lattice Semiconductor]
Strona internetowa  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LFEC40E-5Q208I Arkusz danych(HTML) 4 Page - Lattice Semiconductor

  LFEC40E-5Q208I Datasheet HTML 1Page - Lattice Semiconductor LFEC40E-5Q208I Datasheet HTML 2Page - Lattice Semiconductor LFEC40E-5Q208I Datasheet HTML 3Page - Lattice Semiconductor LFEC40E-5Q208I Datasheet HTML 4Page - Lattice Semiconductor LFEC40E-5Q208I Datasheet HTML 5Page - Lattice Semiconductor LFEC40E-5Q208I Datasheet HTML 6Page - Lattice Semiconductor LFEC40E-5Q208I Datasheet HTML 7Page - Lattice Semiconductor LFEC40E-5Q208I Datasheet HTML 8Page - Lattice Semiconductor LFEC40E-5Q208I Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 117 page
background image
www.latticesemi.com
2-1
Architecture_01.3
November 2004
Preliminary Data Sheet
© 2004 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand
or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
Architecture Overview
The LatticeECP™-DSP and LatticeEC™ architectures contain an array of logic blocks surrounded by Programma-
ble I/O Cells (PIC). Interspersed between the rows of logic blocks are rows of sysMEM Embedded Block RAM
(EBR) as shown in Figures 2-1 and 2-2. In addition, LatticeECP-DSP supports an additional row of DSP blocks as
shown in Figure 2-2.
There are two kinds of logic blocks, the Programmable Functional Unit (PFU) and Programmable Functional unit
without RAM/ROM (PFF). The PFU contains the building blocks for logic, arithmetic, RAM, ROM and register func-
tions. The PFF block contains building blocks for logic, arithmetic and ROM functions. Both PFU and PFF blocks
are optimized for flexibility allowing complex designs to be implemented quickly and efficiently. Logic Blocks are
arranged in a two-dimensional array. Only one type of block is used per row. The PFU blocks are used on the out-
side rows. The rest of the core consists of rows of PFF blocks interspersed with rows of PFU blocks. For every
three rows of PFF blocks there is a row of PFU blocks.
Each PIC block encompasses two PIOs (PIO pairs) with their respective sysIO interfaces. PIO pairs on the left and
right edges of the device can be configured as LVDS transmit/receive pairs. sysMEM EBRs are large dedicated fast
memory blocks. They can be configured as RAM or ROM.
The PFU, PFF, PIC and EBR Blocks are arranged in a two-dimensional grid with rows and columns as shown in
Figure 2-1. The blocks are connected with many vertical and horizontal routing channel resources. The place and
route software tool automatically allocates these routing resources.
At the end of the rows containing the sysMEM Blocks are the sysCLOCK Phase Locked Loop (PLL) Blocks. These
PLLs have multiply, divide and phase shifting capability; they are used to manage the phase relationship of the
clocks. The LatticeECP/EC architecture provides up to four PLLs per device.
Every device in the family has a JTAG Port with internal Logic Analyzer (ispTRACY) capability. The sysCONFIG™
port which allows for serial or parallel device configuration. The LatticeECP/EC devices use 1.2V as their core volt-
age.
LatticeECP/EC Family Data Sheet
Architecture


Podobny numer części - LFEC40E-5Q208I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lattice Semiconductor
LFEC1 LATTICE-LFEC1 Datasheet
1Mb / 163P
   LatticeECP/EC Family Data Sheet
LFEC10 LATTICE-LFEC10 Datasheet
1Mb / 163P
   LatticeECP/EC Family Data Sheet
LFEC10E-3F256C LATTICE-LFEC10E-3F256C Datasheet
1Mb / 163P
   LatticeECP/EC Family Data Sheet
LFEC10E-3F256I LATTICE-LFEC10E-3F256I Datasheet
1Mb / 163P
   LatticeECP/EC Family Data Sheet
LFEC10E-3F484C LATTICE-LFEC10E-3F484C Datasheet
1Mb / 163P
   LatticeECP/EC Family Data Sheet
More results

Podobny opis - LFEC40E-5Q208I

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lattice Semiconductor
LFEC LATTICE-LFEC_05 Datasheet
1Mb / 163P
   LatticeECP/EC Family Data Sheet
logo
List of Unclassifed Man...
812012 ETC-812012 Datasheet
46Kb / 3P
   EC Safety Data Sheet
D6X39B182 ETC2-D6X39B182 Datasheet
920Kb / 6P
   SAFETY DATA SHEET ACCORDING TO (EC)
logo
Lattice Semiconductor
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
   MachXO Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com