Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD0520-GS08 Arkusz danych(PDF) 3 Page - Vishay Siliconix

Numer części SD0520-GS08
Szczegółowy opis  Small Signal Schottky Diode, Dual
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD0520-GS08 Arkusz danych(HTML) 3 Page - Vishay Siliconix

  SD0520-GS08 Datasheet HTML 1Page - Vishay Siliconix SD0520-GS08 Datasheet HTML 2Page - Vishay Siliconix SD0520-GS08 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
VISHAY
SD0520LS
Document Number 85684
Rev. 1.6, 09-Jul-04
Vishay Semiconductors
www.vishay.com
3
Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to
1. Meet all present and future national and international statutory requirements.
2. Regularly and continuously improve the performance of our products, processes, distribution and
operatingsystems with respect to their impact on the health and safety of our employees and the public, as
well as their impact on the environment.
It is particular concern to control or eliminate releases of those substances into the atmosphere which are
known as ozone depleting substances (ODSs).
The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs
and forbid their use within the next ten years. Various national and international initiatives are pressing for an
earlier ban on these substances.
Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the
use of ODSs listed in the following documents.
1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments
respectively
2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental
Protection Agency (EPA) in the USA
3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively.
Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting
substances and do not contain such substances.
We reserve the right to make changes to improve technical design
and may do so without further notice.
Parameters can vary in different applications. All operating parameters must be validated for each
customer application by the customer. Should the buyer use Vishay Semiconductors products for any
unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all
claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal
damage, injury or death associated with such unintended or unauthorized use.
Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423


Podobny numer części - SD0520-GS08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SD0520LS VISHAY-SD0520LS Datasheet
92Kb / 4P
   Small Signal Schottky Diode, Dual
Rev. 1.6, 09-Jul-04
SD0520LS-GS08 VISHAY-SD0520LS-GS08 Datasheet
92Kb / 4P
   Small Signal Schottky Diode, Dual
Rev. 1.6, 09-Jul-04
More results

Podobny opis - SD0520-GS08

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SD0520LS-GS08 VISHAY-SD0520LS-GS08 Datasheet
92Kb / 4P
   Small Signal Schottky Diode, Dual
Rev. 1.6, 09-Jul-04
logo
EIC discrete Semiconduc...
BAS70 EIC-BAS70 Datasheet
163Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODE, SINGLE & DUAL
BAT54 EIC-BAT54 Datasheet
111Kb / 2P
   SMALL SIGNAL SCHOTTKY DIODE, SINGLE & DUAL
logo
STMicroelectronics
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODE
August 1999 Ed: 1A
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
LL46 LUGUANG-LL46 Datasheet
183Kb / 3P
   Small Signal Schottky Diode
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com