Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10ELT22 Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części MC10ELT22
Szczegółowy opis  Dual TTL to Differential PECL Translator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10ELT22 Arkusz danych(HTML) 2 Page - ON Semiconductor

  MC10ELT22 Datasheet HTML 1Page - ON Semiconductor MC10ELT22 Datasheet HTML 2Page - ON Semiconductor MC10ELT22 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MC10ELT22 MC100ELT22
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 3
3–2
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
7.0
V
VIN
Input Voltage
0 to VCC
V
IOUT
Current Applied to Output in Low Output State
Continuous
Surge
50
100
mA
TA
Operating Temperature Range (In Free-Air)
–40 to 85
°C
TSTG
Storage Temperature Range
–55 to +150
°C
* Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be restricted to the
Recommended Operating Conditions.
TTL INPUT DC CHARACTERISTICS (VCC = 4.75V to 5.25V; TA = –40°C to 85°C)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
IIH
Input HIGH Current
20
µA
VIN = 2.7V
IIHH
Input HIGH Current
100
µA
VIN = 7.0V
IIL
Input LOW Current
–0.6
mA
VIN = 0.5V
VIK
–1.2
V
IIN = –18mA
VIH
Input HIGH Voltage
2.0
V
VIL
Input LOW Voltage
0.8
V
PECL OUTPUT DC CHARACTERISTICS (VCC = 4.75V to 5.25V; TA = –40°C to 85°C)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Typ
Max
Min
Max
Unit
Condition
VOH
Output HIGH
10ELT1
Voltage
100ELT1
3.920
3.915
4.11
4.12
3.980
3.975
4.16
4.12
4.020
3.975
4.10
4.05
4.19
4.12
4.090
3.975
4.28
4.12
V
VCC = 5.0V
VOL
Output LOW
10ELT1
Voltage
100ELT1
3.05
3.17
3.350
3.445
3.05
3.19
3.37
3.38
3.05
3.19
3.25
3.30
3.37
3.38
3.05
3.19
3.40
3.35
V
VCC = 5.0V
ICC
Power Supply Current
22
22
22
22
mA
1. Levels will vary 1:1 with VCC.
AC CHARACTERISTICS (VCC = 4.75V to 5.25V; TA = –40°C to 85°C)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Typ
Max
Min
Max
Unit
Condition
tPLH
Propagation Delay1
0.6
1.2
0.65
1.45
0.9
1.2
1.5
0.6
1.35
ns
tPHL
Propagation Delay1
0.4
1.0
0.45
1.05
0.5
0.8
1.1
0.7
1.30
ns
tr/tf
Output Rise/Fall Time
0.4
1.6
0.4
1.6
0.4
1.6
0.4
1.6
ns
20–80%
fMAX
Maximum Input
Frequency
100
100
100
100
MHz
1. Specifications for standard TTL input signal.


Podobny numer części - MC10ELT22

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10ELT22 ONSEMI-MC10ELT22 Datasheet
57Kb / 8P
   5VDual TTL to Differential PECL Translator
October, 2000 ??Rev. 4
MC10ELT22 ONSEMI-MC10ELT22 Datasheet
117Kb / 8P
   5.0 V Dual TTL to Differential PECL Translator
November, 2006 ??Rev. 9
MC10ELT22 ONSEMI-MC10ELT22 Datasheet
82Kb / 7P
   Dual TTL to Differential PECL Translator
August, 2015 ??Rev. 10
MC10ELT22D ONSEMI-MC10ELT22D Datasheet
57Kb / 8P
   5VDual TTL to Differential PECL Translator
October, 2000 ??Rev. 4
MC10ELT22D ONSEMI-MC10ELT22D Datasheet
117Kb / 8P
   5.0 V Dual TTL to Differential PECL Translator
November, 2006 ??Rev. 9
More results

Podobny opis - MC10ELT22

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10ELT28 ONSEMI-MC10ELT28 Datasheet
94Kb / 3P
   TTL to Differential PECL/Differential PECL to TTL Translator
1996 REV 2
MC10ELT22 ONSEMI-MC10ELT22_15 Datasheet
82Kb / 7P
   Dual TTL to Differential PECL Translator
August, 2015 ??Rev. 10
logo
Micrel Semiconductor
SY10ELT22 MICREL-SY10ELT22_08 Datasheet
54Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT22 MICREL-SY10ELT22_05 Datasheet
82Kb / 5P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
SY10ELT23 MICREL-SY10ELT23_08 Datasheet
56Kb / 5P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
logo
List of Unclassifed Man...
SY10ELT23 ETC2-SY10ELT23 Datasheet
140Kb / 4P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
logo
Micrel Semiconductor
SY10ELT22 MICREL-SY10ELT22 Datasheet
51Kb / 4P
   DUAL TTL-to-DIFFERENTIAL PECL TRANSLATOR
logo
ON Semiconductor
MC100ELT23 ONSEMI-MC100ELT23 Datasheet
81Kb / 3P
   Dual Differential PECL to TTL Translator
1996 REV 3
logo
Micrel Semiconductor
SY10ELT23 MICREL-SY10ELT23 Datasheet
51Kb / 4P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
SY10ELT23 MICREL-SY10ELT23_03 Datasheet
61Kb / 4P
   DUAL DIFFERENTIAL PECL-to-TTL TRANSLATOR
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com