Zakładka z wyszukiwarką danych komponentów |
|
TS5A3157DBVRE4 Arkusz danych(PDF) 2 Page - Texas Instruments |
|
TS5A3157DBVRE4 Arkusz danych(HTML) 2 Page - Texas Instruments |
2 / 26 page www.ti.com Absolute Minimum and Maximum Ratings (1) (2) TS5A3157 10- Ω SPDT ANALOG SWITCH SCDS199 – JUNE 2005 ORDERING INFORMATION TA PACKAGE(1) ORDERABLE PART NUMBER TOP-SIDE MARKING(2) NanoStar™ – WCSP (DSBGA) Tape and reel TS5A3157YEPR 0.23-mm Large Bump – YEP _ _ _JC_ NanoFree™ – WCSP (DSBGA) 0.23-mm Large Bump – YZP Tape and reel TS5A3157YZPR –40 °C to 85°C (Pb-free) SOT (SOT-23) – DBV Tape and reel TS5A3157DBVR JC5_ SOT (SC-70) – DCK Tape and reel TS5A3157DCKR JC_ (1) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. (2) DBV/DCK: The actual top-side marking has one additional character that designates the assembly/test site. YEP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb, ⋅ = Pb-free). FUNCTION TABLE NC TO COM, NO TO COM, IN COM TO NC COM TO NO L ON OFF H OFF ON over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT V+ Supply voltage range(3) –0.5 6.5 V VNO VNC Analog voltage range(3)(4)(5) –0.5 V+ + 0.5 V VCOM IK Analog port diode current VNC, VNO, VCOM < 0 or VNO, VNC, VCOM > V+ –50 50 mA INO INC On-state switch current VNC, VNO, VCOM = 0 to V+ –50 50 mA ICOM VI Digital input voltage range(3)(4) –0.5 6.5 V IIK Digital input clamp current VI < 0 –50 mA I+ Continuous current through V+ –100 100 mA IGND Continuous current through GND –100 100 mA DBV package 206 θ JA Package thermal impedance(6) DCK package 252 °C/W YEP/YZP package 132 Tstg Storage temperature range –65 150 °C (1) Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those specified is not implied. (2) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum. (3) All voltages are with respect to ground, unless otherwise specified. (4) The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. (5) This value is limited to 5.5 V maximum. (6) The package thermal impedance is calculated in accordance with JESD 51-7. 2 |
Podobny numer części - TS5A3157DBVRE4 |
|
Podobny opis - TS5A3157DBVRE4 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |