Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AUC1G06DBVR Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74AUC1G06DBVR
Szczegółowy opis  SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74AUC1G06DBVR Arkusz danych(HTML) 1 Page - Texas Instruments

  SN74AUC1G06DBVR Datasheet HTML 1Page - Texas Instruments SN74AUC1G06DBVR Datasheet HTML 2Page - Texas Instruments SN74AUC1G06DBVR Datasheet HTML 3Page - Texas Instruments SN74AUC1G06DBVR Datasheet HTML 4Page - Texas Instruments SN74AUC1G06DBVR Datasheet HTML 5Page - Texas Instruments SN74AUC1G06DBVR Datasheet HTML 6Page - Texas Instruments SN74AUC1G06DBVR Datasheet HTML 7Page - Texas Instruments SN74AUC1G06DBVR Datasheet HTML 8Page - Texas Instruments SN74AUC1G06DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
www.ti.com
FEATURES
DBV OR DCK PACKAGE
(TOP VIEW)
1
2
3
5
4
NC
A
GND
VCC
Y
NC - No internal connection
DNU - Do not use
3
2
1
4
5
GND
A
DNU
Y
VCC
YEA, YEP, YZA, OR YZP PACKAGE
(BOTTOM VIEW)
DESCRIPTION/ORDERING INFORMATION
SN74AUC1G06
SINGLE INVERTER BUFFER/DRIVER
WITH OPEN-DRAIN OUTPUT
SCES372J – SEPTEMBER 2001 – REVISED JUNE 2005
Available in the Texas Instruments
NanoStar™ and NanoFree™ Packages
Optimized for 1.8-V Operation and Is 3.6-V I/O
Tolerant to Support Mixed-Mode Signal
Operation
Ioff Supports Partial-Power-Down Mode
Operation
Sub-1-V Operable
Max tpd of 2.5 ns at 1.8 V
Low Power Consumption, 10-
µA Max I
CC
±8-mA Output Drive at 1.8 V
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
This single inverter buffer/driver is operational at 0.8-V to 2.7-V VCC, but is designed specifically for 1.65-V to
1.95-V VCC operation.
The output of the SN74AUC1G06 is open drain and can be connected to other open-drain outputs to implement
active-low wired-OR or active-high wired-AND functions.
NanoStar™ and NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the
die as the package.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoStar™ – WCSP (DSBGA)
SN74AUC1G06YEAR
0.17-mm Small Bump – YEA
NanoFree™ – WCSP (DSBGA)
0.17-mm Small Bump – YZA
SN74AUC1G06YZAR
(Pb-free)
Tape and reel
_ _ _UT_
NanoStar™ – WCSP (DSBGA)
SN74AUC1G06YEPR
–40°C to 85°C
0.23-mm Large Bump – YEP
NanoFree™ – WCSP (DSBGA)
0.23-mm Large Bump – YZP
SN74AUC1G06YZPR
(Pb-free)
SOT (SOT-23) – DBV
Tape and reel
SN74AUC1G06DBVR
U06_
SOT (SC-70) – DCK
Tape and reel
SN74AUC1G06DCKR
UT_
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DBV/DCK: The actual top-side marking has one additional character that designates the assembly/test site.
YEA/YZA, YEP/YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one
following character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
⋅ = Pb-free).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoStar, NanoFree are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - SN74AUC1G06DBVR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AUC1G06DBVR TI-SN74AUC1G06DBVR Datasheet
508Kb / 12P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74AUC1G06DBVRE4 TI-SN74AUC1G06DBVRE4 Datasheet
508Kb / 12P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74AUC1G06DBVRG4 TI-SN74AUC1G06DBVRG4 Datasheet
508Kb / 12P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
More results

Podobny opis - SN74AUC1G06DBVR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
74LVCE1G06 DIODES-74LVCE1G06 Datasheet
220Kb / 10P
   SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32273 Rev. 1 - 2
logo
Texas Instruments
SN74LVC1G06 TI-SN74LVC1G06_08 Datasheet
674Kb / 17P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74AUC1G06 TI-SN74AUC1G06_09 Datasheet
508Kb / 12P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Diodes Incorporated
74LVC1G06 DIODES-74LVC1G06 Datasheet
216Kb / 10P
   SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32272 Rev. 1 - 2
74LVC1G06_1010 DIODES-74LVC1G06_1010 Datasheet
247Kb / 13P
   SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32272 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G06-EP TI-SN74LVC1G06-EP Datasheet
142Kb / 7P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06DBVTG4 TI1-SN74LVC1G06DBVTG4 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06 TI-SN74LVC1G06 Datasheet
306Kb / 12P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Diodes Incorporated
74LVCE1G06_1012 DIODES-74LVCE1G06_1012 Datasheet
248Kb / 13P
   SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32273 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G06 TI1-SN74LVC1G06_18 Datasheet
1Mb / 41P
[Old version datasheet]   Single Inverter Buffer/Driver With Open-Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com