Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL5827IN Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części ISL5827IN
Szczegółowy opis  Dual 12-bit, 3.3V, 260MSPS, High Speed D/A Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5827IN Arkusz danych(HTML) 1 Page - Intersil Corporation

  ISL5827IN Datasheet HTML 1Page - Intersil Corporation ISL5827IN Datasheet HTML 2Page - Intersil Corporation ISL5827IN Datasheet HTML 3Page - Intersil Corporation ISL5827IN Datasheet HTML 4Page - Intersil Corporation ISL5827IN Datasheet HTML 5Page - Intersil Corporation ISL5827IN Datasheet HTML 6Page - Intersil Corporation ISL5827IN Datasheet HTML 7Page - Intersil Corporation ISL5827IN Datasheet HTML 8Page - Intersil Corporation ISL5827IN Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
FN6083
ISL5827
Dual 12-bit, +3.3V, 260+MSPS, High Speed
D/A Converter
The ISL5827 is a dual 12-bit, 260+MSPS (Mega Samples
Per Second), CMOS, high speed, low power, D/A (digital to
analog) converter, designed specifically for use in high
performance communication systems such as base
transceiver stations utilizing 2.5G or 3G cellular protocols.
This device complements the ISL5x57 and ISL5x27 families
of high speed converters, which include 8-, 10-, 12-, and
14-bit devices.
Pinout
ISL5827
(LQFP)
TOP VIEW
Features
• Low Power . . . . . 233mW with 20mA Output at 130MSPS
• Adjustable Full Scale Output Current. . . . . 2mA to 20mA
• Guaranteed Gain Matching < 0.14dB
• +3.3V Power Supply
• 3V LVCMOS Compatible Inputs
• Excellent Spurious Free Dynamic Range
(73dBc to Nyquist, fS = 130MSPS, fOUT = 10MHz)
• UMTS Adjacent Channel Power = 70dB at 19.2MHz
• EDGE/GSM SFDR = 90dBc at 11MHz in 20MHz Window
• Dual, 3.3V, Lower Power Replacement for AD9765
Applications
• Cellular Infrastructure - Single or Multi-Carrier: IS-136,
IS-95, GSM, EDGE, CDMA2000, WCDMA, TDS-CDMA
• BWA Infrastructure
• Quadrature Transmit with IF Range 0–80MHz
• Medical/Test Instrumentation and Equipment
• Wireless Communication Systems
Ordering Information
PART
NUMBER
TEMP.
RANGE
(°C)
PACKAGE
PKG.
DWG. #
CLOCK
SPEED
ISL5827IN
-40 to 85 48 Ld LQFP
Q48.7x7A 260MHz
ISL5827EVAL1
25
Evaluation Platform
260MHz
1
2
3
4
5
6
7
8
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
9
10
11
12
13 14 15 16
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
QD4
QD5
QD6
QD7
QD8
QD9
QD10
QD11 (MSB)
CLK
DGND
AGND
QCOMP
ID5
ID4
ID3
ID2
ID1
NC
SLEEP
DVDD
AGND
ICOMP
(LSB) ID0
NC
Data Sheet
May 2004
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Podobny numer części - ISL5827IN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL5827 INTERSIL-ISL5827 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Podobny opis - ISL5827IN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL5857IBZ INTERSIL-ISL5857IBZ Datasheet
752Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
October 7, 2015
ISL5857 INTERSIL-ISL5857 Datasheet
637Kb / 13P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL5857 RENESAS-ISL5857 Datasheet
1,020Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5627 INTERSIL-ISL5627 Datasheet
468Kb / 12P
   Dual 8-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5727 INTERSIL-ISL5727 Datasheet
672Kb / 13P
   Dual 10-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5927 INTERSIL-ISL5927 Datasheet
675Kb / 13P
   Dual 14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL5757 RENESAS-ISL5757 Datasheet
902Kb / 13P
   10-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5957 INTERSIL-ISL5957 Datasheet
630Kb / 13P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL5957 RENESAS-ISL5957 Datasheet
963Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5757 INTERSIL-ISL5757 Datasheet
625Kb / 13P
   10-bit, 3.3V, 260MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com