Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL5857IAZ Arkusz danych(PDF) 5 Page - Intersil Corporation

Numer części ISL5857IAZ
Szczegółowy opis  12-bit, 3.3V, 260MSPS, High Speed D/A Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5857IAZ Arkusz danych(HTML) 5 Page - Intersil Corporation

  ISL5857IAZ Datasheet HTML 1Page - Intersil Corporation ISL5857IAZ Datasheet HTML 2Page - Intersil Corporation ISL5857IAZ Datasheet HTML 3Page - Intersil Corporation ISL5857IAZ Datasheet HTML 4Page - Intersil Corporation ISL5857IAZ Datasheet HTML 5Page - Intersil Corporation ISL5857IAZ Datasheet HTML 6Page - Intersil Corporation ISL5857IAZ Datasheet HTML 7Page - Intersil Corporation ISL5857IAZ Datasheet HTML 8Page - Intersil Corporation ISL5857IAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
FN6079.1
November 12, 2004
Spurious Free Dynamic Range,
SFDR to Nyquist (fCLK/2)
fCLK = 260MSPS, fOUT = 80.8MHz (Notes 4, 8)
-
47
-
dBc
fCLK = 260MSPS, fOUT = 40.4MHz (Notes 4, 8)
-
60
-
dBc
fCLK = 260MSPS, fOUT = 20.2MHz (Notes 4, 8)
-
62
-
dBc
fCLK = 210MSPS, fOUT = 80.8MHz (Notes 4, 8)
-
51
-
dBc
fCLK = 210MSPS, fOUT = 40.4MHz (Notes 4, 8, 10)
-
60
-
dBc
fCLK = 200MSPS, fOUT = 20.2MHz, T = 25°C (Notes 4, 8)
60
62
-
dBc
fCLK = 200MSPS, fOUT = 20.2MHz, T = -40°C to 85°C (Notes 4, 8)
58
-
-
dBc
fCLK = 130MSPS, fOUT = 50.5MHz (Notes 4, 8)
-
57
-
dBc
fCLK = 130MSPS, fOUT = 40.4MHz (Notes 4, 8)
-
62
-
dBc
fCLK = 130MSPS, fOUT = 20.2MHz (Notes 4, 8)
-
69
-
dBc
fCLK = 130MSPS, fOUT = 10.1MHz (Notes 4, 8)
-
73
-
dBc
fCLK = 130MSPS, fOUT = 5.05MHz, T = 25°C (Notes 4, 8)
70
77
-
dBc
fCLK = 130MSPS, fOUT = 5.05MHz, T = -40°C to 85°C (Notes 4, 8)
68
-
-
dBc
fCLK = 100MSPS, fOUT = 40.4MHz (Notes 4, 8)
-
60
-
dBc
fCLK = 80MSPS, fOUT = 30.3MHz (Notes 4, 8)
-
63
-
dBc
fCLK = 80MSPS, fOUT = 20.2MHz (Notes 4, 8)
-
69
-
dBc
fCLK = 80MSPS, fOUT = 10.1MHz (Notes 4, 8, 10)
-
70
-
dBc
fCLK = 80MSPS, fOUT = 5.05MHz (Notes 4, 8)
-
76
-
dBc
fCLK = 50MSPS, fOUT = 20.2MHz (Notes 4, 8)
-
68
-
dBc
fCLK = 50MSPS, fOUT = 10.1MHz (Notes 4, 8)
-
73
-
dBc
fCLK = 50MSPS, fOUT = 5.05MHz (Notes 4, 8)
-
77
-
dBc
Spurious Free Dynamic Range,
SFDR in a Window with Eight Tones
fCLK = 210MSPS, fOUT = 28.3MHz to 45.2MHz, 2.1MHz Spacing,
50MHz Span (Notes 4, 8, 10)
-65
-
dBc
fCLK = 130MSPS, fOUT = 17.5MHz to 27.9MHz, 1.3MHz Spacing,
35MHz Span (Notes 4, 8)
-68
-
dBc
fCLK = 80MSPS, fOUT = 10.8MHz to 17.2MHz, 811kHz Spacing,
15MHz Span (Notes 4, 8)
-75
-
dBc
fCLK = 50MSPS, fOUT = 6.7MHz to 10.8MHz, 490kHz Spacing,
10MHz Span (Notes 4, 8)
-77
-
dBc
Spurious Free Dynamic Range,
SFDR in a Window with EDGE or GSM
fCLK = 78MSPS, fOUT = 11MHz, in a 20MHz Window, RBW = 30kHz
(Notes 4, 8, 10)
-90
-
dBc
Adjacent Channel Power Ratio,
ACPR with UMTS
fCLK = 76.8MSPS, fOUT = 19.2MHz, RBW = 30kHz (Notes 4, 8, 10)
-
70
-
dB
VOLTAGE REFERENCE
Internal Reference Voltage, VFSADJ
Pin 18 Voltage with Internal Reference
1.2
1.23
1.3
V
Internal Reference Voltage Drift
-
±40
-
ppm/°C
Internal Reference Output Current
Sink/Source Capability
Reference is not intended to be externally loaded
-
0
-
µA
Reference Input Impedance
-1
-
M
Reference Input Multiplying Bandwidth (Note 8)
-
1.0
-
MHz
Electrical Specifications
AVDD = DVDD = +3.3V, VREF = Internal 1.2V, IOUTFS = 20mA, TA = 25°C for All Typical Values (Continued)
PARAMETER
TEST CONDITIONS
TA = -40°C TO 85°C
UNITS
MIN
TYP
MAX
ISL5857


Podobny numer części - ISL5857IAZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL5857IAZ INTERSIL-ISL5857IAZ Datasheet
752Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
October 7, 2015
logo
Renesas Technology Corp
ISL5857IAZ RENESAS-ISL5857IAZ Datasheet
1,020Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
More results

Podobny opis - ISL5857IAZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL5857IBZ INTERSIL-ISL5857IBZ Datasheet
752Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
October 7, 2015
logo
Renesas Technology Corp
ISL5857 RENESAS-ISL5857 Datasheet
1,020Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5827 INTERSIL-ISL5827 Datasheet
666Kb / 13P
   Dual 12-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL5757 RENESAS-ISL5757 Datasheet
902Kb / 13P
   10-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5957 INTERSIL-ISL5957 Datasheet
630Kb / 13P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL5957 RENESAS-ISL5957 Datasheet
963Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5757 INTERSIL-ISL5757 Datasheet
625Kb / 13P
   10-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5957IBZ INTERSIL-ISL5957IBZ Datasheet
658Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
September 29, 2015
ISL5627 INTERSIL-ISL5627 Datasheet
468Kb / 12P
   Dual 8-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5727 INTERSIL-ISL5727 Datasheet
672Kb / 13P
   Dual 10-bit, 3.3V, 260MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com