Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KMM5322204C2WG Arkusz danych(PDF) 3 Page - Samsung semiconductor

Numer części KMM5322204C2WG
Szczegółowy opis  2M x 32 DRAM SIMM using 1Mx16 , 1K Refresh, 5V
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM5322204C2WG Arkusz danych(HTML) 3 Page - Samsung semiconductor

  KMM5322204C2WG Datasheet HTML 1Page - Samsung semiconductor KMM5322204C2WG Datasheet HTML 2Page - Samsung semiconductor KMM5322204C2WG Datasheet HTML 3Page - Samsung semiconductor KMM5322204C2WG Datasheet HTML 4Page - Samsung semiconductor KMM5322204C2WG Datasheet HTML 5Page - Samsung semiconductor KMM5322204C2WG Datasheet HTML 6Page - Samsung semiconductor KMM5322204C2WG Datasheet HTML 7Page - Samsung semiconductor KMM5322204C2WG Datasheet HTML 8Page - Samsung semiconductor KMM5322204C2WG Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DRAM MODULE
KMM5322204C2W/C2WG
Rev. 0.0 (Nov. 1997)
- 3 -
KMM5322204C2W/C2WG Fast Page Mode with Extended Data Out
2M x 32 DRAM SIMM using 1Mx16 , 1K Refresh, 5V
The Samsung KMM5322204C2W is a 2Mx32bits
Dynamic
RAM
high
density
memory
module.
The
Samsung
KMM5322204C2W consists of four CMOS 1Mx16bits DRAMs
in 42-pin SOJ package mounted on a 72-pin glass-epoxy sub-
strate. A 0.1 or 0.22uF decoupling capacitor is mounted on the
printed circuit board for each DRAM. The KMM5322204C2W is
a Single In-line Memory Module with edge connections and is
intended for mounting into 72 pin edge connector sockets.
• Part Identification
- KMM5322204C2W(1024 cycles/16ms Ref, SOJ, Solder)
- KMM5322204C2WG(1024 cycles/16ms Ref, SOJ, Gold)
• Fast Page Mode with Extended Data Out
• CAS-before-RAS refresh capability
• RAS-only and Hidden refresh capability
• TTL compatible inputs and outputs
• Single +5V
±10% power supply
• JEDEC standard PDPin & pinout
• PCB : Height(750mil), double sided component
GENERAL DESCRIPTION
FEATURES
PERFORMANCE RANGE
Speed
tRAC
tCAC
tRC
tHPC
-5
50ns
15ns
90ns
25ns
-6
60ns
15ns
110ns
30ns
PIN NAMES
Pin Name
Function
A0 - A9
Address Inputs
DQ0 - DQ31
Data In/Out
W
Read/Write Enable
RAS0 , RAS1
Row Address Strobe
CAS0 - CAS3
Column Address Strobe
PD1 -PD4
Presence Detect
Vcc
Power(+5V)
Vss
Ground
NC
No Connection
Res
Reserved Pin
PRESENCE DETECT PINS (Optional)
* Pin connection changing available
Pin
50NS
60NS
PD1
PD2
PD3
PD4
NC
NC
Vss
Vss
NC
NC
NC
NC
PIN CONFIGURATIONS
Pin
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
Symbol
VSS
DQ0
DQ16
DQ1
DQ17
DQ2
DQ18
DQ3
DQ19
Vcc
NC
A0
A1
A2
A3
A4
A5
A6
NC
DQ4
DQ20
DQ5
DQ21
DQ6
DQ22
DQ7
DQ23
A7
NC
Vcc
A8
A9
RAS1
RAS0
NC
NC
Pin
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
Symbol
NC
NC
Vss
CAS0
CAS2
CAS3
CAS1
RAS0
RAS1
NC
W
NC
DQ8
DQ24
DQ9
DQ25
DQ10
DQ26
DQ11
DQ27
DQ12
DQ28
Vcc
DQ29
DQ13
DQ30
DQ14
DQ31
DQ15
NC
PD1
PD2
PD3
PD4
NC
Vss
SAMSUNG ELECTRONICS CO., LTD. reserves the right to
change products and specifications without notice.


Podobny numer części - KMM5322204C2WG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KMM5322200C2W SAMSUNG-KMM5322200C2W Datasheet
280Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16, 1K Refresh, 5V
KMM5322200C2WG SAMSUNG-KMM5322200C2WG Datasheet
280Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16, 1K Refresh, 5V
More results

Podobny opis - KMM5322204C2WG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KMM5322200C2W SAMSUNG-KMM5322200C2W Datasheet
280Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16, 1K Refresh, 5V
KMM5362203C2W SAMSUNG-KMM5362203C2W Datasheet
284Kb / 17P
   2M x 36 DRAM SIMM using 1Mx16 and 1Mx4 Quad CAS, 1K Refresh, 5V
KMM5322104CKU SAMSUNG-KMM5322104CKU Datasheet
274Kb / 15P
   2M x 32 DRAM SIMM using 2Mx8 , 2K Refresh, 5V
KMM5362205C2W SAMSUNG-KMM5362205C2W Datasheet
296Kb / 17P
   2M x 36 DRAM SIMM using 1Mx16 and 4M Quad CAS EDO, 1K Refresh
KMM5361203C2W SAMSUNG-KMM5361203C2W Datasheet
280Kb / 17P
   1M x 36 DRAM SIMM using 1Mx16 and 1Mx4 Quad CAS, 1K Refresh
KMM53232004BK SAMSUNG-KMM53232004BK Datasheet
420Kb / 19P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM5324000BSW SAMSUNG-KMM5324000BSW Datasheet
357Kb / 18P
   4M x 32 DRAM SIMM Using 4Mx16, 4K Refresh, 5V
KMM5324004CSW SAMSUNG-KMM5324004CSW Datasheet
435Kb / 21P
   4M x 32 DRAM SIMM Using 4Mx16, 4K Refresh, 5V
KMM5328004CSW SAMSUNG-KMM5328004CSW Datasheet
440Kb / 21P
   8M x 32 DRAM SIMM Using 4Mx16, 4K Refresh, 5V
KMM53216004CK SAMSUNG-KMM53216004CK Datasheet
445Kb / 21P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com