Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KMM5362203C2W Arkusz danych(PDF) 3 Page - Samsung semiconductor

Numer części KMM5362203C2W
Szczegółowy opis  2M x 36 DRAM SIMM using 1Mx16 and 1Mx4 Quad CAS, 1K Refresh, 5V
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM5362203C2W Arkusz danych(HTML) 3 Page - Samsung semiconductor

  KMM5362203C2W Datasheet HTML 1Page - Samsung semiconductor KMM5362203C2W Datasheet HTML 2Page - Samsung semiconductor KMM5362203C2W Datasheet HTML 3Page - Samsung semiconductor KMM5362203C2W Datasheet HTML 4Page - Samsung semiconductor KMM5362203C2W Datasheet HTML 5Page - Samsung semiconductor KMM5362203C2W Datasheet HTML 6Page - Samsung semiconductor KMM5362203C2W Datasheet HTML 7Page - Samsung semiconductor KMM5362203C2W Datasheet HTML 8Page - Samsung semiconductor KMM5362203C2W Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DRAM MODULE
KMM5362203C2W/C2WG
Rev. 0.0 (Nov. 1997)
- 3 -
KMM5362203C2W/C2WG with Fast Page Mode
2M x 36 DRAM SIMM using 1Mx16 and 1Mx4 Quad CAS, 1K Refresh, 5V
The Samsung KMM5362203C2W is a 2Mx36bits Dynamic
RAM
high
density
memory
module.
The
Samsung
KMM5362203C2W consists of four CMOS 1Mx16bits DRAMs
in 42-pin SOJ package mounted and two CMOS 1Mx4bit
Quad CAS DRAM in 24-pin SOJ package on a 72-pin glass-
epoxy substrate. A 0.1 or 0.22uF decoupling capacitor is
mounted on the printed circuit board for each DRAM. The
KMM5362203C2W is a Single In-line Memory Module with
edge connections and is intended for mounting into 72 pin
edge connector sockets.
• Part Identification
- KMM5362203C2W(1024 cycles/16ms Ref, SOJ, Solder)
- KMM5362203C2WG(1024 cycles/16ms Ref, SOJ, Gold)
• Fast Page Mode Operation
• CAS-before-RAS refresh capability
• RAS-only and Hidden refresh capability
• TTL compatible inputs and outputs
• Single +5V
±10% power supply
• JEDEC standard PDPin & pinout
• PCB : Height(750mil), double sided component
GENERAL DESCRIPTION
FEATURES
PERFORMANCE RANGE
Speed
tRAC
tCAC
tRC
-5
50ns
15ns
90ns
-6
60ns
15ns
110ns
PIN NAMES
Pin Name
Function
A0 - A9
Address Inputs
DQ0 - DQ35
Data In/Out
W
Read/Write Enable
RAS0 , RAS1
Row Address Strobe
CAS0 - CAS3
Column Address Strobe
PD1 -PD4
Presence Detect
Vcc
Power(+5V)
Vss
Ground
NC
No Connection
Res
Reserved Pin
PRESENCE DETECT PINS (Optional)
* Pin connection changing available
Pin
50NS
60NS
PD1
PD2
PD3
PD4
NC
NC
Vss
Vss
NC
NC
NC
NC
PIN CONFIGURATIONS
Pin
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
Symbol
VSS
DQ0
DQ18
DQ1
DQ19
DQ2
DQ20
DQ3
DQ21
Vcc
NC
A0
A1
A2
A3
A4
A5
A6
Res(A10)
DQ4
DQ22
DQ5
DQ23
DQ6
DQ24
DQ7
DQ25
A7
Res(A11)
Vcc
A8
A9
RAS1
RAS0
DQ26
DQ8
Pin
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
Symbol
DQ17
DQ35
Vss
CAS0
CAS2
CAS3
CAS1
RAS0
RAS1
NC
W
NC
DQ9
DQ27
DQ10
DQ28
DQ11
DQ29
DQ12
DQ30
DQ13
DQ31
Vcc
DQ32
DQ14
DQ33
DQ15
DQ34
DQ16
NC
PD1
PD2
PD3
PD4
NC
Vss
SAMSUNG ELECTRONICS CO., LTD. reserves the right to
change products and specifications without notice.


Podobny numer części - KMM5362203C2W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KMM5362205C2W SAMSUNG-KMM5362205C2W Datasheet
296Kb / 17P
   2M x 36 DRAM SIMM using 1Mx16 and 4M Quad CAS EDO, 1K Refresh
KMM5362205C2WG SAMSUNG-KMM5362205C2WG Datasheet
296Kb / 17P
   2M x 36 DRAM SIMM using 1Mx16 and 4M Quad CAS EDO, 1K Refresh
More results

Podobny opis - KMM5362203C2W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KMM5361203C2W SAMSUNG-KMM5361203C2W Datasheet
280Kb / 17P
   1M x 36 DRAM SIMM using 1Mx16 and 1Mx4 Quad CAS, 1K Refresh
KMM5362205C2W SAMSUNG-KMM5362205C2W Datasheet
296Kb / 17P
   2M x 36 DRAM SIMM using 1Mx16 and 4M Quad CAS EDO, 1K Refresh
KMM5322204C2W SAMSUNG-KMM5322204C2W Datasheet
287Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16 , 1K Refresh, 5V
KMM5322200C2W SAMSUNG-KMM5322200C2W Datasheet
280Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16, 1K Refresh, 5V
KMM5361205C2W SAMSUNG-KMM5361205C2W Datasheet
289Kb / 17P
   1M x 36 DRAM SIMM using 1Mx16 and 4M Quad CAS EDO, 1K Refresh
KMM5368003BSW SAMSUNG-KMM5368003BSW Datasheet
365Kb / 18P
   8M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5364005BSW SAMSUNG-KMM5364005BSW Datasheet
393Kb / 19P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5364003BSW SAMSUNG-KMM5364003BSW Datasheet
351Kb / 18P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5364003CSW SAMSUNG-KMM5364003CSW Datasheet
391Kb / 20P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5364005CSW SAMSUNG-KMM5364005CSW Datasheet
415Kb / 21P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com