Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

QO260 Dane(HTML) 1 Page - Schneider Electric

Numer części QO260
Szczegółowy opis  Mini CB, QO, 60 A, 2P, 120/240 V, 10 kA, Plug in
Pobierz  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  SCHNEIDER [Schneider Electric]
Strona internetowa  https://www.se.com/us/en/
Logo 

QO260 Datasheet(Arkusz danych) 1 Page - Schneider Electric

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Characteristics
QO260
Mini CB, QO, 60 A, 2P, 120/240 V, 10 kA, Plug in
Product availability : Stock - Normally stocked in distribution facility
Price** : 67.00 USD
Main
Product
Miniature circuit-breaker
Range
QO
Current Rating
60 A
Voltage Rating
120/240 V AC
120 V AC
48 V DC
Mounting Type
Plug-in
Number of Poles
2P
Circuit Breaker Type
Standard
Ratings
HACR rated
Electrical Connection
Box lugs
Complementary
Inturrupt Rating
10 kA 120/240 V AC 50/60 Hz
10 kA 120 V AC 50/60 Hz
5 kA 48 V DC
Number of Panel Spaces
2
Wire Size
AWG 8...AWG 2 copper or aluminium
Tightening torque
44.25 lbf.in (5 N.m) 0.02…0.04 in² (10…25 mm²) AWG 8...AWG 2)
Height
79.25 mm (3.12 in)
Depth
73.91 mm (2.91 in)
Width
38.10 mm (1.5 in)
Environment
Certifications
UL listed
CSA
Ambient Rating
104 °F (40 °C)
Nov 26, 2019
1


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn