Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KMM53232004BKG Arkusz danych(PDF) 1 Page - Samsung semiconductor

Numer części KMM53232004BKG
Szczegółowy opis  32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM53232004BKG Arkusz danych(HTML) 1 Page - Samsung semiconductor

  KMM53232004BKG Datasheet HTML 1Page - Samsung semiconductor KMM53232004BKG Datasheet HTML 2Page - Samsung semiconductor KMM53232004BKG Datasheet HTML 3Page - Samsung semiconductor KMM53232004BKG Datasheet HTML 4Page - Samsung semiconductor KMM53232004BKG Datasheet HTML 5Page - Samsung semiconductor KMM53232004BKG Datasheet HTML 6Page - Samsung semiconductor KMM53232004BKG Datasheet HTML 7Page - Samsung semiconductor KMM53232004BKG Datasheet HTML 8Page - Samsung semiconductor KMM53232004BKG Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DRAM MODULE
KMM53232004BK/BKG
KMM53232004BK/BKG EDO Mode
32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
The Samsung KMM53232004B is a 32Mx32bits
Dynamic
RAM
high
density
memory
module.
The
Samsung
KMM53232004B
consists
of
sixteen
CMOS
16Mx4bits
DRAMs in SOJ packages mounted on a 72-pin glass-epoxy
substrate. A 0.1 or 0.22uF decoupling capacitor is mounted
on
the
printed
circuit
board
for
each
DRAM.
The
KMM53232004B is a Single In-line Memory Module with edge
connections and is intended for mounting into 72 pin edge
connector sockets.
• Part Identification
- KMM53232004BK(4K cycles/64ms Ref, SOJ, Solder)
- KMM53232004BKG(4K cycles/64ms Ref, SOJ, Gold)
• Extended Data Out Mode Operation
• CAS-before-RAS & Hidden Refresh capability
• RAS-only refresh capability
• TTL compatible inputs and outputs
• Single +5V
±10% power supply
• JEDEC standard PDpin & pinout
• PCB : Height(1420mil), double sided component
GENERAL DESCRIPTION
FEATURES
PERFORMANCE RANGE
Speed
tRAC
tCAC
tRC
tHPC
-5
50ns
13ns
84ns
20ns
-6
60ns
15ns
104ns
25ns
PIN NAMES
Pin Name
Function
A0 - A11
Address Inputs
DQ0-7, DQ9-16
DQ18-25, DQ27-34
Data In/Out
W
Read/Write Enable
RAS0 - RAS3
Row Address Strobe
CAS0 - CAS3
Column Address Strobe
PD1 -PD4
Presence Detect
Vcc
Power(+5V)
Vss
Ground
NC
No Connection
PRESENCE DETECT PINS (Optional)
Pin
50NS
60NS
PD1
PD2
PD3
PD4
NC
Vss
Vss
Vss
NC
Vss
NC
NC
PIN CONFIGURATIONS
Pin
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
Symbol
VSS
DQ0
DQ18
DQ1
DQ19
DQ2
DQ20
DQ3
DQ21
Vcc
NC
A0
A1
A2
A3
A4
A5
A6
A10
DQ4
DQ22
DQ5
DQ23
DQ6
DQ24
DQ7
DQ25
A7
A11
Vcc
A8
A9
RAS3
RAS2
NC
NC
Pin
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
Symbol
NC
NC
Vss
CAS0
CAS2
CAS3
CAS1
RAS0
RAS1
NC
W
NC
DQ9
DQ27
DQ10
DQ28
DQ11
DQ29
DQ12
DQ30
DQ13
DQ31
Vcc
DQ32
DQ14
DQ33
DQ15
DQ34
DQ16
NC
PD1
PD2
PD3
PD4
NC
Vss
SAMSUNG ELECTRONICS CO., LTD. reserves the right to
change products and specifications without notice.


Podobny numer części - KMM53232004BKG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KMM53232004CK SAMSUNG-KMM53232004CK Datasheet
459Kb / 21P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53232004CKG SAMSUNG-KMM53232004CKG Datasheet
459Kb / 21P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
More results

Podobny opis - KMM53232004BKG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KMM53232004CK SAMSUNG-KMM53232004CK Datasheet
459Kb / 21P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53232000CK SAMSUNG-KMM53232000CK Datasheet
412Kb / 20P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53232000BK SAMSUNG-KMM53232000BK Datasheet
376Kb / 18P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53632004BK SAMSUNG-KMM53632004BK Datasheet
434Kb / 19P
   32M x 36 DRAM SIMM Using 16Mx4 & 16Mx1 4K Refresh, 5V
KMM53632004CK SAMSUNG-KMM53632004CK Datasheet
475Kb / 21P
   32M x 36 DRAM SIMM Using 16Mx4 & 16Mx1 4K Refresh, 5V
KMM53632000CK SAMSUNG-KMM53632000CK Datasheet
428Kb / 20P
   32M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
KMM53632000BK SAMSUNG-KMM53632000BK Datasheet
389Kb / 18P
   32M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
KMM53216004CK SAMSUNG-KMM53216004CK Datasheet
445Kb / 21P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53216000CK SAMSUNG-KMM53216000CK Datasheet
397Kb / 20P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53216004BK SAMSUNG-KMM53216004BK Datasheet
409Kb / 19P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com