Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10EP57 Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części MC10EP57
Szczegółowy opis  4:1 Differential Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP57 Arkusz danych(HTML) 2 Page - ON Semiconductor

  MC10EP57 Datasheet HTML 1Page - ON Semiconductor MC10EP57 Datasheet HTML 2Page - ON Semiconductor MC10EP57 Datasheet HTML 3Page - ON Semiconductor MC10EP57 Datasheet HTML 4Page - ON Semiconductor MC10EP57 Datasheet HTML 5Page - ON Semiconductor MC10EP57 Datasheet HTML 6Page - ON Semiconductor MC10EP57 Datasheet HTML 7Page - ON Semiconductor MC10EP57 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC10EP57
http://onsemi.com
2
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VEE
Power Supply (VCC = 0V)
–6.0 to 0
VDC
VCC
Power Supply (VEE = 0V)
6.0 to 0
VDC
VI
Input Voltage (VCC = 0V, VI not more negative than VEE)
–6.0 to 0
VDC
VI
Input Voltage (VEE = 0V, VI not more positive than VCC)
6.0 to 0
VDC
Iout
Output Current
Continuous
Surge
50
100
mA
IBB
VBB Sink/Source Current{
± 0.5
mA
TA
Operating Temperature Range
–40 to +85
°C
Tstg
Storage Temperature
–65 to +150
°C
θJA
Thermal Resistance (Junction–to–Ambient)
Still Air
500lfpm
140
100
°C/W
θJC
Thermal Resistance (Junction–to–Case)
23 to 41
±5%
°C/W
Tsol
Solder Temperature (<2 to 3 Seconds: 245
°C desired)
265
°C
* Maximum Ratings are those values beyond which damage to the device may occur.
{ Use for inputs of same package only.
DC CHARACTERISTICS, ECL/LVECL (VCC = 0V; VEE = –5.5V to –3.0V) (Note 4.)
–40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
(Note 1.)
40
52
65
40
52
65
40
52
65
mA
VOH
Output HIGH Voltage
(Note 2.)
–1135
–1060
–885
–1070
–945
–820
–1010
–885
–760
mV
VOL
Output LOW Voltage
(Note 2.)
–1995
–1810
–1685
–1995
–1745
–1620
–1995
–1685
–1560
mV
VIH
Input HIGH Voltage
Single Ended
–1210
–885
–1145
–820
–1085
–760
mV
VIL
Input LOW Voltage
Single Ended
–1935
–1610
–1870
–1545
–1810
–1485
mV
VBB
Output Voltage Reference
–1550
–1450
–1350
–1500
–1400
–1300
–1450
–1350
–1250
mV
VIHCMR Input HIGH Voltage Common Mode
Range (Note 3.)
VEE+2.0
0.0
VEE+2.0
0.0
VEE+2.0
0.0
V
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW Current
SEL, D
D
0.5
–150
0.5
–150
0.5
–150
µA
NOTE: 10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500lfpm is maintained.
1. VCC = 0V, VEE = VEEmin to VEEmax, all other pins floating.
2. All loading with 50 ohms to VCC–2.0 volts.
3. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC.
4. Input and output parameters vary 1:1 with VCC.


Podobny numer części - MC10EP57

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57 Datasheet
169Kb / 11P
   3.3V / 5V ECL 4:1 Differential Multiplexer
December, 2006 ??Rev. 12
MC10EP57 ONSEMI-MC10EP57 Datasheet
113Kb / 10P
   ECL 4:1 Differential Multiplexer
April, 2014 ??Rev. 13
MC10EP57DT ONSEMI-MC10EP57DT Datasheet
77Kb / 10P
   3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
MC10EP57DT ONSEMI-MC10EP57DT Datasheet
169Kb / 11P
   3.3V / 5V ECL 4:1 Differential Multiplexer
December, 2006 ??Rev. 12
MC10EP57DTG ONSEMI-MC10EP57DTG Datasheet
169Kb / 11P
   3.3V / 5V ECL 4:1 Differential Multiplexer
December, 2006 ??Rev. 12
More results

Podobny opis - MC10EP57

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10EL57 ONSEMI-MC10EL57 Datasheet
96Kb / 3P
   4:1 Differential Multiplexer
1996 REV 1
logo
Micrel Semiconductor
SY10EL57 MICREL-SY10EL57_10 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
SY10EL57 MICREL-SY10EL57 Datasheet
57Kb / 4P
   4:1 DIFFERENTIAL MULTIPLEXER
SY10EL57 MICREL-SY10EL57_06 Datasheet
55Kb / 5P
   4:1 DIFFERENTIAL MULTIPLEXER
SY100EL57L MICREL-SY100EL57L_06 Datasheet
54Kb / 5P
   3.3V 4:1 DIFFERENTIAL MULTIPLEXER
SY100EL57L MICREL-SY100EL57L Datasheet
62Kb / 4P
   3.3V 4:1 DIFFERENTIAL MULTIPLEXER
logo
ON Semiconductor
MC10EP57 ONSEMI-MC10EP57_14 Datasheet
113Kb / 10P
   ECL 4:1 Differential Multiplexer
April, 2014 ??Rev. 13
MC10EL57 ONSEMI-MC10EL57_06 Datasheet
124Kb / 8P
   5V ECL 4:1 Differential Multiplexer
November, 2006 ??Rev. 7
MC100EP57 ONSEMI-MC100EP57 Datasheet
77Kb / 10P
   3.3V / 5V ECL 4:1 Differential Multiplexer
October, 2004 ??Rev. 9
MC10EL57 ONSEMI-MC10EL57_16 Datasheet
164Kb / 7P
   5 V ECL 4:1 Differential Multiplexer
July, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com