Zakładka z wyszukiwarką danych komponentów |
|
LC170A Arkusz danych(PDF) 4 Page - Microsemi Corporation |
|
LC170A Arkusz danych(HTML) 4 Page - Microsemi Corporation |
4 / 4 page 1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR Microsemi Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 Page 4 Copyright 2002 10-21-2004 REV C SCOTTSD A L E DIVISION LC6.5 thru LC170A SCHEMATIC APPLICATIONS The TVS low capacitance device configuration is shown in Figure 2. As a further option for unidirectional applications, an additional low capacitance rectifier diode may be used in parallel in the same polarity direction as the TVS as shown in Figure 3. In applications where random high voltage transients occur, this will prevent reverse transients from damaging the internal low capacitance rectifier diode and also provide a low voltage conducting direction. The added rectifier diode should be of similar low capacitance and also have a higher reverse voltage rating than the TVS clamping voltage VC. The Microsemi recommended rectifier part number is the “LCR80” for the application in Figure 5. If using two (2) low capacitance TVS devices in anti-parallel for bidirectional applications, this added protective feature for both directions (including the reverse of each rectifier diode) is also provided. The unidirectional and bidirectional configurations in Figure 3 and 4 will both result in twice the capacitance of Figure 2. FIGURE 2 FIGURE 3 FIGURE 4 TVS with internal Low Optional Unidirectional Optional Bidirectional Capacitance Diode configuration (TVS and configuration (two TVS separate rectifier diode) devices in anti-parallel) in parallel) PACKAGE DIMENSIONS DO-13 (or DO-202AA) |
Podobny numer części - LC170A |
|
Podobny opis - LC170A |