Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC6501P105VCT Arkusz danych(PDF) 4 Page - Microchip Technology

Numer części TC6501P105VCT
Szczegółowy opis  Ultra Small Temperature Switches with Pin Selectable Hysteresis
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC6501P105VCT Arkusz danych(HTML) 4 Page - Microchip Technology

  TC6501P105VCT Datasheet HTML 1Page - Microchip Technology TC6501P105VCT Datasheet HTML 2Page - Microchip Technology TC6501P105VCT Datasheet HTML 3Page - Microchip Technology TC6501P105VCT Datasheet HTML 4Page - Microchip Technology TC6501P105VCT Datasheet HTML 5Page - Microchip Technology TC6501P105VCT Datasheet HTML 6Page - Microchip Technology TC6501P105VCT Datasheet HTML 7Page - Microchip Technology TC6501P105VCT Datasheet HTML 8Page - Microchip Technology TC6501P105VCT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TC6501/2/3/4
DS21451D-page 4
 2004 Microchip Technology Inc.
Note:
Unless otherwise noted, VCC = 5.0V, RPULL-UP = 100 kΩ (TC6501/TC6503 only), 100 pF decoupling
capacitor from VCC to GND, TAMB = +25°C.
FIGURE 2-7:
Output Source Resistance
vs. Temperature (TC6502).
0
20 40
60
80 100
Temperature (˚C)
180
160
140
120
100
80
60
180
40
20
140
120
VCC = 2.7V
VCC = 4.0V
VCC = 5.0V


Podobny numer części - TC6501P105VCT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC6501P105VCT MICROCHIP-TC6501P105VCT Datasheet
254Kb / 16P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
11/29/12
More results

Podobny opis - TC6501P105VCT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC6501P120VCTTRG MICROCHIP-TC6501P120VCTTRG Datasheet
261Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501 MICROCHIP-TC6501_13 Datasheet
254Kb / 16P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
11/29/12
TC6501P120VCTTRG MICROCHIP-TC6501P120VCTTRG Datasheet
261Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P115VCTTR MICROCHIP-TC6501P115VCTTR Datasheet
272Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P115VCTTR MICROCHIP-TC6501P115VCTTR Datasheet
262Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
logo
ON Semiconductor
NCT51 ONSEMI-NCT51 Datasheet
124Kb / 12P
   Ultra Small Temperature Switch with Pin-Selectable Hysteresis
June, 2002 ??Rev. 1
logo
Microchip Technology
MCP9501 MICROCHIP-MCP9501 Datasheet
338Kb / 20P
   Temperature Switch with Selectable Hysteresis
2011
logo
Richtek Technology Corp...
RT9726 RICHTEK-RT9726 Datasheet
115Kb / 8P
   High-Voltage Hysteresis Selectable Temperature Switch
logo
Torex Semiconductor
XC3101 TOREX-XC3101_12 Datasheet
225Kb / 13P
   Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
XC3101 TOREX-XC3101 Datasheet
225Kb / 13P
   Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com