Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KM732V599L Arkusz danych(PDF) 7 Page - Samsung semiconductor

Numer części KM732V599L
Szczegółowy opis  32Kx32 Synchronous SRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM732V599L Arkusz danych(HTML) 7 Page - Samsung semiconductor

Back Button KM732V599L Datasheet HTML 3Page - Samsung semiconductor KM732V599L Datasheet HTML 4Page - Samsung semiconductor KM732V599L Datasheet HTML 5Page - Samsung semiconductor KM732V599L Datasheet HTML 6Page - Samsung semiconductor KM732V599L Datasheet HTML 7Page - Samsung semiconductor KM732V599L Datasheet HTML 8Page - Samsung semiconductor KM732V599L Datasheet HTML 9Page - Samsung semiconductor KM732V599L Datasheet HTML 10Page - Samsung semiconductor KM732V599L Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PRELIMINARY
Rev 1.0
KM732V599A/L
32Kx32 Synchronous SRAM
- 7 -
May 1997
DC ELECTRICAL CHARACTERISTICS
* VIL(Min)=-3.0V(Pulse Width
20ns)
** In Case of I/O Pins, the Max. VIH=VDDQ + 0.5V
Parameter
Symbol
Test Conditions
Min
Max
Unit
Input Leakage Current(except ZZ)
IIL
VDD=Max, VIN=VSS to VDD
-2
+2
µA
Output Leakage Current
IOL
Output Disabled,
VOUT=VSSQ to VDDQ
-2
+2
µA
Operating Current
ICC
Device Selected, IOUT=0mA, ZZ
≤VIL, All
Inputs=VIL or VIH
Cycle Time
≥ tCYC Min
-7
-
270
mA
-8
-
260
-10
-
240
Standby Current
ISB
Device deselected, IOUT=0mA, ZZ
≤VIL,
f=Max, All Inputs
≤0.2V or ≥VDD-0.2V
-7
-
60
mA
-8
-
60
-10
-
60
ISB1
Device deselected, IOUT=0mA,
ZZ
≤0.2V, f=0,
All Inputs=fixed(VDD-0.2V or 0.2V)
-
10
mA
L-Ver.
-
1.0
mA
ISB2
Device deselected, IOUT=0mA,
ZZ
≥VDD-0.2V, f=Max,
All Inputs
≤VIL or ≥VIH
-
10
mA
L-Ver.
-
500
µA
Output Low Voltage
VOL
IOL=8.0mA
-
0.4
V
Output High Voltage
VOH
IOH=-4.0mA
2.4
-
V
Input Low Voltage
VIL
-0.5*
0.8
V
Input High Voltage
VIH
2.0
5.5**
V
(VDD=3.3V-5%+10%, TA=0 to 70
°C)
TEST CONDITIONS
Parameter
Value
Input Pulse Level
0 to 3V
Input Rise and Fall Time(Measured at 0.3V and 2.7V)
2ns
Input and Output Timing Reference Levels
1.5V
Output Load
See Fig. 1
(TA=0 to 70
°C, VDD=3.3V-5%/+10%unless otherwise specified)
Output Load(A)
Output Load(B)
(for tLZC, tLZOE, tHZOE & tHZC)
Dout
353
5pF*
+3.3V
319
* Capacitive Load consists of all components of
Fig. 1
* Including Scope and Jig Capacitance
the test environment.
Dout
Z0=50
VL=1.5V
30pF*
RL=50


Podobny numer części - KM732V599L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KM732V595A SAMSUNG-KM732V595A Datasheet
484Kb / 15P
   32Kx32 Synchronous SRAM
KM732V595L SAMSUNG-KM732V595L Datasheet
484Kb / 15P
   32Kx32 Synchronous SRAM
KM732V596A SAMSUNG-KM732V596A Datasheet
498Kb / 16P
   32Kx32 Synchronous SRAM
KM732V596L SAMSUNG-KM732V596L Datasheet
498Kb / 16P
   32Kx32 Synchronous SRAM
More results

Podobny opis - KM732V599L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KM732V595L SAMSUNG-KM732V595L Datasheet
484Kb / 15P
   32Kx32 Synchronous SRAM
KM732V589L SAMSUNG-KM732V589L Datasheet
508Kb / 15P
   32Kx32 Synchronous SRAM
KM732V596L SAMSUNG-KM732V596L Datasheet
498Kb / 16P
   32Kx32 Synchronous SRAM
logo
Integrated Device Techn...
IDT71V547S IDT-IDT71V547S Datasheet
711Kb / 20P
   Synchronous SRAM
logo
Samsung semiconductor
KM732V688 SAMSUNG-KM732V688 Datasheet
509Kb / 15P
   64Kx32 Synchronous SRAM
KM732V787 SAMSUNG-KM732V787 Datasheet
524Kb / 16P
   128Kx32 Synchronous SRAM
K7A401800M SAMSUNG-K7A401800M Datasheet
408Kb / 15P
   256Kx18 Synchronous SRAM
KM718V887 SAMSUNG-KM718V887 Datasheet
470Kb / 16P
   256Kx18 Synchronous SRAM
KM732V689A SAMSUNG-KM732V689A Datasheet
493Kb / 15P
   64Kx32 Synchronous SRAM
KM736V689 SAMSUNG-KM736V689 Datasheet
437Kb / 15P
   64Kx36 Synchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com