Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N5229AUR Arkusz danych(PDF) 2 Page - Microsemi Corporation

Numer części 1N5229AUR
Szczegółowy opis  500 mW GLASS SURFACE MOUNT ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5229AUR Arkusz danych(HTML) 2 Page - Microsemi Corporation

  1N5229AUR Datasheet HTML 1Page - Microsemi Corporation 1N5229AUR Datasheet HTML 2Page - Microsemi Corporation 1N5229AUR Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
500 mW GLASS SURFACE MOUNT
ZENER DIODES
S C O T T S DA L E D I V I SI ON
1N5221UR thru 1N5281BUR, e3
(or MLL5221 thru MLL5281B, e3)
ELECTRICAL CHARACTERISTICS*
Max Reverse Leakage Current
Nominal
Zener
Voltage
VZ @ IZT
(Note 2)
Test
Current
IZT
Max Zener Impedance
A and B suffix only
A and B Suffix only
Non-Suffix
Max Zener Voltage
Temperature Coeff.
(A and B Suffix only)
(Note 3)
@
VR
Volts
INDUSTRY
PART
NUMBER
(NOTES 1 & 4)
Volts
mA
ZZT @ IZT
Ohms
ZZK @ IZK =
0.25Ma Ohms
IR
A
A
B
IR @ VR Used
for Suffix A
A
VZ (%/
oC)
1N5221UR
1N5222UR
1N5223UR
1N5224UR
1N5225UR
2.4
2.5
2.7
2.8
3.0
20
20
20
20
20
30
30
30
30
29
1200
1250
1300
1400
1600
100
100
75
75
50
0.95
0.95
0.95
0.95
0.95
1.0
1.0
1.0
1.0
1.0
200
200
150
150
100
-0.085
-0.085
-0.080
-0.080
-0.075
1N5226UR
1N5227UR
1N5228UR
1N5229UR
1N5230UR
3.3
3.6
3.9
4.3
4.7
20
20
20
20
20
28
24
23
22
19
1600
1700
1900
2000
1900
25
15
10
5.0
5.0
0.95
0.95
0.95
0.95
1.9
1.0
1.0
1.0
1.0
2.0
100
100
75
50
50
-0.070
-0.065
-0.060
+/-0.055
+/-0.030
1N5231UR
1N5232UR
1N5233UR
1N5234UR
1N5235UR
5.1
5.6
6.0
6.2
6.8
20
20
20
20
20
17
11
7.0
7.0
5.0
1600
1600
1600
1000
750
5.0
5.0
5.0
5.0
3.0
1.9
2.9
3.3
3.8
4.8
2.0
3.0
3.5
4.0
5.0
50
50
50
50
30
+/-0.030
+0.038
+0.038
+0.045
+0.050
1N5236UR
1N5237UR
1N5238UR
1N5239UR
1N5240UR
7.5
8.2
8.7
9.1
10
20
20
20
20
20
6.0
8.0
8.0
10
17
500
500
600
600
600
3.0
3.0
3.0
3.0
3.0
5.7
6.2
6.2
6.7
7.6
6.0
6.5
6.5
7.0
8.0
30
30
30
30
30
+0.058
+0.062
+0.065
+0.068
+0.075
1N5241UR
1N5242UR
1N5243UR
1N5244UR
1N5245UR
11
12
13
14
15
20
20
9.5
9.0
8.5
22
30
13
15
16
600
600
600
600
600
2.0
1.0
0.5
0.1
0.1
8.0
8.7
9.4
9.5
10.5
8.4
9.1
9.9
10
11
30
10
10
10
10
+0.076
+0.077
+0.079
+0.082
+0.082
1N5246UR
1N5247UR
1N5248UR
1N5249UR
1N5250UR
16
17
18
19
20
7.8
7.4
7.0
6.6
6.2
17
19
21
23
25
600
600
600
600
600
0.1
0.1
0.1
0.1
0.1
11.4
12.4
13.3
13.3
14.3
12
13
14
14
15
10
10
10
10
10
+0.083
+0.084
+0.085
+0.086
+0.086
1N5251UR
1N5252UR
1N5253UR
1N5254UR
1N5255UR
22
24
25
27
28
5.6
5.2
5.0
4.6
4.5
29
33
35
41
44
600
600
600
600
600
0.1
0.1
0.1
0.1
0.1
16.2
17.1
18.1
20
20
17
18
19
21
21
10
10
10
10
10
+0.087
+0.088
+0.089
+0.090
+0.091
1N5256UR
1N5257UR
1N5258UR
1N5259UR
1N5260UR
30
33
36
39
43
4.2
3.8
3.4
3.2
3.0
49
58
70
80
93
600
700
700
800
900
0.1
0.1
0.1
0.1
0.1
22
24
26
29
31
23
25
27
30
33
10
10
10
10
10
+0.091
+0.092
+0.093
+0.094
+0.095
1N5261UR
1N5262UR
1N5263UR
1N5264UR
1N5265UR
47
51
56
60
62
2.7
2.5
2.2
2.1
2.0
105
125
150
170
185
1000
1100
1300
1400
1400
0.1
0.1
0.1
0.1
0.1
34
37
41
44
45
36
39
43
46
47
10
10
10
10
10
+0.095
+0.096
+0.096
+0.097
+0.097
1N5266UR
1N5267UR
1N5268UR
1N5269UR
1N5270UR
68
75
82
87
91
1.8
1.7
1.5
1.4
1.4
230
270
330
370
400
1600
1700
2000
2200
2300
0.1
0.1
0.1
0.1
0.1
49
53
59
65
66
52
56
62
68
69
10
10
10
10
10
+0.097
+0.098
+0.098
+0.099
+0.099
1N5271UR
1N5272UR
1N5273UR
1N5274UR
1N5275UR
100
110
120
130
140
1.3
1.1
1.0
.95
.90
500
750
900
1100
1300
2600
3000
4000
4500
4500
0.1
0.1
0.1
0.1
0.1
72
80
86
94
101
76
84
91
99
106
10
10
10
10
10
+0.0110
+0.0110
+0.0110
+0.0110
+0.0110
1N5276UR
1N5277UR
1N5278UR
1N5279UR
1N5280UR
150
160
170
180
190
.85
.80
.74
.68
.66
1500
1700
1900
2200
2400
5000
5500
5500
6000
6500
0.1
0.1
0.1
0.1
0.1
108
116
123
130
137
114
122
129
137
144
10
10
10
10
10
+0.0110
+0.0110
+0.0110
+0.0110
+0.0110
1N5281UR
200
.65
2500
7000
0.1
144
152
10
+0.0110
Microsemi
Scottsdale Division
Page 2
* TA = 25
oC unless otherwise noted. Based on dc measurements at thermal equilibrium; case temperature maintained at 30 +/- 2oC.
VF = 1.1V max @ IF = 200 mA
for all types. See further Notes on following page.
Copyright
2005
8-29-2005 REV B
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503


Podobny numer części - 1N5229AUR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
First Components Intern...
1N5229A FCI-1N5229A Datasheet
159Kb / 3P
   1/2 Watt ZENER DIODES
logo
New Jersey Semi-Conduct...
1N5229A NJSEMI-1N5229A Datasheet
114Kb / 1P
   GLASS ZENER DIODES 500 MILLIWATTS 2.4-200 VOLTS
logo
First Components Intern...
1N5229A FCI-1N5229A Datasheet
162Kb / 3P
   1/2 Watt ZENER DIODES
More results

Podobny opis - 1N5229AUR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
1N5985BUR-1 MICROSEMI-1N5985BUR-1 Datasheet
397Kb / 5P
   Surface Mount 500 mW Zener Diodes
Rev. 1
1N4614UR-1 MICROSEMI-1N4614UR-1_V01 Datasheet
467Kb / 6P
   500 mW Metallurgically Bonded Glass Surface Mount Zener Diodes
Rev. 2
logo
Digitron Semiconductors
1N6309 DIGITRON-1N6309 Datasheet
268Kb / 3P
   500 mW GLASS ZENER DIODES
logo
Microsemi Corporation
1N6309 MICROSEMI-1N6309 Datasheet
96Kb / 2P
   500 mW GLASS ZENER DIODES
1N6309US MICROSEMI-1N6309US Datasheet
461Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED Surface Mount 500 mW Glass Zener Diodes
1N5248C MICROSEMI-1N5248C Datasheet
199Kb / 3P
   500 mW GLASS AXIAL-LEAD ZENER DIODES
logo
Compensated Deuices Inc...
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
   500 mW ZENER DIODES
1N6309 CDI-DIODE-1N6309 Datasheet
111Kb / 2P
   500 mW ZENER DIODES
logo
Microsemi Corporation
1N957B-1 MICROSEMI-1N957B-1 Datasheet
92Kb / 2P
   SILICON 500 mW ZENER DIODES
1N992B MICROSEMI-1N992B Datasheet
221Kb / 3P
   Silicon 500 mW Zener Diodes
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com