Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SI3014-KT Arkusz danych(PDF) 10 Page - List of Unclassifed Manufacturers

Numer części SI3014-KT
Szczegółowy opis  GLOBAL MC 97 SILICON DAA
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

SI3014-KT Arkusz danych(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SI3014-KT Datasheet HTML 6Page - List of Unclassifed Manufacturers SI3014-KT Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3014-KT Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3014-KT Datasheet HTML 9Page - List of Unclassifed Manufacturers SI3014-KT Datasheet HTML 10Page - List of Unclassifed Manufacturers SI3014-KT Datasheet HTML 11Page - List of Unclassifed Manufacturers SI3014-KT Datasheet HTML 12Page - List of Unclassifed Manufacturers SI3014-KT Datasheet HTML 13Page - List of Unclassifed Manufacturers SI3014-KT Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
Si3038
10
Rev. 2.01
Figure 5. Data Setup and Hold Timing Diagram
Figure 6. Signal Rise and Fall Timing Diagram
Table 10. AC Link Timing Characteristics—Data Setup and Hold
(VD = 3.0 to 3.6 V, VA = Charge Pump, TA = 25°C, CL = 50 pF)
Parameter
Symbol
Min
Typ
Max
Unit
Setup to Falling Edge of BIT_CLK
Tsetup
15.0
ns
Hold from Falling Edge of BIT_CLK
Thold
5.0
ns
Table 11. AC Link Rise and Fall Times
(VD = 3.0 to 3.6 V, VA = Charge Pump, TA = 25°C, CL = 50 pF)
Parameter
Symbol
Min
Typ
Max
Unit
BIT_CLK Rise Time
Triseclk
2—6
ns
BIT_CLK Fall Time
Tfallclk
2—6
ns
SYNC Rise Time
Trisesync
2—6
ns
SYNC Fall Time
Tfallsync
2—6
ns
SDATA_IN Rise Time
Trisedin
2—6
ns
SDATA_IN Fall Time
Tfalldin
2—6
ns
SDATA_OUT Rise Time
Trisedout
2—6
ns
SDATA_OUT Fall Time
Tfalldout
2—6
ns
BIT_CLK
T
setup
T
hold
SYNC
SDATA_OUT
SDATA_IN
SYNC
BIT_CLK
SDATA_OUT
SDATA_IN
Trise
clk
Tfall
clk
Trise
sync
Tfall
sync
Trise
din
Tfall
din
Trise
dout
Tfall
dout


Podobny numer części - SI3014-KT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SI3014-KT ETC-SI3014-KT Datasheet
1Mb / 54P
   3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
More results

Podobny opis - SI3014-KT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI3050-KT SILABS-SI3050-KT Datasheet
1Mb / 112P
   GLOBAL VOICE DAA
logo
List of Unclassifed Man...
SI2400 ETC-SI2400 Datasheet
1Mb / 76P
   V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2400 SILABS-SI2400 Datasheet
1Mb / 94P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2493D SKYWORKS-SI2493D Datasheet
1,020Kb / 60P
   V.92 ISOMODEM® WITH GLOBAL DAA
Revision 0.91 to Revision 1.0
logo
Silicon Laboratories
SI2401 SILABS-SI2401 Datasheet
993Kb / 76P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
logo
Silicon Laboratories
SI2494 SILABS-SI2494 Datasheet
449Kb / 70P
   V.92 AND V.34 ISOMODEM WITH GLOBAL DAA
logo
List of Unclassifed Man...
SI3065 ETC1-SI3065 Datasheet
821Kb / 62P
   GLOBAL LINE-SIDE DAA FOR EMBEDDED SYSTEM-SIDE MODULE
logo
Skyworks Solutions Inc.
SI2494 SKYWORKS-SI2494 Datasheet
1Mb / 70P
   V.92 AND V.34 ISOMODEM® WITH GLOBAL DAA
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com