Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-2300-060 Arkusz danych(PDF) 6 Page - Agilent(Hewlett-Packard)

Numer części HCPL-2300-060
Szczegółowy opis  8 MBd Low Input Current Optocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-2300-060 Arkusz danych(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL-2300-060 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-2300-060 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-2300-060 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-2300-060 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-2300-060 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-2300-060 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-2300-060 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-2300-060 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-2300-060 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
DC Electrical Specifications
For -40
°C ≤ TA ≤ 85°C, 4.75 V ≤ VCC ≤ 5.25 V, VFL ≤ 0.8 V, unless otherwise specified.
All typicals at TA = 25°C and VCC = 5 V , unless otherwise specified. See note 1.
Parameter
Symbol
Min. Typ. Max. Units
Test Conditions
Fig. Note
High Level Output
IOH
0.05
250
µAVF = 0.8 V, VO = 18 V
4
Current
Low Level Output
VOL
0.4
0.5
V
IF = 0.5 mA
3
Voltage
IOL (Sinking) = 8 mA
High Level Supply
ICCH
4.0
6.3
mA
IF = 0 mA, VCC = 5.25 V
Current
Low Level Supply Current
ICCL
6.2
10.0
mA
IF = 1.0 mA, VCC = 5.25 V
Input Forward Voltage
VF
1.0
1.3
1.5
V
TA = 25°CIF = 1.0 mA
2
0.85
1.65
Input Diode Temperature
∆VF
-1.6
mV/
°CIF = 1.0 mA
Coefficient
Input Reverse
BVR
3.0
V
IR = 10 µA
Breakdown Voltage
Input Capacitance
CIN
18
pF
VF = 0 V, f = 1 MHz
Internal Pull-up Resistor
RL
680
1000 1700
TA = 25°C
∆T
A
Switching Specifications
For -40
°C ≤ TA ≤ 85°C, 0.5 mA ≤ IFH ≤ 0.75 mA;
For 0
°C ≤ TA ≤ 85°C, 0.5 mA ≤ IFH ≤ 1.0 mA; With 4.75 V ≤ VCC ≤ 5.25 V, VFL ≤ 0.8 V, unless otherwise
specified. All typicals at TA = 25°C and VCC = 5 V, IFH = 0.625 mA, unless otherwise specified. See note 1.
Parameter
Symbol
Min.
Typ.
Max. Units
Test Conditions
Fig.
Note
Propagation Delay Time
tPLH
95
ns
CP = 0 pF
5, 6, 8
4, 8
85
160
CP = 20 pF
5, 8
Propagation Delay Time
tPHL
110
ns
CP = 0 pF
5, 6, 8
5, 8
35
200
CP = 20 pF
5, 8
Output Rise Time (10-90%)
tr
40
ns
CP = 20 pF
7, 8
8
Output Fall Time (90-10%)
tf
20
ns
Common Mode Transient
|CMH|
100
400
V/
µsVCM = 50 V (peak), 9, 10
6
Immunity at High
VO (min.) = 2 V,
Output Level
RL = 560 Ω,
IF = 0 mA
Common Mode Transient
|CML|
100
400
V/
µsVCM = 50 V (peak), 9, 10
7
Immunity at Low
VO (max.) = 0.8 V,
Output Level
RL = 560 Ω,
IF = 0.5 mA
to Logic High Output Level
to Logic Low Output Level


Podobny numer części - HCPL-2300-060

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2300-000E AVAGO-HCPL-2300-000E Datasheet
277Kb / 14P
   8 MBd Low Input Current Optocoupler
More results

Podobny opis - HCPL-2300-060

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2300-500E AVAGO-HCPL-2300-500E Datasheet
328Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-2300-000E AVAGO-HCPL-2300-000E Datasheet
277Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-0300-500E AVAGO-HCPL-0300-500E Datasheet
328Kb / 14P
   8 MBd Low Input Current Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-2300 HP-HCPL-2300 Datasheet
269Kb / 12P
   8 MBd Low Input Current Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2300-360E AVAGO-HCPL-2300-360E Datasheet
328Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-2300 AVAGO-HCPL-2300 Datasheet
300Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-2300 AVAGO-HCPL-2300_13 Datasheet
277Kb / 14P
   8 MBd Low Input Current Optocoupler
logo
Infineon Technologies A...
SFH6943 INFINEON-SFH6943 Datasheet
397Kb / 3P
   Low Current Input Mini Optocoupler
March 4, 2000-23
logo
List of Unclassifed Man...
OLI400 ETC1-OLI400 Datasheet
35Kb / 3P
   Miniature Low Input-Current Optocoupler
logo
Siemens Semiconductor G...
SFH6941 SIEMENS-SFH6941 Datasheet
36Kb / 3P
   LOW CURRENT INPUT MINI OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com