Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCPL-2300-060 Arkusz danych(PDF) 1 Page - Agilent(Hewlett-Packard)

Numer części HCPL-2300-060
Szczegółowy opis  8 MBd Low Input Current Optocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-2300-060 Arkusz danych(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL-2300-060 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-2300-060 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-2300-060 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-2300-060 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-2300-060 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-2300-060 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-2300-060 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-2300-060 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-2300-060 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
8 MBd Low Input Current
Optocoupler
Technical Data
HCPL-2300/HCPL-0300
Features
• Guaranteed Low Thresholds:
IF = 0.5 mA, VF
1.5 V
• High Speed: Guaranteed
5 MBd over Temperature
• Versatile: Compatible with
TTL, LSTTL and CMOS
• Efficient 820 nm AlGaAs LED
• Internal Shield for
Guaranteed Common Mode
Rejection
• Schottky Clamped, Open
Collector Output with
Optional Integrated Pull-Up
Resistor
• Static and Dynamic
Performance Guaranteed
from -40
°C to 85°C
• Safety Approval
UL Recognized -3750 V rms for
1 minute
CSA Approved
IEC/EN/DIN EN 60747-5-2
Approved with VIORM = 630
V peak
(Option 060)
Applications
• Ground Loop Elimination
• Computer-Peripheral
Interfaces
• Level Shifting
• Microprocessor System
Interfaces
• Digital Isolation for A/D,
D/A Conversion
• RS-232-C Interface
• High Speed, Long Distance
Isolated Line Receiver
Description
The HCPL-2300/HCPL-0300
optocoupler combines an 820 nm
AlGaAs photon emitting diode
with an integrated high gain
photon detector. This
combination of Agilent designed
and manufactured semiconductor
devices brings new high
performance capabilities to
designers of isolated logic and
data communication circuits.
The new low current, high speed
AlGaAs emitter manufactured
with a unique diffused junction,
has the virtue of fast rise and fall
times at low drive currents.
Figure 6 illustrates the propaga-
tion delay vs. input current
characteristic. These unique
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.
Functional Diagram
A 0.1 pF bypass capacitor must be connected between pins 5 and 8.
8
7
6
1
3
5
2
4
NC
ANODE
CATHODE
NC
VCC
RL
VOUT
GND
Schematic
IF
SHIELD
VF
VCC
GND
ICC
+
2
3
8
5
VO
7
6
A 0.1 µF CAPACITOR MUST
BE CONNECTED BETWEEN
PINS 8 AND 5 (SEE NOTE 1).
TRUTH TABLE
(POSITIVE LOGIC)
LED
ON
OFF
OUTPUT
L
H
RL
1000


Podobny numer części - HCPL-2300-060

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2300-000E AVAGO-HCPL-2300-000E Datasheet
277Kb / 14P
   8 MBd Low Input Current Optocoupler
More results

Podobny opis - HCPL-2300-060

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2300-500E AVAGO-HCPL-2300-500E Datasheet
328Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-2300-000E AVAGO-HCPL-2300-000E Datasheet
277Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-0300-500E AVAGO-HCPL-0300-500E Datasheet
328Kb / 14P
   8 MBd Low Input Current Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-2300 HP-HCPL-2300 Datasheet
269Kb / 12P
   8 MBd Low Input Current Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2300-360E AVAGO-HCPL-2300-360E Datasheet
328Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-2300 AVAGO-HCPL-2300 Datasheet
300Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-2300 AVAGO-HCPL-2300_13 Datasheet
277Kb / 14P
   8 MBd Low Input Current Optocoupler
logo
Infineon Technologies A...
SFH6943 INFINEON-SFH6943 Datasheet
397Kb / 3P
   Low Current Input Mini Optocoupler
March 4, 2000-23
logo
List of Unclassifed Man...
OLI400 ETC1-OLI400 Datasheet
35Kb / 3P
   Miniature Low Input-Current Optocoupler
logo
Siemens Semiconductor G...
SFH6941 SIEMENS-SFH6941 Datasheet
36Kb / 3P
   LOW CURRENT INPUT MINI OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com