Zakładka z wyszukiwarką danych komponentów |
|
SN74AUP1T97 Arkusz danych(PDF) 7 Page - Texas Instruments |
|
|
SN74AUP1T97 Arkusz danych(HTML) 7 Page - Texas Instruments |
7 / 17 page www.ti.com Absolute Maximum Ratings (1) Recommended Operating Conditions (1) SN74AUP1T98 SINGLE-SUPPLY VOLTAGE-LEVEL TRANSLATOR WITH NINE CONFIGURABLE GATE LOGIC FUNCTIONS SCES614A – OCTOBER 2004 – REVISED SEPTEMBER 2005 over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage range –0.5 4.6 V VI Input voltage range(2) –0.5 4.6 V VO Voltage range applied to any output in the high-impedance or power-off state(2) –0.5 4.6 V VO Output voltage range in the high or low state(2) –0.5 VCC + 0.5 V IIK Input clamp current VI < 0 –50 mA IOK Output clamp current VO < 0 –50 mA IO Continuous output current ±20 mA Continuous current through VCC or GND ±50 mA DBV package 165 θ JA Package thermal impedance(3) DCK package 259 °C/W YEP/YZP package 123 Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed. (3) The package thermal impedance is calculated in accordance with JESD 51-7. MIN MAX UNIT VCC Supply voltage 2.3 3.6 V VI Input voltage 0 3.6 V VO Output voltage 0 VCC V VCC = 2.3 V –3.1 IOH High-level output current mA VCC = 3 V –4 VCC = 2.3 V 3.1 IOL Low-level output current mA VCC = 3 V 4 ∆t/∆v Input transition rise or fall rate VCC = 2.3 V to 3.6 V 200 ns/V TA Operating free-air temperature –40 85 °C (1) All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. 7 |
Podobny numer części - SN74AUP1T97 |
|
Podobny opis - SN74AUP1T97 |