Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10H607 Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC10H607
Szczegółowy opis  Registered Hex PECL/TTL Translator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H607 Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC10H607 Datasheet HTML 1Page - ON Semiconductor MC10H607 Datasheet HTML 2Page - ON Semiconductor MC10H607 Datasheet HTML 3Page - ON Semiconductor MC10H607 Datasheet HTML 4Page - ON Semiconductor MC10H607 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC10H607 MC100H607
MOTOROLA
MECL Data
DL122 — Rev 6
2–318
10H PECL DC CHARACTERISTICS (VCCT = VCCE = 5.0V ±5%)
TA = 0°C
TA = 25°C
TA = 85°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
Condition
IINH
Input HIGH Current
255
145
145
µA
IINL
Input LOW Current
0.5
0.5
0.5
µA
VIH
Input HIGH Voltage
3830
4160
3870
4190
3930
4280
mV
VCCT = 5.0V
VIL
Input LOW Voltage
3050
3520
3050
3520
3050
3555
mV
VCCT = 5.0V
VBB
Output Bias Voltage
3600
3710
3630
3730
3670
3790
mV
VCCT = 5.0V
NOTE: PECL VIL, VIH, VOL, VOH, VBB are given for VCCT = VCCE = 5.0V and will vary 1:1 with power supply.
100H PECL DC CHARACTERISTICS (VCCT = VCCE = 5.0V ±5%)
TA = 0°C
TA = 25°C
TA = 85°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
Condition
IIH
Input HIGH Current
255
145
145
µA
IIL
Input LOW Current
0.5
0.5
0.5
µA
VIH
Input HIGH Voltage
3835
4120
3835
4120
3835
4120
mV
VCCT = 5.0V
VIL
Input LOW Voltage
3190
3525
3190
3525
3190
3525
mV
VCCT = 5.0V
VBB
Output Bias Voltage
3600
3720
3600
3720
3600
3720
mV
VCCT = 5.0V
NOTE: PECL VIL, VIH, VOL, VOH, VBB are given for VCCT = VCCE = 5.0V and will vary 1:1 with power supply.
10H/100H TTL DC CHARACTERISTICS (VCCT = VCCE = 5.0V ±5%)
TA = 0°C
TA = 25°C
TA = 85°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
Condition
VOH
Output HIGH Voltage
2.5
2.0
2.5
2.0
2.5
2.0
V
IOH = –15mA
IOH = –24mA
VOL
Output LOW Voltage
0.55
0.55
0.55
V
IOL = 48mA
NOTE: DC levels such as VOH, VOL, etc., are standard for PECL and FAST devices, with the exceptions of: IOL = 48mA at 0.5VOL;
and IOH = 24mA at 2.0VOH.
AC CHARACTERISTICS (VCCT = VCCE = 5.0V ±5%)
TA = 0°C
TA = + 25°C
TA = + 85°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
Condition
tPLH++
tPHH+–
Propagation Delay to Output
CLK to Q
5.5
4.6
7.7.
7.7
6.0
4.9
8.2
8.3
6.7
5.9
10.0
10.0
ns
CL = 50pF
tPHL+–
Propagation Delay to Output
MR to Q
4.4
7.5
4.7
8.1
5.8
10.5
ns
CL = 50pF
tPW
Minimum Pulse Width
CLK, MR
1.0
1.0
1.0
ns
tr
Rise Time
0.5
2.0
0.5
2.0
0.5
2.0
ns
0.8 – 2.0V
tf
Fall Time
0.5
2.0
0.5
2.0
0.5
2.0
ns
0.8 – 2.0V
tS
Setup Time
1.5
1.5
1.5
ns
tH
Hold Time
1.5
1.5
1.5
ns
VPP
Minimum Input Swing
200
200
200
mV
1. Numbers are for both ++ and – – delay MR to Q.


Podobny numer części - MC10H607

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H600 ONSEMI-MC10H600 Datasheet
82Kb / 4P
   9-Bit TTL/ECL Translator
1996 REV 5
MC10H600 ONSEMI-MC10H600 Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
MC10H600FN ONSEMI-MC10H600FN Datasheet
82Kb / 4P
   9-Bit TTL/ECL Translator
1996 REV 5
MC10H600FN ONSEMI-MC10H600FN Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
MC10H600FNG ONSEMI-MC10H600FNG Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
More results

Podobny opis - MC10H607

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H606 ONSEMI-MC10H606 Datasheet
89Kb / 5P
   Registered Hex TTL/PECL Translator
1996 REV 1
MC100H606FN ONSEMI-MC100H606FN Datasheet
120Kb / 7P
   Registered Hex TTL to PECL Translator
November, 2006 ??Rev. 6
logo
Micrel Semiconductor
SY10H606 MICREL-SY10H606 Datasheet
64Kb / 5P
   REGISTERED HEX TTL-TO-PECL
SY10H607 MICREL-SY10H607_06 Datasheet
65Kb / 5P
   REGISTERED HEX PECL-TO-TTL
SY10H607 MICREL-SY10H607 Datasheet
74Kb / 4P
   REGISTERED HEX PECL-TO-TTL
SY10H606 MICREL-SY10H606_06 Datasheet
64Kb / 5P
   REGISTERED HEX TTL-TO-PECL
logo
ON Semiconductor
MC10H604 ONSEMI-MC10H604 Datasheet
84Kb / 4P
   Registered Hex TTL/ECL Translator
1996 REV 1
MC10H605 ONSEMI-MC10H605 Datasheet
143Kb / 7P
   Registered Hex ECL to TTL Translator
September, 2009 ??Rev. 8
logo
Micrel Semiconductor
SY100S391 MICREL-SY100S391 Datasheet
110Kb / 6P
   LOW-POWER HEX TTL-TO-PECL TRANSLATOR
SY100S391 MICREL-SY100S391_07 Datasheet
75Kb / 6P
   LOW-POWER HEX TTL-TO-PECL TRANSLATOR
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com