Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10H640 Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części MC10H640
Szczegółowy opis  PECL-TTL CLOCK DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H640 Arkusz danych(HTML) 2 Page - ON Semiconductor

  MC10H640 Datasheet HTML 1Page - ON Semiconductor MC10H640 Datasheet HTML 2Page - ON Semiconductor MC10H640 Datasheet HTML 3Page - ON Semiconductor MC10H640 Datasheet HTML 4Page - ON Semiconductor MC10H640 Datasheet HTML 5Page - ON Semiconductor MC10H640 Datasheet HTML 6Page - ON Semiconductor MC10H640 Datasheet HTML 7Page - ON Semiconductor MC10H640 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LOGIC DIAGRAM
TTL Outputs
TTL/ECL Clock Inputs
TTL Control Inputs
VBB
DE
DT
SEL
R
DE
MUX
÷ 2
÷ 4
Q0
Q1
Q2
Q3
Q0
Q1
Q4
Q5
MC10H640 MC100H640
MOTOROLA
MECL Data
DL122 — Rev 6
2–2
PIN NAMES
PIN
FUNCTION
GT
VT
VE
GE
DE, DE
VBB
DT
Qn, Qn
SEL
R
TTL Ground (0 V)
TTL VCC (+5.0 V)
ECL VCC (+5.0 V)
ECL Ground (0 V)
ECL Signal Input (positive ECL)
VBB Reference Output
TTL Signal Input
Signal Outputs (TTL)
Input Select (TTL)
Reset (TTL)
AC CHARACTERISTICS (VT = VE = 5.0V
±5%)
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
Condition
tPLH
Propagation Delay ECL
D to Output
Q0–Q3
4.9
5.9
4.9
5.9
5.2
6.2
ns
CL = 25pF
tPLH
Propagation Delay TTL
D to Output
5.0
6.0
5.0
6.0
5.3
6.3
ns
CL = 25pF
tskwd*
Within–Device Skew
0.5
0.5
0.5
ns
CL = 25pF
tPLH
Propagation Delay ECL
D to Output
Q0, Q1
4.9
5.9
4.9
5.9
5.2
6.2
ns
CL = 25pF
tPLH
Propagation Delay TTL
D to Output
5.0
6.0
5.0
6.0
5.3
6.3
ns
CL = 25pF
tPLH
Propagation Delay ECL
D to Output
Q4, Q5
4.9
5.9
4.9
5.9
5.2
6.2
ns
CL = 25pF
tPLH
Propagation Delay TTL
D to Output
5.0
6.0
5.0
6.0
5.3
6.3
ns
CL = 25pF
tPD
Propagation Delay
R to Output
All
Outputs
4.3
6.3
4.3
6.3
5.0
7.0
ns
CL = 25pF
tR
tF
Output Rise/Fall Time
0.8 V – 2.0 V
All
Outputs
2.5
2.5
2.5
2.5
2.5
2.5
ns
CL = 25pF
fmax
Maximum Input Frequency
135
135
135
MHz
CL = 25pF
tpw
Minimum Pulse Width
1.50
1.50
1.50
ns
trr
Reset Recovery Time
1.25
1.25
1.25
ns
* Within–Device Skew defined as identical transitions on similar paths through a device.


Podobny numer części - MC10H640

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H640 ONSEMI-MC10H640 Datasheet
140Kb / 9P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H640FN ONSEMI-MC10H640FN Datasheet
140Kb / 9P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H640FNG ONSEMI-MC10H640FNG Datasheet
140Kb / 9P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H640FNG ONSEMI-MC10H640FNG Datasheet
155Kb / 8P
   PECL to TTL Clock Driver
August, 2016 ??Rev. 9
MC10H640FNR2 ONSEMI-MC10H640FNR2 Datasheet
140Kb / 9P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
More results

Podobny opis - MC10H640

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H640 ONSEMI-MC10H640_16 Datasheet
155Kb / 8P
   PECL to TTL Clock Driver
August, 2016 ??Rev. 9
MC10H646 ONSEMI-MC10H646 Datasheet
122Kb / 6P
   PENTIUM MICROPROCESSOR PECL/TTL-TTL CLOCK DRIVER
1996 REV 1
MC10H644 ONSEMI-MC10H644 Datasheet
101Kb / 5P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H642 ONSEMI-MC10H642 Datasheet
239Kb / 9P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 4
MC10H642 ONSEMI-MC10H642_06 Datasheet
172Kb / 10P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H644 ONSEMI-MC10H644_06 Datasheet
167Kb / 6P
   68030/040 PECL to TTL Clock Driver
June, 2006 ??Rev. 6
MC10H640 ONSEMI-MC10H640_06 Datasheet
140Kb / 9P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H645 ONSEMI-MC10H645_15 Datasheet
74Kb / 6P
   TTL Clock Driver
April, 2015 ??Rev. 7
NB100LVEP222 ONSEMI-NB100LVEP222_15 Datasheet
140Kb / 13P
   Differential ECL/PECL Clock Driver
April, 2015??Rev. 13
MC10H646 ONSEMI-MC10H646_06 Datasheet
129Kb / 8P
   PECL/TTL?뭈TL 1:8 Clock Distribution Chip
November, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com