Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10H643 Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części MC10H643
Szczegółowy opis  DUAL SUPPLY ECL-TTL 1:8 CLOCK DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H643 Arkusz danych(HTML) 2 Page - ON Semiconductor

  MC10H643 Datasheet HTML 1Page - ON Semiconductor MC10H643 Datasheet HTML 2Page - ON Semiconductor MC10H643 Datasheet HTML 3Page - ON Semiconductor MC10H643 Datasheet HTML 4Page - ON Semiconductor MC10H643 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MC10H643 MC100H643
MOTOROLA
MECL Data
DL122 — Rev 6
2–2
TTL OUTPUTS
LOGIC DIAGRAM
ECL INPUT
D
D
VBB
LEN
EN
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
D
Q
DC CHARACTERISTICS (IVT = OVT = 5.0V
±5%; VEE = –5.2V ±5% (10H Version); VEE = –4.5V ±0.3V (100H Version))
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
Condition
IEE
ECL
42
42
42
mA
VEE Pins
ICCL
Power Supply Current
TTL
106
106
106
mA
Total all OVT
ICCH
95
95
95
mA
and IVT pins
AC CHARACTERISTICS (IVT = OVT = 5.0V
±5%; VEE = –5.2V ±10% (10H); –4.5V ±0.3V (100H); VCCE = GND)
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Unit
Condition
tPLH
Propagation Delay to Output
D
LEN
EN
4.0
3.5
3.5
5.0
5.5
5.5
4.1
3.5
3.5
5.1
5.5
5.5
4.4
3.9
3.9
5.4
5.9
5.9
ns
CL = 50pF
tSKEW
Within–Device Skew
0.5
0.5
0.5
ns
Note 1
tw
Pulse Width Out
HIGH or LOW
@ fout = 50MHz
9.0
11.0
9.0
11.0
9.0
11.0
ns
CL = 50pF
Note 2
ts
Setup Time
D
0.75
0.75
0.75
ns
th
Hold Time
D
0.75
0.75
0.75
ns
tRR
Recovery Time
LEN
EN
1.25
1.25
1.25
1.25
1.25
1.25
ns
tpw
Minimum Pulse Width
LEN
EN
1.5
1.5
1.5
1.5
1.5
1.5
ns
tr
tf
Rise / Fall Times
0.8 V – 2.0 V
1.2
1.2
1.2
ns
CL = 50pF
1. Within–Device skew defined as identical transitions on similar paths through a device.
2. Pulse width is defined relative to 1.5V measurement points on the ouput waveform.


Podobny numer części - MC10H643

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H643 ONSEMI-MC10H643 Datasheet
113Kb / 7P
   Dual Supply ECL to TTL 1:8 Clock Driver
November, 2006 ??Rev. 8
MC10H643FN ONSEMI-MC10H643FN Datasheet
113Kb / 7P
   Dual Supply ECL to TTL 1:8 Clock Driver
November, 2006 ??Rev. 8
MC10H643FNG ONSEMI-MC10H643FNG Datasheet
113Kb / 7P
   Dual Supply ECL to TTL 1:8 Clock Driver
November, 2006 ??Rev. 8
MC10H643FNG ONSEMI-MC10H643FNG Datasheet
139Kb / 6P
   Dual Supply ECL to TTL 1:8 Clock Driver
August, 2016 ??Rev. 9
MC10H643FNR2 ONSEMI-MC10H643FNR2 Datasheet
113Kb / 7P
   Dual Supply ECL to TTL 1:8 Clock Driver
November, 2006 ??Rev. 8
More results

Podobny opis - MC10H643

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H643 ONSEMI-MC10H643_06 Datasheet
113Kb / 7P
   Dual Supply ECL to TTL 1:8 Clock Driver
November, 2006 ??Rev. 8
MC10H643 ONSEMI-MC10H643_16 Datasheet
139Kb / 6P
   Dual Supply ECL to TTL 1:8 Clock Driver
August, 2016 ??Rev. 9
logo
Micrel Semiconductor
SY100HA643 MICREL-SY100HA643_06 Datasheet
88Kb / 5P
   DUAL SUPPLY OCTAL ECL-TO-TTL
SY100HA643 MICREL-SY100HA643 Datasheet
73Kb / 4P
   DUAL SUPPLY OCTAL ECL-TO-TTL
logo
ON Semiconductor
MC10H645 ONSEMI-MC10H645_06 Datasheet
133Kb / 6P
   1:9 TTL Clock Driver
February, 2006 ??Rev. 6
MC10H645 ONSEMI-MC10H645 Datasheet
106Kb / 5P
   1:9 TTL CLOCK DRIVER
1996 REV 4
logo
NXP Semiconductors
PCK210 PHILIPS-PCK210 Datasheet
93Kb / 10P
   Low voltage dual 1-5 differential ECL/PECL clock driver
2004 Apr 23
logo
List of Unclassifed Man...
AZ100LVE310 ETC1-AZ100LVE310 Datasheet
146Kb / 5P
   ECL/PECL 2:8 Differential Clock Driver
logo
Arizona Microtek, Inc
AZ100LVE310 AZM-AZ100LVE310 Datasheet
71Kb / 5P
   ECL/PECL 2:8 Differential Clock Driver
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111_16 Datasheet
174Kb / 9P
   5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com