Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10SX1130 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC10SX1130
Szczegółowy opis  LED DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10SX1130 Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC10SX1130 Datasheet HTML 1Page - ON Semiconductor MC10SX1130 Datasheet HTML 2Page - ON Semiconductor MC10SX1130 Datasheet HTML 3Page - ON Semiconductor MC10SX1130 Datasheet HTML 4Page - ON Semiconductor MC10SX1130 Datasheet HTML 5Page - ON Semiconductor MC10SX1130 Datasheet HTML 6Page - ON Semiconductor MC10SX1130 Datasheet HTML 7Page - ON Semiconductor MC10SX1130 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Order this data sheet
by MC10SX1130/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1994
3/94
REV 1
LED Driver
The MC10SX1130 is high speed LED Driver/current switch specifically
targeted for use in FDDI PMD and ANSI X3T9.3 FibreChannel 266
Mbits/s optical transmitters. The integrated circuit contains several
unique functional blocks which makes it easily configurable for use with a
variety of high performance LED devices. The part is fabricated using
Motorola’s proven MOSAIC III
™ advanced bipolar process. The logic is
designed so that a data HIGH input results in the modulation current
flowing through the IOUT pin to turn on the LED.
Differential Data Inputs
300MHz Operation
100mA Peak Drive Current
Extremely Low Jitter
Duty Cycle Distortion Compensation
Adjustable Output Current Tracking With Temperature
Thermally Enhanced 16-Lead SOIC Package
75kΩ Data Input Pulldown Resistors
+5V or –5.2V Operation
VBB Reference Available
The device incorporates open collector outputs with a capability of
driving peak currents of 100mA. Since the output current switching
circuitry simply switches current between the complementary outputs, the
dynamic switching demands on the system power supply are greatly reduced. In addition, because the design is pure bipolar, the
device current drain is insensitive to the data pattern and frequency of operation.
The LED drive current is adjustable through the selection of an external set resistor, RSET. In addition, to allow for open loop
compensation for the LED’s negative optical output power tracking over temperature, a circuit is included to provide an
adjustable positive temperature tracking coefficient to the LED drive current. This is controlled through the selection of an
external resistor, RTCO.
The MC10SX1130 incorporates novel pulse stretching circuitry which is intended to compensate for the turn-on delay and rise
and fall time asymmetry inherent in LED devices. The stretch circuitry can be used to pre-distort the input signal pulse width to
minimize the duty cycle distortion of the transmitted optical eye pattern. The stretch circuitry supports three different selections of
pre-distortion. This choice is accomplished through a unique ‘tri-state’ input which can be left open, tied to VCC, or tied to VEE to
determine the pre-distortion amount.
The device provides a VBB output for either single-ended use or as a DC bias for AC coupling the signal into the device. The
VBB pin should only be used as a bias for the MC10SX1130 as its current sink/source capability is limited. Whenever used, the
VBB pin should be bypassed to ground via a 0.01µF capacitor.
15
16
14
13
12
11
10
2
1
3
4567
VEE
9
8
Stretch VEE IOUT RSET IOUT VCC VEE
VEE VCC VBB
DIN
DIN RTCO1 RTCO2 VEE
Pinout: 16-Lead Plastic Package (Top View)
PULSE WIDTH
ADJUST CIRCUIT
BIAS
CONTROL
RSET
RTCO1
RTCO2
IOUT
IOUT
Stretch
VBB
DIN
DIN
ECL
BUFFER
BLOCK DIAGRAM
MOSAIC III is a trademark of Motorola.
MC10SX1130
LED DRIVER
D SUFFIX
SOIC PACKAGE
CASE 751B-05
1
16


Podobny numer części - MC10SX1130

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10SX1130 ONSEMI-MC10SX1130 Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
MC10SX1130D ONSEMI-MC10SX1130D Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
MC10SX1130DG ONSEMI-MC10SX1130DG Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
MC10SX1130DR2 ONSEMI-MC10SX1130DR2 Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
MC10SX1130DR2G ONSEMI-MC10SX1130DR2G Datasheet
151Kb / 9P
   LED Driver
January, 2006 ??Rev. 3
More results

Podobny opis - MC10SX1130

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
   LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
   LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com