Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10H680FNR2 Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części MC10H680FNR2
Szczegółowy opis  4-Bit Differential ECL Bus/TTL Bus Transceciver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H680FNR2 Arkusz danych(HTML) 4 Page - ON Semiconductor

  MC10H680FNR2 Datasheet HTML 1Page - ON Semiconductor MC10H680FNR2 Datasheet HTML 2Page - ON Semiconductor MC10H680FNR2 Datasheet HTML 3Page - ON Semiconductor MC10H680FNR2 Datasheet HTML 4Page - ON Semiconductor MC10H680FNR2 Datasheet HTML 5Page - ON Semiconductor MC10H680FNR2 Datasheet HTML 6Page - ON Semiconductor MC10H680FNR2 Datasheet HTML 7Page - ON Semiconductor MC10H680FNR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC10H680 MC100H680
2–147
MOTOROLA
MECL Data
DL122 — Rev 6
ECL TO TTL DIRECTION / AC TEST
Test
TA = 0°C
TA = 25°C
TA = 75°C
Test
Symbol
Parameter
Waveforms
Min
Max
Min
Max
Min
Max
Unit
Condition
tPLH
tPHL
Propagation Delay
to Output
2, 4
2.7
4.8
2.7
4.8
2.7
4.8
ns
CL = 50 pF
tPZH
tPZL
ECEB to Output
Enable Time
2, 5, 6
3.5
3.5
6.5
6.0
3.5
3.5
6.5
6.0
3.7
3.7
6.7
6.4
ns
CL = 50 pF
tPHZ
tPLZ
ECEB to Output
Disable Time
2, 5, 6
3.5
3.5
8.6
6.5
3.5
3.5
8.6
6.5
3.7
3.7
8.8
7.3
ns
CL = 50 pF
tPZH
tPZL
TCEB to Output
Enable Time
2, 5, 6
5.7
5.4
7.7
6.9
5.7
5.4
7.7
6.9
5.9
5.9
7.9
7.4
ns
CL = 50 pF
tPHZ
tPLZ
TCEB to Output
Disable Time
2, 5, 6
4.0
4.0
8.5
5.8
4.1
4.2
8.4
6.0
4.2
4.7
8.3
6.5
ns
CL = 50 pF
tr/tf
1.0 to 2.0 Vdc
3
0.4
1.5
0.4
1.5
0.4
1.5
ns
CL = 50 pF
TTL TO ECL DIRECTION / AC TEST
Test
TA = 0°C
TA = 25°C
TA = 75°C
Test
Symbol
Parameter
Waveforms
Min
Max
Min
Max
Min
Max
Unit
Condition
tPLH
tPHL
Propagation Delay
to Output
1, 4
1.8
4.6
1.8
4.6
2.0
4.9
ns
25
Ω to –2.0 V
tPLH
tPHL
ECEB
to Output
1, 4
2.9
5.1
3.0
5.2
3.4
5.7
ns
25
Ω to –2.0 V
tPLH
tPHL
TCEB
to Output
1, 4
3.4
6.3
3.5
6.6
3.8
7.4
ns
25
Ω to –2.0 V
tr/tf
Output Rise/Fall
Time 20% – 80%
1, 3
1.0
3.4
1.0
3.4
1.0
3.4
ns
25
Ω to –2.0 V


Podobny numer części - MC10H680FNR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H680FNR2 ONSEMI-MC10H680FNR2 Datasheet
137Kb / 10P
   4?묪it Differential ECL Bus to TTL Bus Transceiver
November, 2006 ??Rev. 11
MC10H680FNR2G ONSEMI-MC10H680FNR2G Datasheet
137Kb / 10P
   4?묪it Differential ECL Bus to TTL Bus Transceiver
November, 2006 ??Rev. 11
More results

Podobny opis - MC10H680FNR2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10H680 ONSEMI-MC10H680_06 Datasheet
137Kb / 10P
   4?묪it Differential ECL Bus to TTL Bus Transceiver
November, 2006 ??Rev. 11
MC10ELT25 ONSEMI-MC10ELT25 Datasheet
66Kb / 4P
   Differential ECL to TTL Translator
February, 2000 ??Rev. 3
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24_06 Datasheet
53Kb / 5P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
SY100ELT25 MICREL-SY100ELT25 Datasheet
57Kb / 6P
   DIFFERENTIAL ECL-to-TTL TRANSLATOR
SY100ELT24 MICREL-SY100ELT24 Datasheet
60Kb / 4P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25_15 Datasheet
97Kb / 8P
   Differential ECL to TTL Translator
August, 2015 ??Rev. 14
logo
Micrel Semiconductor
SY10H600 MICREL-SY10H600 Datasheet
69Kb / 4P
   9-BIT TTL-TO-ECL WITH TTL, ECL ENABLE
SY10H600 MICREL-SY10H600_06 Datasheet
469Kb / 4P
   9-BIT TTL-TO-ECL WITH TTL, ECL ENABLE
logo
ON Semiconductor
MC10ELT24 ONSEMI-MC10ELT24_15 Datasheet
94Kb / 8P
   5V TTL to Differential ECL Translator
August, 2015 ??Rev. 11
MC10ELT24 ONSEMI-MC10ELT24_06 Datasheet
137Kb / 8P
   5V TTL to Differential ECL Translator
December, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com