Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC10SX1190DT Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC10SX1190DT
Szczegółowy opis  Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10SX1190DT Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC10SX1190DT Datasheet HTML 1Page - ON Semiconductor MC10SX1190DT Datasheet HTML 2Page - ON Semiconductor MC10SX1190DT Datasheet HTML 3Page - ON Semiconductor MC10SX1190DT Datasheet HTML 4Page - ON Semiconductor MC10SX1190DT Datasheet HTML 5Page - ON Semiconductor MC10SX1190DT Datasheet HTML 6Page - ON Semiconductor MC10SX1190DT Datasheet HTML 7Page - ON Semiconductor MC10SX1190DT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 1999
December, 1999 – Rev. 1
1
Publication Order Number:
MC10SX1190/D
MC10SX1190
Product Preview
Fibre Channel Coaxial
Cable Driver and Loop
Resiliency Circuit
The MC10SX1190 is a differential receiver, differential transmitter
specifically designed to drive coaxial cables. It incorporates the output
cable drive capability of the MC10EP89 Coaxial Cable Driver with
additional circuitry to multiplex the output cable drive source between
the cable receiver or the local transmitter inputs. The multiplexer
control circuitry is TTL compatible for ease of operation.
The MC10SX1190 is useful as a bypass element for Fibre
Channel-Arbitrated Loop (FC-AL) or Serial Storage Architecture
(SSA) applications, to create loop style interconnects with fault
tolerant, active switches at each device node. This device is
particularly useful for back panel applications where small size is
desirable.
The EP89 style drive circuitry produces swings approximately 70%
larger than a standard PECL output. When driving a coaxial cable,
proper termination is required at both ends of the line to minimize
reflections. The 1.4V output swings allow for proper termination at
both ends of the cable, while maintaining the required swing at the
receiving end of the cable. Because of the larger output swings, the
QT, QT outputs are terminated into the thevenin equivalent of 50
Ω to
VCC – 3.0V instead of 50Ω to VCC – 2.0V.
2.5 Gbps Operation
425ps Propagation Delay
1.4V Output Swing on the Cable Driving Output
PECL Mode: 3.0V to 5.5V VCC, with VEE = 0V
ECL Mode: 0V VCC, with VEE = –3.0V to –5.5V
75kΩ Internal Input Pull Down Resistors
>1000 Volt ESD Protection
19
20
18
17
16
15
14
2
1
3
4567
VCC
13
8
VCC
QR
QR
VEE
DT
DT
VCC
VEE
DR
DR
VCC VCC
QT
QT
VEE
12
9
11
10
VBB
VEE
SEL
VCC
Figure 1. 20-Lead TSSOP Pinout: (Top View)
This document contains information on a product under development. ON Semiconductor
reserves the right to change or discontinue this product without notice.
TSSOP–20
DT SUFFIX
CASE 948E
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
MC10SX1190DT
TSSOP–20
75 Units/Rail
MARKING DIAGRAM
20
1
SEL
Function
L
H
DR
QT
DT
QT
TRUTH TABLE
PIN DESCRIPTION
PIN
DR/DR
QR/QR
ECL Buffered Differential Outputs from
Receive Cable
FUNCTION
ECL Diff. Inputs from Receive Cable
DT/DT
QT/QT
ECL Buffered Differential Output to
Transmit Cable
ECL Differential Input to Transmit Cable
SEL
VBB
Reference Voltage Output
TTL Multiplexer Control Signal
VCC
ECL Positive Supply
VEE
ECL Negative, 0 Supply
A = Assembly Location
L = Wafer Lot
Y = Year
W = Work Week
*For additional information, see Application Note
AND8002/D
10SX
1190
ALYW


Podobny numer części - MC10SX1190DT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10SX1190DT ONSEMI-MC10SX1190DT Datasheet
142Kb / 6P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 3
MC10SX1190DTG ONSEMI-MC10SX1190DTG Datasheet
142Kb / 6P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 3
MC10SX1190DTR2 ONSEMI-MC10SX1190DTR2 Datasheet
142Kb / 6P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 3
MC10SX1190DTR2G ONSEMI-MC10SX1190DTR2G Datasheet
142Kb / 6P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 3
More results

Podobny opis - MC10SX1190DT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC10SX1189 ONSEMI-MC10SX1189_06 Datasheet
128Kb / 5P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 4
MC10SX1190 ONSEMI-MC10SX1190_06 Datasheet
142Kb / 6P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
January, 2006 ??Rev. 3
MC10SX1189 ONSEMI-MC10SX1189_16 Datasheet
144Kb / 6P
   Fibre Channel Coaxial Cable Driver and Loop Resiliency Circuit
August, 2016 ??Rev. 5
logo
Micrel Semiconductor
SY10EL1189 MICREL-SY10EL1189_03 Datasheet
60Kb / 4P
   FIBRE CHANNEL COAXIAL CABLE DRIVER AND LOOP RESILIENCY CIRCUIT
logo
ON Semiconductor
MC10SX1189 ONSEMI-MC10SX1189 Datasheet
79Kb / 4P
   FIBRE CHANNEL COAXIAL CABLE DRIVER AND LOOP RESILIENCY CIRCUIT
1996 REV 1
logo
Micrel Semiconductor
SY10EL1189 MICREL-SY10EL1189 Datasheet
53Kb / 4P
   FIBRE CHANNEL COAXIAL
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89 Datasheet
86Kb / 3P
   Coaxial Cable Driver
1996 REV 2
logo
Micrel Semiconductor
SY10EL89 MICREL-SY10EL89 Datasheet
54Kb / 4P
   COAXIAL CABLE DRIVER
SY10EL89 MICREL-SY10EL89_03 Datasheet
60Kb / 4P
   COAXIAL CABLE DRIVER
logo
ON Semiconductor
MC10EP89 ONSEMI-MC10EP89 Datasheet
97Kb / 8P
   Coaxial Cable Driver
December, 1999 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com