Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14013B Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MC14013B
Szczegółowy opis  Dual Type D Flip-Flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14013B Arkusz danych(HTML) 5 Page - ON Semiconductor

  MC14013B Datasheet HTML 1Page - ON Semiconductor MC14013B Datasheet HTML 2Page - ON Semiconductor MC14013B Datasheet HTML 3Page - ON Semiconductor MC14013B Datasheet HTML 4Page - ON Semiconductor MC14013B Datasheet HTML 5Page - ON Semiconductor MC14013B Datasheet HTML 6Page - ON Semiconductor MC14013B Datasheet HTML 7Page - ON Semiconductor MC14013B Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC14013B
http://onsemi.com
5
Figure 1. Dynamic Signal Waveforms
(Data, Clock, and Output)
Figure 2. Dynamic Signal Waveforms
(Set, Reset, Clock, and Output)
20 ns
20 ns
D
C
Q
90%
50%
10%
tsu (H)
tsu (L)
th
tWH
tWL
90%
50%
10%
VDD
VSS
VDD
VSS
VOH
VOL
tTLH
tTHL
tPHL
tPLH
90%
50%
10%
Inputs R and S low.
1
fcl
20 ns
20 ns
SET OR
RESET
CLOCK
Q OR Q
90%
50%
10%
VDD
VSS
VDD
VSS
VOH
VOL
20 ns
20 ns
trem
90%
50%
10%
50%
tPLH
tPHL
tw
20 ns
tw
TYPICAL APPLICATIONS
n–STAGE SHIFT REGISTER
BINARY RIPPLE UP–COUNTER (Divide–by–2n)
MODIFIED RING COUNTER (Divide–by–(n+1))
D
CLOCK
nth
2
1
Q
D
C
Q
Q
D
C
Q
Q
D
C
Q
Q
CLOCK
nth
2
1
D
C
Q
Q
D
C
Q
Q
D
C
Q
Q
Q
T FLIP–FLOP
nth
2
1
Q
D
C
Q
Q
D
C
Q
Q
D
C
Q
Q
CLOCK


Podobny numer części - MC14013B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC14013B MOTOROLA-MC14013B Datasheet
210Kb / 6P
   Dual Type D Flip-Flop
logo
ON Semiconductor
MC14013B ONSEMI-MC14013B Datasheet
162Kb / 9P
   Dual Type D Flip?묯lop
October, 2006 ??Rev. 7
MC14013B ONSEMI-MC14013B Datasheet
129Kb / 8P
   Dual Type D Flip-Flop
July, 2014 ??Rev. 10
MC14013BCP ONSEMI-MC14013BCP Datasheet
162Kb / 9P
   Dual Type D Flip?묯lop
October, 2006 ??Rev. 7
MC14013BCPG ONSEMI-MC14013BCPG Datasheet
162Kb / 9P
   Dual Type D Flip?묯lop
October, 2006 ??Rev. 7
More results

Podobny opis - MC14013B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
   Dual D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14013B HITACHI-HD14013B Datasheet
80Kb / 7P
   Dual D-type Flip Flop
logo
Fairchild Semiconductor
CD4013BC FAIRCHILD-CD4013BC_02 Datasheet
89Kb / 7P
   Dual D-Type Flip-Flop
logo
Toshiba Semiconductor
TC4013BP TOSHIBA-TC4013BP_07 Datasheet
343Kb / 9P
   Dual D-Type Flip Flop
logo
ON Semiconductor
MC74VHC74 ONSEMI-MC74VHC74_11 Datasheet
144Kb / 8P
   Dual D-Type Flip-Flop
May, 2011 ??Rev. 8
logo
Motorola, Inc
MC14013B MOTOROLA-MC14013B Datasheet
210Kb / 6P
   Dual Type D Flip-Flop
logo
NXP Semiconductors
74F74 PHILIPS-74F74 Datasheet
80Kb / 8P
   Dual D-type flip-flop
1996 Mar 12
logo
Nexperia B.V. All right...
HEF4013B-Q100 NEXPERIA-HEF4013B-Q100 Datasheet
770Kb / 17P
   Dual D-type flip-flop
logo
STMicroelectronics
HCF4013 STMICROELECTRONICS-HCF4013 Datasheet
375Kb / 13P
   Dual D-type flip-flop
May 2013 Rev 4
logo
Nexperia B.V. All right...
HEF4013B NEXPERIA-HEF4013B Datasheet
247Kb / 14P
   Dual D-type flip-flop
Rev. 11 - 9 March 2023
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com