Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ILC7071AIM529X Arkusz danych(PDF) 11 Page - Fairchild Semiconductor

Numer części ILC7071AIM529X
Szczegółowy opis  100mA SOT-23-5 Low Noise CMOS RF-LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC7071AIM529X Arkusz danych(HTML) 11 Page - Fairchild Semiconductor

Back Button ILC7071AIM529X Datasheet HTML 3Page - Fairchild Semiconductor ILC7071AIM529X Datasheet HTML 4Page - Fairchild Semiconductor ILC7071AIM529X Datasheet HTML 5Page - Fairchild Semiconductor ILC7071AIM529X Datasheet HTML 6Page - Fairchild Semiconductor ILC7071AIM529X Datasheet HTML 7Page - Fairchild Semiconductor ILC7071AIM529X Datasheet HTML 8Page - Fairchild Semiconductor ILC7071AIM529X Datasheet HTML 9Page - Fairchild Semiconductor ILC7071AIM529X Datasheet HTML 10Page - Fairchild Semiconductor ILC7071AIM529X Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ILC7071
PRODUCT SPECIFICATION
7/16/03 0.0m 002
Stock#DS30007071
 2003 Fairchild Semiconductor Corporation
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES
OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR
CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body,
or (b) support or sustain life, and (c) whose failure to
perform when properly used in accordance with
instructions for use provided in the labeling, can be
reasonably expected to result in a significant injury of the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be
reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY
PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY
LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER
DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
Ordering Information
Output Voltage
Part Number
Temperature Range
Package
2.5
ILC7071AIM525X
-40 to 85˚C
SOT-23-5
2.6
ILC7071AIM526X
-40 to 85˚C
SOT-23-5
2.7
ILC7071AIM527X
-40 to 85˚C
SOT-23-5
2.8
ILC7071AIM528X
-40 to 85˚C
SOT-23-5
2.85
ILC7071AIM5285X
-40 to 85˚C
SOT-23-5
2.9
ILC7071AIM529X
-40 to 85˚C
SOT-23-5
3.0
ILC7071AIM530X
-40 to 85˚C
SOT-23-5
3.1
ILC7071AIM531X
-40 to 85˚C
SOT-23-5
3.3
ILC7071AIM533X
-40 to 85˚C
SOT-23-5


Podobny numer części - ILC7071AIM529X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Impala Linear Corporati...
ILC7071AIM5-28 IMPALA-ILC7071AIM5-28 Datasheet
40Kb / 4P
   100MA SOT-23-5 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
ILC7071AIM5-30 IMPALA-ILC7071AIM5-30 Datasheet
40Kb / 4P
   100MA SOT-23-5 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
ILC7071AIM5-33 IMPALA-ILC7071AIM5-33 Datasheet
40Kb / 4P
   100MA SOT-23-5 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
ILC7071AIM5-36 IMPALA-ILC7071AIM5-36 Datasheet
40Kb / 4P
   100MA SOT-23-5 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
ILC7071AIM5-47 IMPALA-ILC7071AIM5-47 Datasheet
40Kb / 4P
   100MA SOT-23-5 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
More results

Podobny opis - ILC7071AIM529X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Impala Linear Corporati...
ILC7071 IMPALA-ILC7071 Datasheet
40Kb / 4P
   100MA SOT-23-5 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
logo
Fairchild Semiconductor
ILC7083 FAIRCHILD-ILC7083 Datasheet
472Kb / 16P
   150mA SOT-23 Low Noise CMOS RF-LDO??Regulator
logo
Impala Linear Corporati...
ILC7082 IMPALA-ILC7082 Datasheet
333Kb / 16P
   150MA SOT-23 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
logo
Fairchild Semiconductor
ILC7080 FAIRCHILD-ILC7080 Datasheet
574Kb / 16P
   50/100mA SOT-23 CMOS RF LDO Regulators
ILC7082 FAIRCHILD-ILC7082 Datasheet
205Kb / 16P
   150mA SOT-23 Low Noise CMOS RF-LDOTM Regulator
logo
Linear Technology
LT1761 LINER-LT1761 Datasheet
246Kb / 16P
   100mA, Low Noise, LDO Micropower Regulators in SOT-23
LT1761 LINER-LT1761_1 Datasheet
260Kb / 20P
   100mA, Low Noise,LDO Micropower Regulators in SOT-23
logo
Impala Linear Corporati...
ILC7070 IMPALA-ILC7070 Datasheet
321Kb / 6P
   SOT-23 CMOS LDO REGULATOR WITH SHUTDOWN
ILC7062 IMPALA-ILC7062 Datasheet
379Kb / 6P
   SOT-23 CMOS LDO
ILC7080 IMPALA-ILC7080 Datasheet
424Kb / 16P
   50/100M SOT-23 CMOS RF LDO REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com