Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14013BF Arkusz danych(PDF) 6 Page - ON Semiconductor

Numer części MC14013BF
Szczegółowy opis  Dual Type D Flip-Flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14013BF Arkusz danych(HTML) 6 Page - ON Semiconductor

  MC14013BF Datasheet HTML 1Page - ON Semiconductor MC14013BF Datasheet HTML 2Page - ON Semiconductor MC14013BF Datasheet HTML 3Page - ON Semiconductor MC14013BF Datasheet HTML 4Page - ON Semiconductor MC14013BF Datasheet HTML 5Page - ON Semiconductor MC14013BF Datasheet HTML 6Page - ON Semiconductor MC14013BF Datasheet HTML 7Page - ON Semiconductor MC14013BF Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC14013B
http://onsemi.com
6
PACKAGE DIMENSIONS
P SUFFIX
PLASTIC DIP PACKAGE
CASE 646–06
ISSUE M
17
14
8
B
A
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.715
0.770
18.16
18.80
B
0.240
0.260
6.10
6.60
C
0.145
0.185
3.69
4.69
D
0.015
0.021
0.38
0.53
F
0.040
0.070
1.02
1.78
G
0.100 BSC
2.54 BSC
H
0.052
0.095
1.32
2.41
J
0.008
0.015
0.20
0.38
K
0.115
0.135
2.92
3.43
L
M
–––
10
–––
10
N
0.015
0.039
0.38
1.01
__
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
4. DIMENSION B DOES NOT INCLUDE MOLD FLASH.
5. ROUNDED CORNERS OPTIONAL.
F
HG
D
K
C
SEATING
PLANE
N
–T–
14 PL
M
0.13 (0.005)
L
M
J
0.290
0.310
7.37
7.87
D SUFFIX
PLASTIC SOIC PACKAGE
CASE 751A–03
ISSUE F
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
–A–
–B–
G
P 7 PL
14
8
7
1
M
0.25 (0.010)
B M
S
B
M
0.25 (0.010)
A S
T
–T–
F
R X 45
SEATING
PLANE
D 14 PL
K
C
J
M
_
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
8.55
8.75
0.337
0.344
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.050 BSC
J
0.19
0.25
0.008
0.009
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
5.80
6.20
0.228
0.244
R
0.25
0.50
0.010
0.019
__
__


Podobny numer części - MC14013BF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14013BF ONSEMI-MC14013BF Datasheet
162Kb / 9P
   Dual Type D Flip?묯lop
October, 2006 ??Rev. 7
MC14013BFEL ONSEMI-MC14013BFEL Datasheet
162Kb / 9P
   Dual Type D Flip?묯lop
October, 2006 ??Rev. 7
MC14013BFELG ONSEMI-MC14013BFELG Datasheet
162Kb / 9P
   Dual Type D Flip?묯lop
October, 2006 ??Rev. 7
MC14013BFELG ONSEMI-MC14013BFELG Datasheet
157Kb / 9P
   Dual Type D Flip-Flop
September, 2012 ??Rev. 9
MC14013BFELG ONSEMI-MC14013BFELG Datasheet
129Kb / 8P
   Dual Type D Flip-Flop
July, 2014 ??Rev. 10
More results

Podobny opis - MC14013BF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
MM74C74 FAIRCHILD-MM74C74 Datasheet
76Kb / 7P
   Dual D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14013B HITACHI-HD14013B Datasheet
80Kb / 7P
   Dual D-type Flip Flop
logo
Fairchild Semiconductor
CD4013BC FAIRCHILD-CD4013BC_02 Datasheet
89Kb / 7P
   Dual D-Type Flip-Flop
logo
Toshiba Semiconductor
TC4013BP TOSHIBA-TC4013BP_07 Datasheet
343Kb / 9P
   Dual D-Type Flip Flop
logo
ON Semiconductor
MC74VHC74 ONSEMI-MC74VHC74_11 Datasheet
144Kb / 8P
   Dual D-Type Flip-Flop
May, 2011 ??Rev. 8
logo
Motorola, Inc
MC14013B MOTOROLA-MC14013B Datasheet
210Kb / 6P
   Dual Type D Flip-Flop
logo
NXP Semiconductors
74F74 PHILIPS-74F74 Datasheet
80Kb / 8P
   Dual D-type flip-flop
1996 Mar 12
logo
Nexperia B.V. All right...
HEF4013B-Q100 NEXPERIA-HEF4013B-Q100 Datasheet
770Kb / 17P
   Dual D-type flip-flop
logo
STMicroelectronics
HCF4013 STMICROELECTRONICS-HCF4013 Datasheet
375Kb / 13P
   Dual D-type flip-flop
May 2013 Rev 4
logo
Nexperia B.V. All right...
HEF4013B NEXPERIA-HEF4013B Datasheet
247Kb / 14P
   Dual D-type flip-flop
Rev. 11 - 9 March 2023
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com