Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14018B Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części MC14018B
Szczegółowy opis  Presettable Divdie-By-N Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14018B Arkusz danych(HTML) 4 Page - ON Semiconductor

  MC14018B Datasheet HTML 1Page - ON Semiconductor MC14018B Datasheet HTML 2Page - ON Semiconductor MC14018B Datasheet HTML 3Page - ON Semiconductor MC14018B Datasheet HTML 4Page - ON Semiconductor MC14018B Datasheet HTML 5Page - ON Semiconductor MC14018B Datasheet HTML 6Page - ON Semiconductor MC14018B Datasheet HTML 7Page - ON Semiconductor MC14018B Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC14018B
http://onsemi.com
4
SWITCHING CHARACTERISTICS (7.) (CL = 50 pF, TA = 25_C)
VDD
All Types
Characteristic
Symbol
VDD
Vdc
Min
Typ (8.)
Max
Unit
Output Rise and Fall Time
tTLH, tTHL = (1.35 ns/pF) CL + 32 ns
tTLH, tTHL = (0.6 ns/pF) CL + 20 ns
tTLH, tTHL = (0.4 ns/pF) CL + 20 ns
tTLH, tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time
Clock to Q
tPLH, tPHL = (0.90 ns/pF) CL + 265 ns
tPLH, tPHL = (0.36 ns/pF) CL + 102 ns
tPLH, tPHL = (0.26 ns/pF) CL + 72 ns
tPLH,
tPHL
5.0
10
15
310
120
85
620
240
170
ns
Reset to Q
tPLH = (0.90 ns/pF) CL + 325 ns
tPLH = (0.36 ns/pF) CL + 132 ns
tPLH = (0.26 ns/pF) CL + 81 ns
5.0
10
15
370
150
100
740
300
200
ns
Preset Enable to Q
tPLH, tPHL = (0.90 ns/pF) CL + 325 ns
tPLH, tPHL = (0.36 ns/pF) CL + 132 ns
tPLH, tPHL = (0.26 ns/pF) CL + 81 ns
5.0
10
15
370
150
100
740
300
200
ns
Setup Time
Data (Pin 1) to Clock
tsu
5.0
10
15
200
100
80
0
0
0
ns
Jam Inputs to Preset Enable
5.0
10
15
200
100
80
0
0
0
ns
Data (Jam Inputs)–to–Preset
Enable Hold Time
th
5.0
10
15
540
500
480
270
250
240
ns
Clock Pulse Width
tWH
5.0
10
15
400
200
160
200
100
80
ns
Reset or Preset Enable
Pulse Width
tWH
5.0
10
15
290
130
110
145
65
55
ns
Clock Rise and Fall Time
tTLH, tTHL
5.0
10
15
No Limit
ns
Clock Pulse Frequency
fcl
5.0
10
15
2.5
6.5
8.0
1.25
3.25
4.0
MHz
7. The formulas given are for the typical characteristics only at 25
_C.
8. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Switching Time Waveforms
ANY INPUT
ANY OUTPUT
20 ns
20 ns
90%
50%
10%
VDD
VSS
VOH
VOL
tPLH
tPHL
tTLH
tTHL
90%
50%
10%


Podobny numer części - MC14018B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC14018B MOTOROLA-MC14018B Datasheet
211Kb / 6P
   Presettable Divide-By-N Counter
logo
ON Semiconductor
MC14018B ONSEMI-MC14018B Datasheet
93Kb / 8P
   Presettable Divide?묪y?묿 Counter
August, 2005 ??Rev. 6
MC14018B ONSEMI-MC14018B Datasheet
103Kb / 5P
   Presettable Divide-By-N Counter
August, 2014 ??Rev. 8
logo
Motorola, Inc
MC14018BCL MOTOROLA-MC14018BCL Datasheet
211Kb / 6P
   Presettable Divide-By-N Counter
MC14018BCP MOTOROLA-MC14018BCP Datasheet
211Kb / 6P
   Presettable Divide-By-N Counter
More results

Podobny opis - MC14018B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
HCC4018B STMICROELECTRONICS-HCC4018B Datasheet
273Kb / 12P
   PRESETTABLE DIVIDE-BY-N COUNTER
HCF4018B STMICROELECTRONICS-HCF4018B_01 Datasheet
443Kb / 11P
   PRESETTABLE DIVIDE-BY-N COUNTER
logo
Motorola, Inc
MC14018B MOTOROLA-MC14018B Datasheet
211Kb / 6P
   Presettable Divide-By-N Counter
logo
ON Semiconductor
MC14018B ONSEMI-MC14018B_14 Datasheet
103Kb / 5P
   Presettable Divide-By-N Counter
August, 2014 ??Rev. 8
logo
Integrated Circuit Syst...
HEF4018B ICST-HEF4018B Datasheet
162Kb / 7P
   Presettable divide-by-N counter
logo
Intersil Corporation
CD4018BMS INTERSIL-CD4018BMS Datasheet
85Kb / 9P
   CMOS Presettable Divide-By- “N” Counter
November 1994
logo
Texas Instruments
CD4018B TI1-CD4018B_15 Datasheet
980Kb / 17P
[Old version datasheet]   CMOS Presettable Divide-by -N counter
CD4018B TI-CD4018B Datasheet
245Kb / 12P
[Old version datasheet]   CMOS PRESETTABLE DIVIDE-BY-N COUNTER
logo
Integral Corp.
IN74ACT161 INTEGRAL-IN74ACT161 Datasheet
222Kb / 8P
   PRESETTABLE COUNTER
logo
National Semiconductor ...
DM74LS196 NSC-DM74LS196 Datasheet
121Kb / 4P
   PRESETTABLE DECADE COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com