Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14020B Arkusz danych(PDF) 5 Page - ON Semiconductor

Numer części MC14020B
Szczegółowy opis  14-Bit Binary Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14020B Arkusz danych(HTML) 5 Page - ON Semiconductor

  MC14020B Datasheet HTML 1Page - ON Semiconductor MC14020B Datasheet HTML 2Page - ON Semiconductor MC14020B Datasheet HTML 3Page - ON Semiconductor MC14020B Datasheet HTML 4Page - ON Semiconductor MC14020B Datasheet HTML 5Page - ON Semiconductor MC14020B Datasheet HTML 6Page - ON Semiconductor MC14020B Datasheet HTML 7Page - ON Semiconductor MC14020B Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC14020B
http://onsemi.com
5
Figure 1. Power Dissipation Test Circuit
and Waveform
Figure 2. Switching Time Test Circuit
and Waveforms
500
µF
0.01
µF
CERAMIC
PULSE
GENERATOR
VDD
CL
CL
CL
VSS
C
R
Q1
Q4
Qn
ID
VDD
VSS
20 ns
20 ns
CLOCK
90%
50%
10%
50% DUTY CYCLE
PULSE
GENERATOR
VDD
VSS
C
R
Q1
Q4
Qn
CL
CL
CL
20 ns
20 ns
CLOCK
90%
50%
10%
tWH
tPLH
tPHL
90%
50%
10%
tTLH
tTHL
Q
Figure 3. Timing Diagram
CLOCK
RESET
Q1
Q4
Q5
Q6
Q7
Q8
Q9
Q10
Q11
Q12
Q13
Q14
16,384
8192
4096
1
2
4
8
16
32
64
128
256
512
1024
2048


Podobny numer części - MC14020B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC14020B MOTOROLA-MC14020B Datasheet
207Kb / 6P
   14-Bit Binary Counter
logo
ON Semiconductor
MC14020B ONSEMI-MC14020B Datasheet
114Kb / 8P
   14?묪it Binary Counter
August, 2005 ??Rev. 6
MC14020B ONSEMI-MC14020B Datasheet
115Kb / 7P
   14-Bit Binary Counter
August, 2014 ??Rev. 9
logo
Motorola, Inc
MC14020BCL MOTOROLA-MC14020BCL Datasheet
207Kb / 6P
   14-Bit Binary Counter
MC14020BCP MOTOROLA-MC14020BCP Datasheet
207Kb / 6P
   14-Bit Binary Counter
More results

Podobny opis - MC14020B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
HD14020B HITACHI-HD14020B Datasheet
80Kb / 7P
   14-bit Binary Counter
logo
ON Semiconductor
MC14020B ONSEMI-MC14020B_14 Datasheet
115Kb / 7P
   14-Bit Binary Counter
August, 2014 ??Rev. 9
logo
Motorola, Inc
MC14020B MOTOROLA-MC14020B Datasheet
207Kb / 6P
   14-Bit Binary Counter
logo
ON Semiconductor
MC14060B ONSEMI-MC14060B_15 Datasheet
145Kb / 8P
   14-Bit Binary Counter and Oscillator
August, 2014 ??Rev. 10
MC14060B ONSEMI-MC14060B Datasheet
238Kb / 8P
   14-Bit Binary Counter and Oscillator
March, 2000 ??Rev. 3
MC14060 ONSEMI-MC14060_04 Datasheet
125Kb / 10P
   14-Bit Binary Counter and Oscillator
July, 2004 ??Rev. 6
MC14060BDG ONSEMI-MC14060BDG Datasheet
159Kb / 9P
   14-Bit Binary Counter and Oscillator
June, 2011 ??Rev. 8
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
logo
Renesas Technology Corp
HD74HC4060 RENESAS-HD74HC4060 Datasheet
89Kb / 7P
   14-stage Binary Counter
logo
NXP Semiconductors
HEF4020BP652 PHILIPS-HEF4020BP652 Datasheet
109Kb / 14P
   14-stage binary counter
Rev. 8-18 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com