Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14022 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC14022
Szczegółowy opis  Octal Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14022 Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC14022 Datasheet HTML 1Page - ON Semiconductor MC14022 Datasheet HTML 2Page - ON Semiconductor MC14022 Datasheet HTML 3Page - ON Semiconductor MC14022 Datasheet HTML 4Page - ON Semiconductor MC14022 Datasheet HTML 5Page - ON Semiconductor MC14022 Datasheet HTML 6Page - ON Semiconductor MC14022 Datasheet HTML 7Page - ON Semiconductor MC14022 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2000
March, 2000 – Rev. 3
1
Publication Order Number:
MC14022B/D
MC14022B
Octal Counter
The MC14022B is a four–stage Johnson octal counter with built–in
code converter. High–speed operation and spike–free outputs are
obtained by use of a Johnson octal counter design. The eight decoded
outputs are normally low, and go high only at their appropriate octal
time period. The output changes occur on the positive–going edge of
the clock pulse. This part can be used in frequency division
applications as well as octal counter or octal decode display
applications.
Fully Static Operation
DC Clock Input Circuit Allows Slow Rise Times
Carry Out Output for Cascading
Supply Voltage Range = 3.0 Vdc to 18 Vdc
Capable of Driving Two Low–power TTL Loads or One Low–power
Schottky TTL Load Over the Rated Temperature Range
Pin–for–Pin Replacement for CD4022B
Triple Diode Protection on All Inputs
MAXIMUM RATINGS (Voltages Referenced to VSS) (Note 1.)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage Range
– 0.5 to +18.0
V
Vin, Vout
Input or Output Voltage Range
(DC or Transient)
– 0.5 to VDD + 0.5
V
Iin, Iout
Input or Output Current
(DC or Transient) per Pin
±10
mA
PD
Power Dissipation,
per Package (Note 2.)
500
mW
TA
Ambient Temperature Range
– 55 to +125
°C
Tstg
Storage Temperature Range
– 65 to +150
°C
TL
Lead Temperature
(8–Second Soldering)
260
°C
1. Maximum Ratings are those values beyond which damage to the device
may occur.
2. Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this
high–impedance circuit. For proper operation, Vin and Vout should be constrained
to the range VSS v (Vin or Vout) v VDD.
Unused inputs must always be tied to an appropriate logic voltage level (e.g.,
either VSS or VDD). Unused outputs must be left open.
http://onsemi.com
A
= Assembly Location
WL or L
= Wafer Lot
YY or Y
= Year
WW or W = Work Week
Device
Package
Shipping
ORDERING INFORMATION
MC14022BCP
PDIP–16
2000/Box
MC14022BD
SOIC–16
2400/Box
MC14022BDR2
SOIC–16
2500/Tape & Reel
MARKING
DIAGRAMS
1
16
PDIP–16
P SUFFIX
CASE 648
MC14022BCP
AWLYYWW
SOIC–16
D SUFFIX
CASE 751B
1
16
14022B
AWLYWW


Podobny numer części - MC14022

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC14022 MOTOROLA-MC14022 Datasheet
262Kb / 7P
   Octal Counter
MC14022B MOTOROLA-MC14022B Datasheet
262Kb / 7P
   Octal Counter
logo
ON Semiconductor
MC14022B ONSEMI-MC14022B Datasheet
104Kb / 8P
   Octal Counter
February, 2005 ??Rev. 5
MC14022B ONSEMI-MC14022B Datasheet
115Kb / 7P
   Octal Counter
August, 2014 ??Rev. 8
MC14022BCP ONSEMI-MC14022BCP Datasheet
104Kb / 8P
   Octal Counter
February, 2005 ??Rev. 5
More results

Podobny opis - MC14022

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC14022B MOTOROLA-MC14022B Datasheet
262Kb / 7P
   Octal Counter
logo
ON Semiconductor
MC14022B ONSEMI-MC14022B_14 Datasheet
115Kb / 7P
   Octal Counter
August, 2014 ??Rev. 8
MC14022B ONSEMI-MC14022B_05 Datasheet
104Kb / 8P
   Octal Counter
February, 2005 ??Rev. 5
logo
National Semiconductor ...
DM74LS461 NSC-DM74LS461 Datasheet
120Kb / 4P
   Octal Counter
logo
Hitachi Semiconductor
HD14022B HITACHI-HD14022B Datasheet
87Kb / 6P
   Octal Counter/Divider
logo
STMicroelectronics
M54HC4022 STMICROELECTRONICS-M54HC4022 Datasheet
256Kb / 12P
   OCTAL COUNTER/DIVIDER
HCF4022B STMICROELECTRONICS-HCF4022B Datasheet
233Kb / 11P
   OCTAL COUNTER WITH 8 DECODED OUTPUTS
logo
Omron Electronics LLC
H7GP-C OMRON-H7GP-C Datasheet
397Kb / 7P
   Total Counter/Time Counter
logo
Pepperl+Fuchs Inc.
KCM-51-C PF-KCM-51-C Datasheet
263Kb / 2P
   Counter
KCM-51-V PF-KCM-51-V Datasheet
264Kb / 2P
   Counter
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com