Zakładka z wyszukiwarką danych komponentów |
|
HCPL-7851-100 Arkusz danych(PDF) 2 Page - Agilent(Hewlett-Packard) |
|
HCPL-7851-100 Arkusz danych(HTML) 2 Page - Agilent(Hewlett-Packard) |
2 / 16 page 2 Superior performance in design critical specifications such as common-mode rejection, offset voltage, nonlinearity, and operating temperature make the HCPL-7850/7851 an excellent choice for designing reliable products such as motor controllers and inverters. Common-mode rejection of 8 kV/ µs makes the HCPL-7850/ 7851 suitable for noisy electrical environments such as those generated by the high switching rates of power IGBTs. Low offset voltage together with a low offset voltage temperature coefficient permits accurate use of auto-calibration techniques. Gain tolerance of 5% with 0.1% nonlinearity further provide the performance necessary for accurate feedback and control. Selection Guide-Package Styles and Lead Configuration Options Agilent Part Number and Options Commercial HCPL-7850 MIL-PRF-38534, Class H HCPL-7851 Standard Lead Finish Gold Plate Solder Dipped Option #200 Butt Cut/Gold Plate Option #100 Gull Wing/Soldered Option #300 SMD Part Number Prescript for all below 5962- Either Gold or Solder 9755701HPX Gold Plate 9755701HPC Solder Dipped 9755701HPA Butt Cut/Gold Plate 9755701HYC Butt Cut/Soldered 9755701HYA Gull Wing/Soldered 9755701HXA Device Marking COMPLIANCE INDICATOR,* DATE CODE, SUFFIX (IF NEEDED) A QYYWWZ XXXXXXXX XXXXXXXXX XXX XXX 50434 COUNTRY OF MFR. Agilent CAGE CODE* Agilent DESIGNATOR DSCC SMD* PIN ONE/ ESD IDENT Agilent P/N DSCC SMD* * QUALIFIED PARTS ONLY |
Podobny numer części - HCPL-7851-100 |
|
Podobny opis - HCPL-7851-100 |