Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC1403 Arkusz danych(PDF) 1 Page - ON Semiconductor

Numer części MC1403
Szczegółowy opis  PRECISION LOW VOLTAGE REFERENCE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1403 Arkusz danych(HTML) 1 Page - ON Semiconductor

  MC1403 Datasheet HTML 1Page - ON Semiconductor MC1403 Datasheet HTML 2Page - ON Semiconductor MC1403 Datasheet HTML 3Page - ON Semiconductor MC1403 Datasheet HTML 4Page - ON Semiconductor MC1403 Datasheet HTML 5Page - ON Semiconductor MC1403 Datasheet HTML 6Page - ON Semiconductor MC1403 Datasheet HTML 7Page - ON Semiconductor MC1403 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MC1403, B
SEMICONDUCTOR
TECHNICAL DATA
PRECISION LOW VOLTAGE
REFERENCE
ORDERING INFORMATION
Order this document by MC1403/D
P1 SUFFIX
PLASTIC PACKAGE
CASE 626
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
NC
NC
NC
NC
8
1
3
Vout
Gnd
4
2
NC
7
Vin
6
5
8
1
8
1
Device
Operating
Temperature Range
Package
MC1403D
MC1403P1
MC1403BD
MC1403BP1
TA = 0° to +70°C
Plastic DIP
SO–8
SO–8
Plastic DIP
TA = – 40° to +85°C
PIN CONNECTIONS
1
MOTOROLA ANALOG IC DEVICE DATA
Low Voltage Reference
A precision band–gap voltage reference designed for critical
instrumentation and D/A converter applications. This unit is designed to work
with D/A converters, up to 12 bits in accuracy, or as a reference for power
supply applications.
Output Voltage: 2.5 V "25 mV
Input Voltage Range: 4.5 V to 40 V
Quiescent Current: 1.2 mA Typical
Output Current: 10 mA
Temperature Coefficient: 10 ppm/°C Typical
Guaranteed Temperature Drift Specification
Equivalent to AD580
Standard 8–Pin DIP, and 8–Pin SOIC Package
Typical Applications
Voltage Reference for 8 to 12 Bit D/A Converters
Low TC Zener Replacement
High Stability Current Reference
Voltmeter System Reference
MAXIMUM RATINGS (TA = 25°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Input Voltage
VI
40
V
Storage Temperature
Tstg
– 65 to 150
°C
Junction Temperature
TJ
+175
°C
Operating Ambient Temperature Range
MC1403B
MC1403
TA
– 40 to +85
0 to + 70
°C
°C
Figure 1. A Reference for Monolithic D/A Converters
* Caution: System stability may be affected if output capacitance
* exceeds 1.0
µF. Using higher capacitance values is not
* recommended and should be carefully considered.
MC1403
1.0 k
3
2
1
+ 5.0 V
1.2 k
R3
IRef
Full Scale
Adjust 500
Monolithic D/A
Converter
*0.1
µF
C1
R2
R1
Reference
Amplifier
Providing the Reference Current
for Motorola Monolithic D/A Converters
The MC1403 makes an ideal reference for many mono-
lithic D/A converters, requiring a stable current reference of
nominally 2.0 mA. This can be easily obtained from the
MC1403 with the addition of a series resistor, R1. A variable
resistor, R2, is recommended to provide means for full–
scale adjust on the D/A converter.
The resistor R3 improves temperature performance by
matching the impedance on both inputs of the D/A reference
amplifier. The capacitor decouples any noise present on the
reference line. It is essential if the D/A converter is located
any appreciable distance from the reference.
A single MC1403 reference can provide the required
current input for up to five of the monolithic D/A converters.
2.5 V
© Motorola, Inc. 1996
Rev 1


Podobny numer części - MC1403

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC1403 MOTOROLA-MC1403 Datasheet
127Kb / 8P
   Low Voltage Reference
logo
STMicroelectronics
MC1403 STMICROELECTRONICS-MC1403 Datasheet
37Kb / 4P
   2.5V PRECISION SERIAL VOLTAGE REFERENCE
October 1997
logo
Motorola, Inc
MC1403 MOTOROLA-MC1403 Datasheet
450Kb / 12P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS) 3 1/2 DIGIT A/D CONVERTER
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
91Kb / 8P
   Low Voltage Reference
March, 2005 ??Rev. 4
logo
STMicroelectronics
MC1403 STMICROELECTRONICS-MC1403 Datasheet
40Kb / 3P
   2.5V PRECISION SERIAL VOLTAGE REFERENCE
More results

Podobny opis - MC1403

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT431L CATALYST-CAT431L Datasheet
146Kb / 11P
   Low-Voltage Adjustable Precision Voltage Reference
logo
Texas Instruments
LM4132 TI1-LM4132 Datasheet
1Mb / 41P
[Old version datasheet]   Precision Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com