Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC1403 Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części MC1403
Szczegółowy opis  PRECISION LOW VOLTAGE REFERENCE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1403 Arkusz danych(HTML) 4 Page - ON Semiconductor

  MC1403 Datasheet HTML 1Page - ON Semiconductor MC1403 Datasheet HTML 2Page - ON Semiconductor MC1403 Datasheet HTML 3Page - ON Semiconductor MC1403 Datasheet HTML 4Page - ON Semiconductor MC1403 Datasheet HTML 5Page - ON Semiconductor MC1403 Datasheet HTML 6Page - ON Semiconductor MC1403 Datasheet HTML 7Page - ON Semiconductor MC1403 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC1403, B
4
MOTOROLA ANALOG IC DEVICE DATA
3–1/2–Digit Voltmeter – Common Anode
Displays, Flashing Overrange
An example of a 3–1/2–digit voltmeter using the MC14433
is shown in the circuit diagram of Figure 8. The reference
voltage for the system uses an MC1403 2.5 V reference IC.
The full scale potentiometer can calibrate for a full scale of
199.9 mV or 1.999 V. When switching from 2.0 V to 200 mV
operation, RI is also changed, as shown on the diagram.
When using RC equal to 300 kΩ, the clock frequency for
the system is about 66 kHz. The resulting conversion time is
approximately 250 ms.
When the input is overrange, the display flashes on and
off. The flashing rate is one–half the conversion rate. This is
done by dividing the EOC pulse rate by 2 with 1/2 MC14013B
flip–flop and blanking the display using the blanking input of
the MC14543B.
The display uses an LED display with common anode digit
lines driven with an MC14543B decoder and an MC1413
LED driver. The MC1413 contains 7 Darlington transistor
drivers and resistors to drive the segments of the display. The
digit drive is provided by four MPS–A12 Darlington
transistors operating in an emitter–follower configuration.
The MC14543B, MC14013B and LED displays are
referenced to VEE via Pin 13 of the MC14433. This places the
full power supply voltage across the display. The current for
the display may be adjusted by the value of the segment
resistors shown as 150
Ω in Figure 8.
Figure 8. 3–1/2–Digit Voltmeter
Common
Anode
LED
Display
* RI = 470 kΩ for 2.0 V Range
RI = 27 kΩ for 200 mV Range
** Mylar Capacitor
0.1
µF
3
2
1
+5.0 V
0.1
µF
RC
300 k
VX
RI *
20 k
–5.0 V
0.1
µF
+5.0 V
0.1
µF
0.1
µF
Plus Sign
50
µF
Minus Sign
Segment Resistors
150
Ω (7)
MPS–A12
+5.0 V
MC14013B
51 k
MC14433
0.1
µF
CQ
Q
R
S
D
14
DS1
6
710
–5.0 V
–5.0 V
C
8
6
16
1
19
5.0 V
D S
R
Q
Q
+5.0 V
MPS–A12
(4)
7
MC1403
200
110
0.1
µF **
DS2
DS3
DS4
1
2
8
13
12
11
9
4
3
5
10
1
2
3
4
5
9
5
3
2
4
16
15
14
13
11
12
7
15
14
13
6
11
10
14
16
17
18
15
8
7
6
5
4
13
12
9
22
23
21
24
1
12
20
2
10
11
3
ba
c
d
e
g
f
+5.0 V
+5.0 V
–5.0 V
–5.0 V
–5.0 V
–5.0 V
–5.0 V


Podobny numer części - MC1403

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC1403 MOTOROLA-MC1403 Datasheet
127Kb / 8P
   Low Voltage Reference
logo
STMicroelectronics
MC1403 STMICROELECTRONICS-MC1403 Datasheet
37Kb / 4P
   2.5V PRECISION SERIAL VOLTAGE REFERENCE
October 1997
logo
Motorola, Inc
MC1403 MOTOROLA-MC1403 Datasheet
450Kb / 12P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS) 3 1/2 DIGIT A/D CONVERTER
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
91Kb / 8P
   Low Voltage Reference
March, 2005 ??Rev. 4
logo
STMicroelectronics
MC1403 STMICROELECTRONICS-MC1403 Datasheet
40Kb / 3P
   2.5V PRECISION SERIAL VOLTAGE REFERENCE
More results

Podobny opis - MC1403

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT431L CATALYST-CAT431L Datasheet
146Kb / 11P
   Low-Voltage Adjustable Precision Voltage Reference
logo
Texas Instruments
LM4132 TI1-LM4132 Datasheet
1Mb / 41P
[Old version datasheet]   Precision Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com