Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC1403P1 Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części MC1403P1
Szczegółowy opis  PRECISION LOW VOLTAGE REFERENCE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1403P1 Arkusz danych(HTML) 2 Page - ON Semiconductor

  MC1403P1 Datasheet HTML 1Page - ON Semiconductor MC1403P1 Datasheet HTML 2Page - ON Semiconductor MC1403P1 Datasheet HTML 3Page - ON Semiconductor MC1403P1 Datasheet HTML 4Page - ON Semiconductor MC1403P1 Datasheet HTML 5Page - ON Semiconductor MC1403P1 Datasheet HTML 6Page - ON Semiconductor MC1403P1 Datasheet HTML 7Page - ON Semiconductor MC1403P1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC1403, B
2
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (Vin = 15 V, TA = 25°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage
Vout
2.475
2.5
2.525
V
(IO = 0 mA)
Temperature Coefficient of Output Voltage*
∆VO/∆T
10
40
ppm/
°C
MC1403
Output Voltage Change*
∆VO
mV
(Over specified temperature range)
MC1403B
0 to + 70
°C
MC1403B
– 40 to + 85
°C
7.0
12.5
Line Regulation (IO = 0 mA)
Regline
mV
(15 V
p VI p 40 V)
(4.5 V
p VI p 15 V)
1.2
0.6
4.5
3.0
Load Regulation
Regload
10
mV
(0 mA < IO < 10 mA)
Quiescent Current
IQ
1.2
1.5
mA
(IO = 0 mA)
* Guaranteed but not tested.
Figure 2. MC1403, B Schematic
1.73 k
1.5 k
Vout
32
1.483 k
10 k
Vin
2.0 k
2.0 k
30 pF
C1
2.37 k
1.0 k
5.61 k
2.0 k
1.0 k
2.0 k
This device contains 15 active transistors.


Podobny numer części - MC1403P1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC1403P1 ONSEMI-MC1403P1 Datasheet
91Kb / 8P
   Low Voltage Reference
March, 2005 ??Rev. 4
MC1403P1G ONSEMI-MC1403P1G Datasheet
91Kb / 8P
   Low Voltage Reference
March, 2005 ??Rev. 4
More results

Podobny opis - MC1403P1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT431L CATALYST-CAT431L Datasheet
146Kb / 11P
   Low-Voltage Adjustable Precision Voltage Reference
logo
Texas Instruments
LM4132 TI1-LM4132 Datasheet
1Mb / 41P
[Old version datasheet]   Precision Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com