Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC1403BD Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC1403BD
Szczegółowy opis  PRECISION LOW VOLTAGE REFERENCE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1403BD Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC1403BD Datasheet HTML 1Page - ON Semiconductor MC1403BD Datasheet HTML 2Page - ON Semiconductor MC1403BD Datasheet HTML 3Page - ON Semiconductor MC1403BD Datasheet HTML 4Page - ON Semiconductor MC1403BD Datasheet HTML 5Page - ON Semiconductor MC1403BD Datasheet HTML 6Page - ON Semiconductor MC1403BD Datasheet HTML 7Page - ON Semiconductor MC1403BD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC1403, B
3
MOTOROLA ANALOG IC DEVICE DATA
–10
–12
TA, TEMPERATURE (°C)
4.0
2.0
0
–2.0
–4.0
–6.0
–8.0
TA, TEMPERATURE (°C)
–12
–10
–8.0
–6.0
–4.0
–2.0
0
–14
Figure 3. Typical Change in Vout versus Vin
(Normalized to Vin = 15 V @ TC = 25°C)
Figure 4. Change in Output Voltage
versus Load Current
(Normalized to Vout @ Vin = 15 V, Iout = 0 mA)
Vin, INPUT VOLTAGE (V)
2.0
1.0
0
–1.0
–2.0
–3.0
–4.0
–5.0
–6.0
010
20
30
40
50
25
°C
0
°C
75
°C
Iout, OUTPUT CURRENT (mA)
10
9.0
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10
75
°C
0
°C
25
°C
Figure 5. Quiescent Current versus Temperature
(Vin = 15 V, Iout = 0 mA)
TA, TEMPERATURE (°C)
0
1.25
1.20
1.15
1.10
1.05
1.00
0.95
0.90
80
60
40
20
0
–40
–20
Figure 6. Change in Vout versus Temperature
(Normalized to Vout @ Vin = 15 V)
Figure 7. Change in Vout versus Temperature
(Normalized to TA = 25°C, Vin = 15 V, Iout = 0 mA)
85
70
50
30
10
–10
–30
80
60
40
20
0
–40
–20
85
70
50
30
10
–10
–30
Vin = 5.0 V
Vin = 15 V
Iout = 2 mA
80
60
40
20
0
–40
–20
85
70
50
30
10
–10
–30
IO = 0 mA
= 2.0 mA
= 5.0 mA
= 8.0 mA


Podobny numer części - MC1403BD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC1403BD ONSEMI-MC1403BD Datasheet
91Kb / 8P
   Low Voltage Reference
March, 2005 ??Rev. 4
MC1403BDG ONSEMI-MC1403BDG Datasheet
91Kb / 8P
   Low Voltage Reference
March, 2005 ??Rev. 4
MC1403BDR2 ONSEMI-MC1403BDR2 Datasheet
91Kb / 8P
   Low Voltage Reference
March, 2005 ??Rev. 4
More results

Podobny opis - MC1403BD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT431L CATALYST-CAT431L Datasheet
146Kb / 11P
   Low-Voltage Adjustable Precision Voltage Reference
logo
Texas Instruments
LM4132 TI1-LM4132 Datasheet
1Mb / 41P
[Old version datasheet]   Precision Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
   Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
   Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
   Precision Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com