Zakładka z wyszukiwarką danych komponentów |
|
MC14051BF Arkusz danych(PDF) 6 Page - ON Semiconductor |
|
MC14051BF Arkusz danych(HTML) 6 Page - ON Semiconductor |
6 / 12 page MC14051B, MC14052B, MC14053B http://onsemi.com 6 TEST CIRCUITS Figure 5. DV Across Switch Figure 6. Propagation Delay Times, Control and Inhibit to Output Figure 7. Bandwidth and Off−Channel Feedthrough Attenuation Figure 8. Channel Separation (Adjacent Channels Used For Setup) Figure 9. Crosstalk, Control Input to Common O/I Figure 10. Off Channel Leakage CONTROL SECTION OF IC SOURCE V ON SWITCH PULSE GENERATOR INH A B C RL CL Vout VDD VEE VEE VDD INH A B C VSS Vin RL CL = 50 pF Vout VDD − VEE 2 INH A B C OFF ON RL RL CL = 50 pF Vout Vin VDD − VEE 2 INH A B C R1 RL CL = 50 pF Vout CONTROL SECTION OF IC OFF CHANNEL UNDER TEST OTHER CHANNEL(S) COMMON VDD VEE VEE VDD VEE VDD NOTE: See also Figures 7 and 8 in the MC14016B data sheet. A, B, and C inputs used to turn ON or OFF the switch under test. LOAD |
Podobny numer części - MC14051BF |
|
Podobny opis - MC14051BF |